Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6301 Datasheet(PDF) 3 Page - Sirectifier Global Corp.

Part # 1N6301
Description  1500W TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

1N6301 Datasheet(HTML) 3 Page - Sirectifier Global Corp.

  1N6301 Datasheet HTML 1Page - Sirectifier Global Corp. 1N6301 Datasheet HTML 2Page - Sirectifier Global Corp. 1N6301 Datasheet HTML 3Page - Sirectifier Global Corp. 1N6301 Datasheet HTML 4Page - Sirectifier Global Corp. 1N6301 Datasheet HTML 5Page - Sirectifier Global Corp. 1N6301 Datasheet HTML 6Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
http:// www.sirectsemi.com
BREAKDOWN
VBR(VOLTS)
DEVICE
GENERAL
PART
NUMBER
MIN
MAX
@IT
(mA)
WORKING
PEAK
REVERSE
VOLTAGE
VRWM(VOLTS)
MAXIMUM
REVERSE
LEAKAGE
AT VRWM
IR(
μA)
MAXIMUM
REVERSE
CURRENT
IRSM
(AMPS)
MAX
CLAMPING
VOLTAGE
VRWM
(VOLTS)
MAXIMUM
TEMPERATURE
COEFFICIENT
OF VBR(%C)
VRSM(VOLTS)
1N6294
1N6294A
1N6295
1N6295A
1N6296
1N6296A
1N6297
1N6297A
1N6298
1N6298A
1N6299
1N6299A
1N6300
1N6300A
1N6301
1N6301A
1N6302
1N6302A
1N6303
1N6303A
1.5KE91(C)-LF
1.5KE91(C)A-LF
1.5KE100(C)-LF
1.5KE100(C)A-LF
1.5KE110(C)-LF
1.5KE110(C)A-LF
1.5KE120(C)-LF
1.5KE120(C)A-LF
1.5KE130(C)-LF
1.5KE130(C)A-LF
1.5KE150(C)-LF
1.5KE150(C)A-LF
1.5KE160(C)-LF
1.5KE160(C)A-LF
1.5KE170(C)-LF
1.5KE170(C)A-LF
1.5KE180(C)-LF
1.5KE180(C)A-LF
1.5KE200(C)-LF
1.5KE200(C)A-LF
1.5KE220(C)-LF
1.5KE220(C)A-LF
1.5KE250(C)-LF
1.5KE250(C)A-LF
1.5KE300(C)-LF
1.5KE300(C)A-LF
1.5KE350(C)-LF
1.5KE350(C)A-LF
1.5KE400(C)-LF
1.5KE400(C)A-LF
1.5KE440(C)-LF
1.5KE440(C)A-LF
1.5KE480(C)-LF
1.5KE480(C)A-LF
1.5KE510(C)-LF
1.5KE510(C)A-LF
1.5KE540(C)-LF
1.5KE540(C)A-LF
81.9
86.5
90.0
95.0
99.0
106.0
108.0
114.0
117.0
124.0
136.0
143.0
144.0
152.0
153.0
162.0
162.0
171.0
180.0
190.0
196.0
209.0
225.0
237.0
270.0
285.0
315.0
333.0
360.0
380.0
396.0
418.0
432.0
456.0
459.0
485.0
486.0
513.0
100.0
95.50
110.0
105.0
121.0
116.0
132.0
126.0
143.0
137.0
165.0
158.0
176.0
168.0
187.0
179.0
198.0
189.0
220.0
210.0
242.0
231.0
275.0
263.0
330.0
315.0
385.0
368.0
440.0
420.0
484.0
462.0
528.0
504.0
561.0
535.0
594.0
567.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
73.7
77.8
81.0
85.5
89.2
94.0
97.2
102.0
106.0
111.0
121.0
128.0
130.0
136.0
138.0
145.0
146.0
154.0
162.0
171.0
175.0
185.0
202.0
214.0
243.0
256.0
284.0
300.0
324.0
342.0
356.0
376.0
389.0
408.0
413.0
434.0
437.0
459.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
11.4
12.0
10.4
11.0
9.5
9.9
8.7
9.1
8.0
8.4
7.0
7.2
6.5
6.8
6.2
6.4
5.8
6.1
5.2
5.5
4.4
4.6
4.2
4.4
3.5
3.6
3.0
3.1
2.6
2.7
2.4
2.5
2.19
2.28
2.06
2.15
1.94
2.03
131.8
125.0
144.0
137.0
158.0
152.0
173.0
165.0
187.0
179.0
215.0
207.0
230.0
219.0
244.0
234.0
258.0
246.0
287.0
274.0
344.0
328.0
360.0
344.0
430.0
414.0
504.0
482.0
574.0
548.0
631.0
602.0
686.0
658.0
729.0
698.0
772.0
740.0
0.106
0.106
0.106
0.106
0.107
0.107
0.107
0.107
0.107
0.107
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
NOTES:
1. VBR MEASURED AFTER IT APPLIED FOR 300 μS,IT=SQUARE WAVE PULSE OR EQUIVALENT
2. SURGE CURRENT WAVEFORM PER FIGURE 3 AND DERATED PER FIGURE 2.
3. VF=3.5V MAX, IF=100A (1.5KE6.8(C) THRU 1.5KE200(C)A)
VF=6.5V MAX, IF=100A (1.5KE220(C) THRU 1.5KE540(C)A) PER 1/2 SQUARE OR EQUIVALENT SINE WAVE.
PW=8.3ms, DUTY CYCLE=4 PULSES PER MINUTE MXIMUM
4. FOR BIPOLAR TYPES HAVING VRWM OF 10 VOLTS AND UNDER, THE IR LIMIT IS DOUBLED


Similar Part No. - 1N6301

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N6301 TRSYS-1N6301 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
1N6301 VISHAY-1N6301 Datasheet
125Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
First Silicon Co., Ltd
1N6301 FS-1N6301 Datasheet
702Kb / 6P
   Transient Voltage Suppressors Peak Pluse Power 1500W Breakdown Voltage 6.8 to 550V
logo
Dc Components
1N6301 DCCOM-1N6301 Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Chongqing Pingwei Enter...
1N6301 CHONGQING-1N6301 Datasheet
62Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1N6301

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMCJ LEIDITECH-SMCJ Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
1.5KE LEIDITECH-1.5KE Datasheet
886Kb / 5P
   1500W Transient Voltage Suppressor
SMB15J LEIDITECH-SMB15J Datasheet
558Kb / 4P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8A DIODES-1.5KE6V8A_1 Datasheet
72Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
1.5KE6V8A DIODES-1.5KE6V8A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
WeEn Semiconductors
SMCJ WEEN-SMCJ Datasheet
598Kb / 7P
   1500W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com