Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRF7669L2TR Datasheet(PDF) 4 Page - International Rectifier

Part # AUIRF7669L2TR
Description  Automotive DirectFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRF7669L2TR Datasheet(HTML) 4 Page - International Rectifier

  AUIRF7669L2TR Datasheet HTML 1Page - International Rectifier AUIRF7669L2TR Datasheet HTML 2Page - International Rectifier AUIRF7669L2TR Datasheet HTML 3Page - International Rectifier AUIRF7669L2TR Datasheet HTML 4Page - International Rectifier AUIRF7669L2TR Datasheet HTML 5Page - International Rectifier AUIRF7669L2TR Datasheet HTML 6Page - International Rectifier AUIRF7669L2TR Datasheet HTML 7Page - International Rectifier AUIRF7669L2TR Datasheet HTML 8Page - International Rectifier AUIRF7669L2TR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AUIRF7669L2TR/TR1
4
www.irf.com
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical On-Resistance vs. Gate Voltage
Fig 4. Typical On-Resistance vs. Drain Current
Fig 6. Normalized On-Resistance vs. Temperature
Fig 5. Typical Transfer Characteristics
0.1
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
VGS
TOP
15V
10V
8.0V
7.0V
6.5V
6.0V
5.8V
BOTTOM
5.5V
≤60µs PULSE WIDTH
Tj = 25°C
5.5V
0.1
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
5.5V
≤60µs PULSE WIDTH
Tj = 175°C
VGS
TOP
15V
10V
8.0V
7.0V
6.5V
6.0V
5.8V
BOTTOM
5.5V
5
10
15
20
VGS, Gate -to -Source Voltage (V)
0
2
4
6
8
10
12
ID = 68A
TJ = 125°C
TJ = 25°C
-60 -40 -20 0 20 40 60 80 100120140160180
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
2.5
ID = 68A
VGS = 10V
0
50
100
150
200
ID, Drain Current (A)
3.2
3.4
3.6
3.8
4.0
Vgs = 10V
3
4
5
6
7
8
9
10
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = -40°C
TJ = 25°C
TJ = 175°C
VDS = 25V
≤60µs PULSE WIDTH


Similar Part No. - AUIRF7669L2TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRF7669L2TR IRF-AUIRF7669L2TR Datasheet
249Kb / 11P
   Automotive DirectFET Power MOSFET
logo
Infineon Technologies A...
AUIRF7669L2TR INFINEON-AUIRF7669L2TR Datasheet
449Kb / 11P
   Advanced Process Technology
2015-11-16
logo
International Rectifier
AUIRF7669L2TR1 IRF-AUIRF7669L2TR1 Datasheet
249Kb / 11P
   Automotive DirectFET Power MOSFET
AUIRF7669L2TR IRF-AUIRF7669L2TR_11 Datasheet
249Kb / 11P
   Automotive DirectFET Power MOSFET
logo
Infineon Technologies A...
AUIRF7669L2TR INFINEON-AUIRF7669L2TR_15 Datasheet
449Kb / 11P
   Automotive DirectFET Power MOSFET
2015-11-16
More results

Similar Description - AUIRF7669L2TR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRF7734M2TR INFINEON-AUIRF7734M2TR_15 Datasheet
438Kb / 11P
   Automotive DirectFET Power MOSFET
2015-10-5
AUIRF7759L2TR INFINEON-AUIRF7759L2TR_15 Datasheet
446Kb / 11P
   Automotive DirectFET Power MOSFET
2015-10-5
AUIRL7766M2TR INFINEON-AUIRL7766M2TR_15 Datasheet
440Kb / 11P
   Automotive DirectFET Power MOSFET
2015-12-11
AUIRF7769L2TR INFINEON-AUIRF7769L2TR_15 Datasheet
453Kb / 11P
   Automotive DirectFET Power MOSFET
2015-10-5
logo
International Rectifier
AUIRF7736M2TR1 IRF-AUIRF7736M2TR1 Datasheet
300Kb / 10P
   Automotive DirectFETPower MOSFET
logo
Infineon Technologies A...
AUIRF7737L2TR INFINEON-AUIRF7737L2TR Datasheet
298Kb / 10P
    Automotive DirectFET Power MOSFET
11/08/10
AUIRF7669L2TR INFINEON-AUIRF7669L2TR_15 Datasheet
449Kb / 11P
   Automotive DirectFET Power MOSFET
2015-11-16
logo
International Rectifier
AUIRL7766M2TR IRF-AUIRL7766M2TR Datasheet
234Kb / 11P
   Automotive DirectFETPower MOSFET
AUIRF7669L2TR IRF-AUIRF7669L2TR_11 Datasheet
249Kb / 11P
   Automotive DirectFET Power MOSFET
AUIRF7734M2TR IRF-AUIRF7734M2TR Datasheet
230Kb / 11P
   Automotive DirectFETPower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com