Electronic Components Datasheet Search |
|
AUIRFR2905ZTR Datasheet(PDF) 11 Page - International Rectifier |
|
AUIRFR2905ZTR Datasheet(HTML) 11 Page - International Rectifier |
11 / 13 page AUIRFR2905Z www.irf.com 11 D-Pak (TO-252AA) Tape & Reel Information Dimensions are shown in millimeters (inches) TR 16.3 ( .641 ) 15.7 ( .619 ) 8.1 ( .318 ) 7.9 ( .312 ) 12.1 ( .476 ) 11.9 ( .469 ) FEED DIRECTION FEED DIRECTION 16.3 ( .641 ) 15.7 ( .619 ) TRR TRL NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS ( INCHES ). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541. NOTES : 1. OUTLINE CONFORMS TO EIA-481. 16 mm 13 INCH Repetitive rating; pulse width limited by max. junction temperature. (See fig. 11). Limited by TJmax, starting TJ = 25°C, L = 0.08mH RG = 25 Ω, IAS = 36A, VGS =10V. Part not recommended for use above this value. Pulse width ≤ 1.0ms; duty cycle ≤ 2%. Coss eff. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS . Notes:
Limited by TJmax , see Fig.12a, 12b, 15, 16 for typical repetitive avalanche performance. This value determined from sample failure population. 100% tested to this value in production. When mounted on 1" square PCB (FR-4 or G-10 Material) . application note #AN-994 Rθ is measured at TJ approximately 90°C Calculated continuous current based on maximum allowable junction temperature. Package limitation current is 42A |
Similar Part No. - AUIRFR2905ZTR |
|
Similar Description - AUIRFR2905ZTR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |