Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRFR3504ZTR Datasheet(PDF) 2 Page - International Rectifier

Part # AUIRFR3504ZTR
Description  HEXFET짰 Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRFR3504ZTR Datasheet(HTML) 2 Page - International Rectifier

  AUIRFR3504ZTR Datasheet HTML 1Page - International Rectifier AUIRFR3504ZTR Datasheet HTML 2Page - International Rectifier AUIRFR3504ZTR Datasheet HTML 3Page - International Rectifier AUIRFR3504ZTR Datasheet HTML 4Page - International Rectifier AUIRFR3504ZTR Datasheet HTML 5Page - International Rectifier AUIRFR3504ZTR Datasheet HTML 6Page - International Rectifier AUIRFR3504ZTR Datasheet HTML 7Page - International Rectifier AUIRFR3504ZTR Datasheet HTML 8Page - International Rectifier AUIRFR3504ZTR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AUIRFR3504Z
2
www.irf.com
S
D
G
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11).
‚ Limited by TJmax, starting TJ = 25°C, L = 0.09mH,
RG = 25Ω, IAS = 42A, VGS =10V. Part not
recommended for use above this value.
ƒ Pulse width ≤ 1.0ms; duty cycle ≤ 2%.
„ Coss eff. is a fixed capacitance that gives the same
charging time as Coss while VDS is rising from 0 to
80% VDSS .
… Limited by TJmax , see Fig.12a, 12b, 15, 16 for typical repetitive
avalanche performance.
† This value determined from sample failure population,
starting TJ = 25°C, L = 0.09mH, RG = 25Ω, IAS = 42A, VGS =10V.
‡ When mounted on 1" square PCB (FR-4 or G-10 Material) .
For recommended footprint and soldering techniques refer to
application note #AN-994.
ˆ Rθ is measured at TJ approximately 90°C.
Static Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage40
–––
–––
V
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.032
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
8.23
9.0
m
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
gfs
Forward Transconductance
32
–––
–––
S
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
nA
Gate-to-Source Reverse Leakage
–––
–––
-200
Dynamic Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Qg
Total Gate Charge
–––
30
45
Qgs
Gate-to-Source Charge
–––
9.6
–––
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
12
–––
td(on)
Turn-On Delay Time
–––15–––
tr
Rise Time
–––74–––
td(off)
Turn-Off Delay Time
–––30–––
ns
tf
Fall Time
–––38–––
LD
Internal Drain Inductance
–––
4.5
–––
Between lead,
nH
6mm (0.25in.)
LS
Internal Source Inductance
–––
7.5
–––
from package
and center of die contact
Ciss
Input Capacitance
–––
1510
–––
Coss
Output Capacitance
–––
340
–––
Crss
Reverse Transfer Capacitance
–––
190
–––
pF
Coss
Output Capacitance
–––
1100
–––
Coss
Output Capacitance
–––
340
–––
Coss eff.
Effective Output Capacitance
–––
460
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
42
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
310
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
18
27
ns
Qrr
Reverse Recovery Charge–––
9.2
14
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Conditions
VDS = 10V, ID = 42A
ID = 42A
VDS = 32V
VGS = 20V
VGS = -20V
Conditions
VGS = 10V
e
VGS = 0V
VDS = 25V
ƒ = 1.0MHz
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
VGS = 0V, VDS = 32V, ƒ = 1.0MHz
VGS = 0V, VDS = 0V to 32V f
MOSFET symbol
showing the
integral reverse
p-n junction diode.
TJ = 25°C, IS = 42A, VGS = 0V e
TJ = 25°C, IF = 42A, VDD = 20V
di/dt = 100A/µs
e
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 42A e
VDS = VGS, ID = 250µA
VDS = 40V, VGS = 0V
VDS = 40V, VGS = 0V, TJ = 125°C
VGS = 10V e
VDD = 20V
ID = 42A
RG = 15


Similar Part No. - AUIRFR3504ZTR

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
AUIRFR3504Z KERSEMI-AUIRFR3504Z Datasheet
4Mb / 11P
   AUTOMOTIVE GRADE
logo
List of Unclassifed Man...
AUIRFR3504Z ETC2-AUIRFR3504Z Datasheet
274Kb / 13P
   Low On-Resistance
logo
Infineon Technologies A...
AUIRFR3504Z INFINEON-AUIRFR3504Z Datasheet
669Kb / 11P
   Advanced Process Technology
2015-11-23
More results

Similar Description - AUIRFR3504ZTR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com