Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT1118X-3.3J Datasheet(PDF) 2 Page - Sirectifier Global Corp.

Part # MT1118X-3.3J
Description  1A LDO LINEAR VOLTAGE / REGULATORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

MT1118X-3.3J Datasheet(HTML) 2 Page - Sirectifier Global Corp.

  MT1118X-3.3J Datasheet HTML 1Page - Sirectifier Global Corp. MT1118X-3.3J Datasheet HTML 2Page - Sirectifier Global Corp. MT1118X-3.3J Datasheet HTML 3Page - Sirectifier Global Corp. MT1118X-3.3J Datasheet HTML 4Page - Sirectifier Global Corp. MT1118X-3.3J Datasheet HTML 5Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
- 2 -
http:// www.sirectsemi.com
ABSOLUTE MAXTMUM RETINGS
SYMBOL
PARAMETER
MAXIMUM
UNITS
VIN
Input supply voltage
6
V
θJA
Thermal resistance junction to ambient
SOT-89
SOT-23 & SOT-23-5
71
230
OC/W
TJ
Operating junction temperature range
150
OC
TSTG
Storage temperature range
- 65 to 150
OC
TLEAD
Lead temperature (soldering) 10sec
260
OC
Note 1: Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground. Currents
are positive into, negative out of the specified terminal.
ORDERING INFORMATION
DEVICE
PACKAGE
VOUT VOLTS
(max)A
TA (
OC)
MT1118X-X.XJ
J
SOT-89
X.X_ 1.5/ 1.8/ 2.5/ 2.8/ 3.0/ 3.3
500mA
-40 ~ 85
MT1118X-XXY
S
SOT-23
X_1/ 2, Y_A/ B/ C/ D/ E/ F
300mA
-40 ~ 85
POWER DISSIPATION TABLE:
Package
θ
JA
(
OC /W )
Df( mW/
OC)
TA≥ 25
OC
TA≤ 25
OC
Power rating(mW)
TA=70
OC
Power rating(mW)
TA= 85
OC
Power rating (mW)
J
71
14.1
1763
1128
916
S
230
3.5
397
239
187
N
230
3.5
397
239
187
Note :
1. Exceeding the maximum allowable power disspation will result in excessive die temperature, and the regulator will go into
thermal shutdown.
2.TJ: Junction Temperature Calculation:
TJ = TA+ (PD × θJA)
The
θ
JA numbers are guidelines for the thermal performance of the device/PC-board system. All of the above assume no
ambient airflow.
3.
θ
JA
: Thermal Resistance-Junction to Ambient, DF : Derating factor, Po: Power consumption.
4.
θJT: Thermal Resistance-Junction to Ambient, TC: case(Tab) temperature,
TJ = TC + (PD × θJT)
for S package.
RECOMMENDED OPERATING CONDITIONS:
Recommended Operating
Symbol
Parameter
Min.
Typ.
Max.
Units
VIN
Input Voltage
2.8
5.5
V
I
O
Load Current (with adequate heatsinking)
5
mA
TJ
Junction temperature
125
OC
MT1118


Similar Part No. - MT1118X-3.3J

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT1118 MARKTECH-MT1118 Datasheet
64Kb / 1P
   T-1 3/4 Blinking LED Lamps
MT1118-RG MARKTECH-MT1118-RG Datasheet
38Kb / 1P
   Marktech Standard 5mm Tinted & Colored Diff. LEDs
MT1118F-RG MARKTECH-MT1118F-RG Datasheet
64Kb / 1P
   T-1 3/4 Blinking LED Lamps
More results

Similar Description - MT1118X-3.3J

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
MT1117 SIRECT-MT1117 Datasheet
149Kb / 4P
   1A LDO LINEAR VOLTAGE / REGULATORS
logo
Rohm
BDXXFC0 ROHM-BDXXFC0 Datasheet
1Mb / 41P
   35V Withstand Voltage 1A LDO Regulators
10.Jan.2017 Rev.005
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Rohm
BD50FC0FP ROHM-BD50FC0FP Datasheet
1Mb / 42P
   35V Withstand Voltage 1A LDO Regulators
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Rohm
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
logo
Shenzhen Huazhimei Semi...
HM6117 HMSEMI-HM6117 Datasheet
913Kb / 7P
   1A Voltage High Speed LDO Regulators HM6117 Series
logo
Global Mixed-mode Techn...
G951 GMT-G951 Datasheet
66Kb / 1P
   1A, Low-Dropout Linear Regulators
logo
Shenzhen Huazhimei Semi...
HM6118 HMSEMI-HM6118 Datasheet
720Kb / 16P
   1A Adjustable Voltage High Speed LDO Regulators HM6118 Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com