Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N122AT23 Datasheet(PDF) 2 Page - Sirectifier Global Corp.

Part # N122AT23
Description  300W Surface Mount TVS Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

N122AT23 Datasheet(HTML) 2 Page - Sirectifier Global Corp.

  N122AT23 Datasheet HTML 1Page - Sirectifier Global Corp. N122AT23 Datasheet HTML 2Page - Sirectifier Global Corp. N122AT23 Datasheet HTML 3Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http:// www.sirectsemi.com
Nxx2AT23


Similar Part No. - N122AT23

ManufacturerPart #DatasheetDescription
logo
Formosa MS
N122AT23 FORMOSA-N122AT23 Datasheet
196Kb / 7P
   SMD Transient Voltage Suppressor For ESD Protection
More results

Similar Description - N122AT23

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMF4L LITTELFUSE-SMF4L Datasheet
1Mb / 6P
   TVS Diodes Surface Mount ??400W
logo
RFE international
SMXJ60 RFE-SMXJ60 Datasheet
91Kb / 1P
   SURFACE MOUNT TVS & Zener Diodes
logo
Sirectifier Global Corp...
L054BT26 SIRECT-L054BT26 Datasheet
464Kb / 8P
   Low Capacitance Surface Mount TVS Diodes
logo
SeCoS Halbleitertechnol...
SMD03 SECOS-SMD03 Datasheet
630Kb / 2P
   300W TVS DIODE
logo
RFE international
SMAJ RFE-SMAJ Datasheet
54Kb / 1P
   SURFACE MOUNT TVS DIODE SMAJ, SMBJ & SMCJ, 300W to 1500W P
logo
Littelfuse
SZ1SMA LITTELFUSE-SZ1SMA Datasheet
794Kb / 7P
   TVS Diodes Surface Mount > 400W > SZ1SMA Series
Revised: GD. 12/18/20
SMDJ58CA-T7 LITTELFUSE-SMDJ58CA-T7 Datasheet
1,011Kb / 6P
   TVS Diodes Surface Mount ? 3000W > SMDJ series
Revised: JC.10/29/20
logo
Weitron Technology
WOSD03 WEITRON-WOSD03_09 Datasheet
316Kb / 4P
   Surface Mount TVS Diodes Array for ESD Protection
logo
Sirectifier Global Corp...
N055AT56 SIRECT-N055AT56 Datasheet
341Kb / 3P
   50W 5-Line Array Surface Mount TVS Diodes
L055AT56 SIRECT-L055AT56 Datasheet
341Kb / 3P
   50W 5-Line Array Surface Mount TVS Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com