Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE8.2A-LF Datasheet(PDF) 1 Page - Sirectifier Global Corp.

Part # P6KE8.2A-LF
Description  600W TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

P6KE8.2A-LF Datasheet(HTML) 1 Page - Sirectifier Global Corp.

  P6KE8.2A-LF Datasheet HTML 1Page - Sirectifier Global Corp. P6KE8.2A-LF Datasheet HTML 2Page - Sirectifier Global Corp. P6KE8.2A-LF Datasheet HTML 3Page - Sirectifier Global Corp. P6KE8.2A-LF Datasheet HTML 4Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
http:// www.sirectsemi.com
600W TRANSIENT VOLTAGE SUPPRESSOR
FEATURES
PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY
FLAMMABILITY CLASSIFICATION 94V-0
600W SURGE CAPABILITY AT 1ms
EXCELLENT CLAMPING CAPABILITY
LOW ZENER IMPEDANCE
FAST RESPONSE TIME:TYPICALLY LESS THAN 1.0 ps FROM
0 VOLTS TO BV MIN
TYPICAL IR LESS THAN 1
μA ABOVE 10V
HIGH TEMPERATURE SOLDERING GUARANTEED:260℃/10S
/.375〞(9.5mm) LEAD LENGTH/5LBS., (2.3KG) TENSION
LEAD FREE
MECHANICAL DATA
CASE:MOLDED PLASTIC
TERMINALS︰AXIAL LEADS, SOLDERABLE PER MIL-STD-202,
METHOD 208
POLARITY:COLOR BAND DENOTED CATHODE EXCEPT
BIPOLAR
WEIGHT:0.4 GRAMS
CASE:DO15
DIMENSIONS IN INCHES AND (MILLIMETERS)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
RATINGS
SYMBOL
VALUE
UNITS
PEAK POWER DISSIPATION AT TA=25℃, TP=1ms(NOTE 1)
PPK
600
WATTS
PEAK PULSE CURRENT WITH A 10/1000us WAVEFORM(NOTE 1)
IPPM
SEE NEXT TABLE
A
STEADY STATE POWER DISSIPATION AT TL=75℃,
LEAD LENGTHS 0.375” (9.5mm) (NOTE2)
PM(AV)
5.0
WATTS
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
(JEDEC METHOD) (NOTE 3)
IFSM
100
Amps
TYPICAL THERMAL RESISTANCE JUNCTUION-TO-AMBIENT
RθJA
75
℃/W
OPERATING AND STORAGE TEMPERATURE RANGE
TJ,TSTG
- 55 TO + 175
NOTE
1. NON-REPETITIVE CURRENT PULSE, PER FIG.3 AND DERATED ABOVE TA=25℃PER FIG 2.
2. MOUNTED ON COPPER PAD AREA OF 1.6×1.6” (40×40mm) PER FIG. 5
3. 8.3ms SINGLE HALF SINE-WAVE, DUTY CYCLE=4 PULSES PER MINUTES MAXIMUM
4. FOR BIDIRECTIONAL USE C SUFFIX FOR 10﹪TOLERANCE, CA SUFFIX FOR 5﹪TOLERANCE
.140(3.6)
.104(2.6)
.034(0.9)
.028(0.7)
.300(7.6)
.230(5.8)
1.0(25.4)
MIN
1.0(25.4)
MIN
E L E C T R O N I C
P6KE6.8(C)-LF
THRU
P6KE540(C)A-LF


Similar Part No. - P6KE8.2A-LF

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
P6KE8.2A-AP MCC-P6KE8.2A-AP Datasheet
208Kb / 5P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS
logo
Littelfuse
P6KE8.2A-B LITTELFUSE-P6KE8.2A-B Datasheet
139Kb / 5P
   Transient Voltage Suppression Diodes
logo
Comchip Technology
P6KE8.2A-G COMCHIP-P6KE8.2A-G Datasheet
132Kb / 6P
   600W Transient Voltage Suppressor
P6KE8.2A-HF COMCHIP-P6KE8.2A-HF Datasheet
105Kb / 4P
   600W Transient Voltage Suppressor
logo
Won-Top Electronics
P6KE8.2A-T8 WTE-P6KE8.2A-T8 Datasheet
74Kb / 6P
   600W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6KE8.2A-LF

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
6AJ LEIDITECH-6AJ Datasheet
917Kb / 6P
   600W Transient Voltage Suppressor
logo
WeEn Semiconductors
P6SMAL WEEN-P6SMAL Datasheet
557Kb / 7P
   600W Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA Datasheet
69Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 12 - 2
logo
Comchip Technology
P6KE-HF COMCHIP-P6KE-HF Datasheet
105Kb / 4P
   600W Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
P6KE6.8 NJSEMI-P6KE6.8 Datasheet
153Kb / 3P
   600w Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P6KE LEIDITECH-P6KE Datasheet
775Kb / 5P
   600W Transient Voltage Suppressor
SMAFJ LEIDITECH-SMAFJ Datasheet
1Mb / 4P
   600W Transient Voltage Suppressor
logo
Comchip Technology
P6KE COMCHIP-P6KE Datasheet
106Kb / 4P
   600w Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA_1 Datasheet
77Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
WeEn Semiconductors
SMBJ WEEN-SMBJ Datasheet
605Kb / 7P
   600W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com