Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE24A-LF Datasheet(PDF) 3 Page - Sirectifier Global Corp.

Part # P4KE24A-LF
Description  400W TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

P4KE24A-LF Datasheet(HTML) 3 Page - Sirectifier Global Corp.

  P4KE24A-LF Datasheet HTML 1Page - Sirectifier Global Corp. P4KE24A-LF Datasheet HTML 2Page - Sirectifier Global Corp. P4KE24A-LF Datasheet HTML 3Page - Sirectifier Global Corp. P4KE24A-LF Datasheet HTML 4Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
http:// www.sirectsemi.com
BREAKDOWN VOLTAGE
BBR(VOLTS)
DEVICE
MIN
MAX
@IT
(mA)
WORKING
PEAK
REVERSE
VOLTAGE
VRWM(VOLTS)
MAXIMUM
REVERSE
LEAKAGE
AT VRWM
IR(
μA)
MAXIMUM
REVERSE
CURRENT
IRSM
(AMPS)
MAX
CLAMPING
VOLTAGE
VRWM
(VOLTS)
MAXIMUM
TEMPERATURE
COEFICIENT
OF VRR
(%C)
P4KE110(C)-LF
P4KE110(C)A-LF
P4KE120(C)-LF
P4KE120(C)A-LF
P4KE130(C)-LF
P4KE130(C)A-LF
P4KE150(C)-LF
P4KE150(C)A-LF
P4KE160(C)-LF
P4KE160(C)A-LF
P4KE170(C)-LF
P4KE170(C)A-LF
P4KE180(C)-LF
P4KE180(C)A-LF
P4KE200(C)-LF
P4KE200(C)A-LF
P4KE220(C)-LF
P4KE220(C)A-LF
P4KE250(C)-LF
P4KE250(C)A-LF
P4KE300(C)-LF
P4KE300(C)A-LF
P4KE350(C)-LF
P4KE350(C)A-LF
P4KE400(C)-LF
P4KE400(C)A-LF
P4KE440(C)-LF
P4KE440(C)A-LF
P4KE480(C)-LF
P4KE480(C)A-LF
P4KE510(C)-LF
P4KE510(C)A-LF
P4KE540(C)-LF
P4KE540(C)A-LF
99.0
105.0
108.0
114.0
117.0
124.0
135.0
143.0
144.0
152.0
153.0
162.0
162.0
171.0
180.0
190.0
198.0
209.0
225.0
237.0
270.0
285.0
315.0
332.0
360.0
380.0
396.0
418.0
432.0
456.0
459.0
485.0
486.0
513.0
121.0
116.0
132.0
126.0
143.0
137.0
165.0
158.0
176.0
168.0
187.0
179.0
198.0
189.0
220.0
210.0
242.0
231.0
275.0
263.0
330.0
315.0
385.0
368.0
440.0
420.0
484.0
462.0
528.0
504.0
561.0
535.0
594.0
567.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
89.2
94.0
97.2
102.0
105.0
111.0
121.0
128.0
130.0
136.0
138.0
145.0
146.0
154.0
162.0
171.0
175.0
185.0
202.0
214.0
243.0
256.0
284.0
300.0
324.0
342.0
356.0
376.0
389.0
408.0
413.0
434.0
437.0
459.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
2.7
2.8
2.4
2.5
2.2
2.3
2.0
2.0
1.8
1.9
1.7
1.8
1.6
1.7
1.5
1.53
1.16
1.22
1.11
1.16
0.93
0.97
0.79
0.83
0.70
0.73
0.64
0.67
0.58
0.61
0.55
0.57
0.52
0.54
158.0
152.0
173.0
165.0
187.0
179.0
215.0
207.0
230.0
219.0
244.0
234.0
258.0
246.0
287.0
274.0
344.0
328.0
360.0
344.0
430.0
414.0
504.0
482.0
574.0
548.0
630.0
600.0
686.0
658.0
729.0
698.0
772.0
740.0
0.107
0.107
0.107
0.107
0.107
0.107
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
NOTES: 1. VBR MEASURED AFTER IT APPLIED FOR 300 μS,IT=SQUARE WAVE PULSE OR EQUIVALENT
2. SURGE CURRENT WAVEFORM PER FIGURE 3 AND DERATED PER FIGUE 2.
3. VF = 3.5V AT IF=25A (P4KE6.8(C) THRU P4KE200(C)A)
VF = 6.5V AT IF=25A (P4KE220(C) THRU P4KE540(C)A) ON 1/2 SQUARE OR EQUIVALENT SINE WAVE.
PW = 8.3ms, DUTY CYCLE=4 PULSES PER MINUTE MXIMUM
4. FOR BIPOLAR TYPES HAVING VRWM OF 10 VOLTS AND UNDER, THE IR LIMIT IS DOUBLED


Similar Part No. - P4KE24A-LF

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P4KE24A-B LITTELFUSE-P4KE24A-B Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
logo
SeCoS Halbleitertechnol...
P4KE24A-C SECOS-P4KE24A-C Datasheet
334Kb / 3P
   400 Peak Power
logo
Comchip Technology
P4KE24A-G COMCHIP-P4KE24A-G Datasheet
113Kb / 4P
   400W Transient Voltage Suppressor
P4KE24A-G COMCHIP-P4KE24A-G Datasheet
131Kb / 6P
   400W Transient Voltage Suppressor
P4KE24A-HF COMCHIP-P4KE24A-HF Datasheet
105Kb / 4P
   400W Transient Voltage Suppressor
More results

Similar Description - P4KE24A-LF

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
P4KE SMC-P4KE Datasheet
297Kb / 6P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P4KE-HF COMCHIP-P4KE-HF Datasheet
105Kb / 4P
   400W Transient Voltage Suppressor
P4KE COMCHIP-P4KE Datasheet
99Kb / 4P
   400W Transient Voltage Suppressor
P4KE-G COMCHIP-P4KE-G_12 Datasheet
131Kb / 6P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
SMAJ WEEN-SMAJ Datasheet
616Kb / 7P
   400W Transient Voltage Suppressor
logo
TAITRON Components Inco...
P4KE6 TAITRON-P4KE6 Datasheet
198Kb / 5P
   400W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P4KE LEIDITECH-P4KE Datasheet
1Mb / 5P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
P4SOD WEEN-P4SOD Datasheet
601Kb / 7P
   400W Transient Voltage Suppressor
logo
Comchip Technology
P4KE-G COMCHIP-P4KE-G Datasheet
113Kb / 4P
   400W Transient Voltage Suppressor
logo
TAITRON Components Inco...
MP4KE6 TAITRON-MP4KE6 Datasheet
209Kb / 5P
   400W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com