Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB3150 Datasheet(PDF) 1 Page - Sirectifier Global Corp.

Part # SB3150
Description  Power Schottky Rectifier - 3Amp 150~200Volt
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

SB3150 Datasheet(HTML) 1 Page - Sirectifier Global Corp.

  SB3150 Datasheet HTML 1Page - Sirectifier Global Corp. SB3150 Datasheet HTML 2Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
http:// www.sirectsemi.com
Power Schottky Rectifier - 3Amp 150~200Volt
Features
-Low forward voltage drop
-High current capability
-High reliability
-High surge current capability
-Epitaxial construction
Mechanical data
-Case
:Molded plastic
-Epoxy
:UL 94V-0 rate flame retardant
-Lead
:Axial leads, solderable per MIL-STD-202,method 208 guaranteed
-Polarity
:Color band denotes cathode end
-Mounting position
:Any
-Weight
:1.10 grams
Maximum ratings and Electrical characteristics
TYPE
SB3150
SB3200
UNIT
Maximum Recurrent Peak Reverse Voltage
150
200
V
Maximum RMS Voltage
105
140
V
Maximum DC Blocking Voltage
150
200
V
Maximum Average Forward Rectified Current
3.0
A
Peak Forward Surge Current, 8.3ms single half sine-wave superimposed
on rated load
80
A
Maximum Instantaneous Forward Voltage at 3.0A
0.85
0.87
V
Ta = 25ºC
0.01
Maximum DC Reverse Current at Rated DC
Blocking Voltage
Ta = 100ºC
10
mA
Typical Junction Capacitance
250
pF
Typical Thermal Resistance RθJA
20
ºC/W
Operating Temperature Range TJ
-50 - 125
ºC
Storage Temperature Range TSTG
-65 - 150
ºC
Note: Pulse Test : 380μs pulse width, 2% duty cycle
August 2007 / Rev.5
DO-27 / DO-201AD
.220(5.6)
.197(5.0)
.052(1.3)
.048(1.2)
E
L
E
C
T
R
O
N
I
C
SB3150~SB3200


Similar Part No. - SB3150

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
SB3150 CTC-SB3150 Datasheet
73Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Electronics ...
SB3150 CHENDA-SB3150 Datasheet
583Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Jiangsu High diode Semi...
SB3150 HDSEMI-SB3150 Datasheet
1Mb / 4P
   DO-27 Plastic-Encapsulate Diodes
logo
Gulf Semiconductor
SB3150 GULFSEMI-SB3150 Datasheet
117Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 3.0A
logo
DONGGUAN YOU FENG WEI E...
SB3150 YFWDIODE-SB3150 Datasheet
74Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
More results

Similar Description - SB3150

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
SB340EH SIRECT-SB340EH Datasheet
184Kb / 3P
   Power Schottky Rectifier - 3Amp 40~200Volt
SB340ES SIRECT-SB340ES Datasheet
184Kb / 3P
   Power Schottky Rectifier - 3Amp 40~200Volt
SB340ESH SIRECT-SB340ESH Datasheet
184Kb / 3P
   Power Schottky Rectifier - 3Amp 40~200Volt
SB340H SIRECT-SB340H_10 Datasheet
184Kb / 3P
   Power Schottky Rectifier - 3Amp 40~200Volt
SB1150 SIRECT-SB1150 Datasheet
222Kb / 2P
   Power Schottky Rectifier - 1Amp 150~200Volt
SB2150H SIRECT-SB2150H Datasheet
222Kb / 2P
   Power Schottky Rectifier - 2Amp 150~200Volt
SB5150 SIRECT-SB5150 Datasheet
210Kb / 2P
   Power Schottky Rectifier - 5Amp 150~200Volt
SB1150H SIRECT-SB1150H Datasheet
222Kb / 2P
   Power Schottky Rectifier - 1Amp 150~200Volt
SB2150 SIRECT-SB2150 Datasheet
222Kb / 2P
   Power Schottky Rectifier - 2Amp 150~200Volt
SB375 SIRECT-SB375 Datasheet
181Kb / 3P
   Power Schottky Rectifier - 3Amp 75Volt
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com