Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG50N06T Datasheet(PDF) 2 Page - Sirectifier Global Corp.

Part # SG50N06T
Description  Discrete IGBTs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

SG50N06T Datasheet(HTML) 2 Page - Sirectifier Global Corp.

  SG50N06T Datasheet HTML 1Page - Sirectifier Global Corp. SG50N06T Datasheet HTML 2Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SG50N06T, SG50N06DT
Discrete IGBTs
Symbol
Test Conditions
Unit
min.
typ.
max.
gts
IC=IC90; VCE=10V
25
35
S
Pulse test, t
300us, duty cycle
2%
Cies
4000
Coes
VCE=25V; VGE=0V; f=1MHz
340
pF
Cres
100
Qg
110
Qge
IC=IC90; VGE=15V; VCE=0.5VCES
30
nC
Qgc
40
td(on)
Inductive load, TJ=25
oC
50
ns
tri
IC=IC90; VGE=15V
50
ns
VCE=0.8VCES; RG=Roff=2.7
td(off)
Remarks:Switching times may increase
200
300
ns
tfi
for VCE(Clamp)
0.8VCES' higher TJ or
150
270
ns
Eoff
increased RG
3.0
6.0
mJ
td(on)
Inductive load, TJ=25
oC
50
ns
tri
IC=IC90; VGE=15V
50
ns
Eon
VCE=0.8VCES; RG=Roff=2.7
2
mJ
td(off)
Remarks:Switching times may increase
280
ns
tfi
for VCE(Clamp)
0.8VCES' higher TJ or
250
ns
Eoff
increased RG
4.2
mJ
RthJC
0.62
K/W
RthCK
0.25
K/W
(TJ=25
oC, unless otherwise specified)
Characteristic Values
Reverse Diode (FRED)
Symbol
Test Conditions
Unit
min.
typ.
max.
VF
IF=IC90; VGE=0V;
V
Pulse test; t
300ms, duty cycle
22%
2.5
IRM
IF=IC90; VGE=0V; -diF/dt=100A/ms
VR=100V;
2
2.5
A
trr
IF=1A; -di/dt=200A/ms; VR=30V
35
ns
RthJC
0.65
K/W
Characteristic Values
(TJ=25
oC, unless otherwise specified)
180
50
100
175
50
ns


Similar Part No. - SG50N06T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG50N06T ETC2-SG50N06T Datasheet
109Kb / 2P
   Discrete IGBTs
logo
Sirectifier Semiconduct...
SG50N06T SIRECTIFIER-SG50N06T Datasheet
109Kb / 2P
   Discrete IGBTs
More results

Similar Description - SG50N06T

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
SG45N12T SIRECT-SG45N12T Datasheet
143Kb / 2P
   Discrete IGBTs
SG200N06S SIRECT-SG200N06S Datasheet
239Kb / 2P
   Discrete IGBTs
logo
Sirectifier Semiconduct...
SG7N06P SIRECTIFIER-SG7N06P Datasheet
172Kb / 2P
   Discrete IGBTs
logo
List of Unclassifed Man...
SG50N06D2S ETC2-SG50N06D2S Datasheet
156Kb / 2P
   Discrete IGBTs
logo
Sirectifier Global Corp...
SG15N12P SIRECT-SG15N12P Datasheet
211Kb / 2P
   Discrete IGBTs
logo
Sirectifier Semiconduct...
SG200N06S SIRECTIFIER-SG200N06S Datasheet
159Kb / 2P
   Discrete IGBTs
SG45N12T SIRECTIFIER-SG45N12T Datasheet
108Kb / 2P
   Discrete IGBTs
SG12N06P SIRECTIFIER-SG12N06P Datasheet
198Kb / 2P
   Discrete IGBTs
logo
Sirectifier Global Corp...
SG35N12T SIRECT-SG35N12T Datasheet
162Kb / 2P
   Discrete IGBTs
logo
Sirectifier Semiconduct...
SG15N12P SIRECTIFIER-SG15N12P Datasheet
173Kb / 2P
   Discrete IGBTs
logo
Sirectifier Global Corp...
SG12N06P SIRECT-SG12N06P Datasheet
202Kb / 2P
   Discrete IGBTs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com