Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMR2512-B-R005-C-1-A Datasheet(PDF) 3 Page - Sirectifier Global Corp.

Part # PMR2512-B-R005-C-1-A
Description  Power Metal Low OHM Chip Resistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

PMR2512-B-R005-C-1-A Datasheet(HTML) 3 Page - Sirectifier Global Corp.

  PMR2512-B-R005-C-1-A Datasheet HTML 1Page - Sirectifier Global Corp. PMR2512-B-R005-C-1-A Datasheet HTML 2Page - Sirectifier Global Corp. PMR2512-B-R005-C-1-A Datasheet HTML 3Page - Sirectifier Global Corp. PMR2512-B-R005-C-1-A Datasheet HTML 4Page - Sirectifier Global Corp. PMR2512-B-R005-C-1-A Datasheet HTML 5Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
http:// www.sirectsemi.com
PART NUMBER INFORMATION
PMR2512 – A - R005 - a - 1 –A
PMR SERIES
Power Ratings
Package Model
Resistance Value
Tolerance
Temperature Coefficient
Packaging
PMR8050
PMR2010
PMR2512
A=0.125W
B=0.25W
C=0.5W
D=1W
E=2W
R005=5mΩ
R050=50mΩ
1=±0.5%
2=±1%
3=±3%
a=±75ppm/
֯
C
b=±100ppm/
֯
C
c=±150ppm/
֯
C
d=±275ppm/
֯
C
A=500 pcs/reel
B=1,000 pcs/reel
C=2,000 pcs/reel
D=4,000 pcs/reel
E=5,000 pcs/reel


Similar Part No. - PMR2512-B-R005-C-1-A

ManufacturerPart #DatasheetDescription
logo
Rohm
PMR25 ROHM-PMR25 Datasheet
95Kb / 3P
   Ultra low ohmic resistors for current detection
PMR25 ROHM-PMR25 Datasheet
431Kb / 5P
   Ultra-low Ohmic Chip Resistors for Current Detection
PMR25HZPFU1L0 ROHM-PMR25HZPFU1L0 Datasheet
937Kb / 4P
   Ultra-Low Ohmic Resistors for Current Detection
PMR25HZPFU1L00 ROHM-PMR25HZPFU1L00 Datasheet
937Kb / 4P
   Ultra-Low Ohmic Resistors for Current Detection
PMR25HZPFU2L0 ROHM-PMR25HZPFU2L0 Datasheet
937Kb / 4P
   Ultra-Low Ohmic Resistors for Current Detection
More results

Similar Description - PMR2512-B-R005-C-1-A

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
PRM SIRECT-PRM Datasheet
238Kb / 5P
   Power Metal Low OHM Chip Resistor
logo
WALSIN TECHNOLOGY CORPO...
WWXXD WALSIN-WWXXD Datasheet
505Kb / 8P
   Metal Foil Low Ohm Power Chip Resistor
logo
List of Unclassifed Man...
RLP-K-HTS-0001-9 ETC-RLP-K-HTS-0001-9 Datasheet
238Kb / 20P
   METAL-PLATE CHIP RESISTOR; LOW OHM
2015.12.25
logo
Riedon Powertron
CSR1206 RIEDON-CSR1206_13 Datasheet
185Kb / 3P
   Ultra Low Ohm (Metal Strip) Chip Resistor
CSR1206 RIEDON-CSR1206 Datasheet
219Kb / 2P
   Ultra Low Ohm (Metal Strip) Chip Resistor
logo
WALSIN TECHNOLOGY CORPO...
WW12R_V WALSIN-WW12R_V Datasheet
583Kb / 9P
   Metal low ohm power chip resistors
WW12R WALSIN-WW12R Datasheet
749Kb / 11P
   Metal Low Ohm Power Chip Resistors
WW12L WALSIN-WW12L Datasheet
573Kb / 10P
   Thick Film Power Low Ohm Chip Resistor
WW25Q WALSIN-WW25Q Datasheet
238Kb / 8P
   Metal plate low ohm power chip resistors
WW12K WALSIN-WW12K Datasheet
505Kb / 7P
   Metal Ultra low ohm power chip resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com