Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1302A Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1302A
Description  Dual High Speed Low-Side MOSFET Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1302A Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC1302A Datasheet HTML 4Page - Semtech Corporation SC1302A Datasheet HTML 5Page - Semtech Corporation SC1302A Datasheet HTML 6Page - Semtech Corporation SC1302A Datasheet HTML 7Page - Semtech Corporation SC1302A Datasheet HTML 8Page - Semtech Corporation SC1302A Datasheet HTML 9Page - Semtech Corporation SC1302A Datasheet HTML 10Page - Semtech Corporation SC1302A Datasheet HTML 11Page - Semtech Corporation SC1302A Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SC1302A/B/C/D/E/F
8
General Description
The SC1302A/B/C/D/E/F is a high speed, high peak current
dual MOSFET driver. It is designed to drive power MOSFETs
with ultra-low rise/fall time and propagation delays. As
the switching frequency of PWM controllers is increased
to reduce power converters volume and cost, fast rise and
fall times are necessary to minimize switching losses.
While a discrete solution can achieve reasonable drive
capability, implementing delay and other housekeeping
functions necessary for safe operation can become cum-
bersome and costly. The SC1302A/B/C/D/E/F presents a
total solution for the high-speed, high-power density
applications. Wide input supply range of 4.5V to16.5V
allows use in battery powered applications as well as dis-
tributed power systems.
Supply Bypass and Layout
A 4.7μF to 10μF tantalum bypass capacitor with low ESR
(equivalent series resistance) and an additional 0.1μF
ceramic capacitor in parallel are recommended as a supply
bypass to control switching and supply transients.
As with any high speed, high current circuit, proper layout
is critical in achieving optimum performance of the
SC1302A/B/C/D/E/F. Attention should be paid to the
proper placement of the driver, the switching MOSFET,
and the bypass capacitors.
The driver should be placed as close as possible to the
external MOSFETs to eliminate the possibility of oscillation
caused by trace inductance and the MOSFET gate capaci-
tance. A resistor in the range of 10ohm could be used in
series with the gate drive to damp the ringing if the drive
output path is not short enough. The bypass capacitors
should also be placed closely between V
CC
and GND of the
driver. A Schottky diode may be used to connect the
ground and the output pin to avoid latch-ups in some
applications.
Drive Capability and Power Dissipation
The SC1302A/B/C/D/E/F is able to deliver 1.6A peak
current for driving capacitive loads, such as MOSFETs.
Fast switching of the MOSFETs significantly reduces
switching losses for high frequency applications. Thermal
stress is reduced and system reliability is improved.
For simplicity, it is assumed that the gate capacitance of
a MOSFET is constant. The power delivered from the
power supply can be estimated based on this simplifica-
tion. The energy needed to charge the capacitor is given
by the following equation
2
ON
V
C
2
1
E
where C is the load capacitance and V is the output
voltage swing of the driver.
During turn off, the same amount of energy is dumped
to the ground. Therefore, the energy dissipated in one
switching cycle is:
E
TOTAL = C x V
2
The power dissipation due to the gate driving actions is
given by:
P
GATE = f
x C x V2
where, f is the switching frequency. With V
CC
= 12V, C =
1nF and f = 200kHz, the power dissipation per output is:
P
GATE
=(200kHz) x (1nF) x (12)2 = 29mW
The corresponding supply current is:
mA
4
.
2
V
12
mW
29
V
P
I
CC
GATE
Thermal Information
The driver’s junction temperature must be kept within
the rated limit at any time. The application system has to
effectively remove the heat generated in the driver in
order for proper functions and performance. If the junc-
tion temperature reaches 150°C, the internal protection
circuit will be triggered to shut down the gate driver.
The power dissipation of the SC1302A/B/C/D/E/F should
be derated according to the following formula:
jA
T
C
125
pation
PowerDissi
A
where T
A
= ambient temperature.
Applications Information


Similar Part No. - SC1302A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1302A SEMTECH-SC1302A Datasheet
197Kb / 10P
   Dual High Speed Low-Side MOSFET Driver
SC1302A SEMTECH-SC1302A Datasheet
197Kb / 10P
   Dual High Speed Low-Side MOSFET Driver
SC1302AIMSTRT SEMTECH-SC1302AIMSTRT Datasheet
197Kb / 10P
   Dual High Speed Low-Side MOSFET Driver
SC1302AIMSTRT SEMTECH-SC1302AIMSTRT Datasheet
197Kb / 10P
   Dual High Speed Low-Side MOSFET Driver
SC1302AISTRT SEMTECH-SC1302AISTRT Datasheet
197Kb / 10P
   Dual High Speed Low-Side MOSFET Driver
More results

Similar Description - SC1302A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1302A SEMTECH-SC1302A Datasheet
197Kb / 10P
   Dual High Speed Low-Side MOSFET Driver
SC1302A SEMTECH-SC1302A_08 Datasheet
197Kb / 10P
   Dual High Speed Low-Side MOSFET Driver
logo
ON Semiconductor
NCP81074A ONSEMI-NCP81074A Datasheet
269Kb / 12P
   High Speed Low-Side MOSFET Driver
November, 2015 ??Rev. 3
logo
Texas Instruments
UCC27324-Q1 TI1-UCC27324-Q1_15 Datasheet
462Kb / 22P
[Old version datasheet]   Dual 4A Peak High-Speed Low-Side Power MOSFET Driver
logo
Tripath Technology Inc.
TP2150B TRIPATH-TP2150B Datasheet
377Kb / 18P
   DUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER
logo
Texas Instruments
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
logo
Micrel Semiconductor
MIC5031 MICREL-MIC5031 Datasheet
88Kb / 8P
   High-Speed High-Side MOSFET Driver
MIC5021 MICREL-MIC5021 Datasheet
132Kb / 9P
   High-Speed High-Side MOSFET Driver
MIC5021 MICREL-MIC5021_05 Datasheet
207Kb / 10P
   High-Speed High-Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com