Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRUH330125AK Datasheet(PDF) 7 Page - International Rectifier

Part # IRUH330125AK
Description  3.3VIN to 2.5VOUT @3.0A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRUH330125AK Datasheet(HTML) 7 Page - International Rectifier

  IRUH330125AK Datasheet HTML 1Page - International Rectifier IRUH330125AK Datasheet HTML 2Page - International Rectifier IRUH330125AK Datasheet HTML 3Page - International Rectifier IRUH330125AK Datasheet HTML 4Page - International Rectifier IRUH330125AK Datasheet HTML 5Page - International Rectifier IRUH330125AK Datasheet HTML 6Page - International Rectifier IRUH330125AK Datasheet HTML 7Page - International Rectifier IRUH330125AK Datasheet HTML 8Page - International Rectifier IRUH330125AK Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.irf.com
7
IRUH330125AK
IRUH330125AP
VOut
-0.500%
-0.250%
0.000%
0.250%
0.500%
1
10
100
1000
10000
100000
Total Dose (Rad (Si))
ELDRS
TID
Fig. 5. Change in Output Voltage vs. Total Ionizing Dose Radiation Exposure at Both High and Low Dose Rates
Fig. 6. Typical Power Supply Ripple Rejection at 100mA and 1.6A using recommended layout
and capacitors. Results above 10KHz are influenced by testing setup and layout.
PSRR (Typical)
-5
5
15
25
35
45
55
65
75
85
95
105
0.1
1
10
100
1000
10000
Freq (KHz)
Iout=100mA, 2.5Vout, 4Vin
Recomended Setup without Part
Iout=1.6A, 2.5Vout, 4Vin


Similar Part No. - IRUH330125AK

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRUH330125AK IRF-IRUH330125AK Datasheet
170Kb / 9P
   3.3VIN to 2.5VOUT @3.0A
IRUH330125AKB IRF-IRUH330125AKB Datasheet
168Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
IRUH330125AKB IRF-IRUH330125AKB Datasheet
167Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330125AKC IRF-IRUH330125AKC Datasheet
168Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
IRUH330125AKC IRF-IRUH330125AKC Datasheet
167Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
More results

Similar Description - IRUH330125AK

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRUH330125AK IRF-IRUH330125AK_12 Datasheet
170Kb / 9P
   3.3VIN to 2.5VOUT @3.0A
IRUH33P253A1M IRF-IRUH33P253A1M Datasheet
80Kb / 8P
   Positive Fixed Linear Regulator 3.3Vin to 2.5Vout at 3.0A
OMR9601SF IRF-OMR9601SF Datasheet
129Kb / 8P
   Ultra Low Dropout Linear Regulator (3.3Vin to 2.5Vout at 3.0A)
OMR9601SC IRF-OMR9601SC Datasheet
130Kb / 8P
   Ultra Low Dropout Linear Regulator 3.3Vin to 2.5Vout at 3.0A
IRUH3301A1AK IRF-IRUH3301A1AK Datasheet
188Kb / 9P
   3.3VIN to VADJ @3.0A
IRUH330118AK IRF-IRUH330118AK Datasheet
205Kb / 9P
   3.3VIN to 1.8VOUT @3.0A
IRUH50P253A1M IRF-IRUH50P253A1M Datasheet
58Kb / 7P
   Ultra Low Dropout Positive Fixed Linear Regulator 5.0Vin to 2.5Vout at 3.0A
IRUH33PA13A1M IRF-IRUH33PA13A1M Datasheet
56Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator 3.3Vin at 3.0A
logo
Murata Manufacturing Co...
LSM10A-D3 MURATA-LSM10A-D3 Datasheet
428Kb / 13P
   Single Output, Non-Isolated, 3.3VIN, 0.8-2.5VOUT 10 Amp DC/DC?셲 in SMT Packages
logo
International Rectifier
IRUH330133AK IRF-IRUH330133AK_12 Datasheet
168Kb / 9P
   5.0VIN to 3.3VOUT @3.0A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com