Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1453ITSK28TRT Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC1453ITSK28TRT
Description  150mA Ultra Low Dropout Regulator with Low Noise Bypass
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1453ITSK28TRT Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC1453ITSK28TRT Datasheet HTML 3Page - Semtech Corporation SC1453ITSK28TRT Datasheet HTML 4Page - Semtech Corporation SC1453ITSK28TRT Datasheet HTML 5Page - Semtech Corporation SC1453ITSK28TRT Datasheet HTML 6Page - Semtech Corporation SC1453ITSK28TRT Datasheet HTML 7Page - Semtech Corporation SC1453ITSK28TRT Datasheet HTML 8Page - Semtech Corporation SC1453ITSK28TRT Datasheet HTML 9Page - Semtech Corporation SC1453ITSK28TRT Datasheet HTML 10Page - Semtech Corporation SC1453ITSK28TRT Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
 2008 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1453
Applications Information
Theory Of Operation
The SC1453 is intended for applications where very low
dropout voltage, low supply current and low output noise
are critical. It provides a very simple, low cost solution
that uses very little pcb real estate. Only three external
capacitors are required for operation (two if a low noise
output is not required).
The SC1453 contains a bandgap reference trimmed for
optimal temperature coefficient which is fed into the
inverting input of an error amplifier. The output voltage
of the regulator is divided down internally using a
resistor divider and compared to the bandgap voltage.
The error amplifier drives the gate of a low R
DS(ON)
P-channel MOSFET pass device.
An active high enable pin (EN) allows the regulator to be
shut down. Pulling this pin low causes the device to
enter a very low power shutdown mode, where it will draw
typically 0.1µA from the input supply.
A bypass pin (BYP) is provided to decouple the bandgap
reference to reduce output noise and also to improve
power supply rejection. This pin can be left open if low
noise operation is not required.
The regulator has its own current limit circuitry to
ensure that the output current will not damage the
device during output short, overload or start-up. The
current limit is guaranteed to be greater than 400mA to
allow fast charging of the output capacitor and high
initial currents for DSP initialization.
The SC1453 has a fast start-up circuit to speed up the
initial charging time of the bypass capacitor to enable
the output voltage to come up quicker (typically 1.3ms
with C
BYP = 10nF).
The SC1453 includes thermal shutdown circuitry to turn
off the device if T
J exceeds 150°C (typical), with the
device remaining off until T
J drops by 20°C (typical).
Reverse battery protection circuitry ensures that the
device cannot be damaged if the input supply is
accidentally reversed, limiting the reverse current to less
than 1.5mA.
Component Selection - General
Output capacitor - Semtech recommends a minimum
capacitance of 1µF at the output with an equivalent
series resistance (ESR) of < 1
Ω over temperature. While
the SC1453 has been designed to be used with ceramic
capacitors, it does not have to be used with ceramic
capacitors, allowing the designer a choice. Increasing the
bulk capacitance will further reduce output noise and
improve the overall transient response.
Input capacitor - Semtech recommends the use of a 1µF
ceramic capacitor at the input. This allows for the device
being some distance from any bulk capacitance on the
rail. Additionally, input droop due to load transients is
reduced, improving overall load transient response.
Bypass capacitor - Semtech recommends the use of a
10nF ceramic capacitor to bypass the bandgap
reference. Increasing this capacitor to 100nF will
further improve power supply rejection and overall
output noise. C
BYP may be omitted if low noise operation
is not required.
Thermal Considerations
The worst-case power dissipation for this part is given
by:
()
)
MAX
(
Q
)
MAX
(
IN
)
MAX
(
OUT
)
MIN
(
OUT
)
MAX
(
IN
)
MAX
(
D
I
V
I
V
V
P
+
=
(1)
For all practical purposes, equation (1) can be reduced
to the following expression:
()
)
MAX
(
OUT
)
MIN
(
OUT
)
MAX
(
IN
)
MAX
(
D
I
V
V
P
=
(2)
Looking at a typical application, 3.3V to 2.8V at 150mA:
V
IN(MAX) = 3.3 + 5% = 3.465V
V
OUT(MIN) = 2.8V - 2% = 2.744V
I
OUT = 150mA
T
A = 85°C


Similar Part No. - SC1453ITSK28TRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1453ITSK-1.5TR SEMTECH-SC1453ITSK-1.5TR Datasheet
245Kb / 14P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453ITSK-1.5TRT SEMTECH-SC1453ITSK-1.5TRT Datasheet
245Kb / 14P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453ITSK-1.8TR SEMTECH-SC1453ITSK-1.8TR Datasheet
245Kb / 14P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453ITSK-1.8TRT SEMTECH-SC1453ITSK-1.8TRT Datasheet
245Kb / 14P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453ITSK-2.5TR SEMTECH-SC1453ITSK-2.5TR Datasheet
245Kb / 14P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
More results

Similar Description - SC1453ITSK28TRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1453 SEMTECH-SC1453_06 Datasheet
245Kb / 14P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453 SEMTECH-SC1453 Datasheet
119Kb / 5P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC8863 SEMTECH-SC8863_05 Datasheet
224Kb / 11P
   150mA Ultra Low Dropout, Low Noise Regulator
SC8863 SEMTECH-SC8863 Datasheet
92Kb / 9P
   150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
SC1454 SEMTECH-SC1454_05 Datasheet
250Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456_05 Datasheet
192Kb / 10P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456 Datasheet
68Kb / 5P
   Dual 150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
SC1454 SEMTECH-SC1454 Datasheet
298Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330 Datasheet
634Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
logo
ADDtek Corp
AMC8878 ADDTEK-AMC8878 Datasheet
271Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com