Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1453ITSK32TRT Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1453ITSK32TRT
Description  150mA Ultra Low Dropout Regulator with Low Noise Bypass
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1453ITSK32TRT Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC1453ITSK32TRT Datasheet HTML 4Page - Semtech Corporation SC1453ITSK32TRT Datasheet HTML 5Page - Semtech Corporation SC1453ITSK32TRT Datasheet HTML 6Page - Semtech Corporation SC1453ITSK32TRT Datasheet HTML 7Page - Semtech Corporation SC1453ITSK32TRT Datasheet HTML 8Page - Semtech Corporation SC1453ITSK32TRT Datasheet HTML 9Page - Semtech Corporation SC1453ITSK32TRT Datasheet HTML 10Page - Semtech Corporation SC1453ITSK32TRT Datasheet HTML 11Page - Semtech Corporation SC1453ITSK32TRT Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
 2008 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1453
Applications Information (Cont.)
Inserting these values into equation (2) gives us:
()
mW
108
150
.
0
744
.
2
465
.
3
P
)
MAX
(
D
=
=
Using this figure, we can calculate the maximum thermal
impedance allowable to maintain T
J ≤ 125°C:
() ()
W
/
C
370
108
.
0
85
125
P
T
T
)
MAX
(
D
)
MAX
(
A
)
MAX
(
J
)
MAX
(
JA
°
=
=
=
θ
With the standard SOT-23-5/TSOT-23-5 Land Pattern
shown at the end of this datasheet, and minimum trace
widths, the thermal impedance junction to ambient for
SC1453ISK is 256°C/W. Thus no additional heatsinking
is required for this example.
The junction temperature can be reduced further (or
higher power dissipation can be allowed) by the use of
larger trace widths and connecting PCB copper to the
GND pin (pin 2), which connects directly to the device
substrate. Adding approximately one square inch of PCB
copper to pin 2 will reduce
θ
JA to approximately
130°C/W and T
J(MAX)
for the example above to
approximately 100°C for the SOT-23-5 package. The use
of multi layer boards with internal ground/power planes
will lower the junction temperature and improve overall
output voltage accuracy.
Layout Considerations
While layout for linear devices is generally not as critical
as for a switching application, careful attention to detail
will ensure reliable operation.
1) Attaching the part to a larger copper footprint will
enable better heat transfer from the device, especially
on PCBs where there are internal ground and power
planes.
2) Place the input, output and bypass capacitors close
to the device for optimal transient response and device
behaviour.
3) Connect all ground connections directly to the ground
plane. If there is no ground plane, connect to a common
local ground point before connecting to board ground.


Similar Part No. - SC1453ITSK32TRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1453ITSK-1.5TR SEMTECH-SC1453ITSK-1.5TR Datasheet
245Kb / 14P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453ITSK-1.5TRT SEMTECH-SC1453ITSK-1.5TRT Datasheet
245Kb / 14P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453ITSK-1.8TR SEMTECH-SC1453ITSK-1.8TR Datasheet
245Kb / 14P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453ITSK-1.8TRT SEMTECH-SC1453ITSK-1.8TRT Datasheet
245Kb / 14P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453ITSK-2.5TR SEMTECH-SC1453ITSK-2.5TR Datasheet
245Kb / 14P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
More results

Similar Description - SC1453ITSK32TRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1453 SEMTECH-SC1453_06 Datasheet
245Kb / 14P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453 SEMTECH-SC1453 Datasheet
119Kb / 5P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC8863 SEMTECH-SC8863_05 Datasheet
224Kb / 11P
   150mA Ultra Low Dropout, Low Noise Regulator
SC8863 SEMTECH-SC8863 Datasheet
92Kb / 9P
   150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
SC1454 SEMTECH-SC1454_05 Datasheet
250Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456_05 Datasheet
192Kb / 10P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456 Datasheet
68Kb / 5P
   Dual 150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
SC1454 SEMTECH-SC1454 Datasheet
298Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330 Datasheet
634Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
logo
ADDtek Corp
AMC8878 ADDTEK-AMC8878 Datasheet
271Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com