Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5501 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5501
Description  VHF to UHF Low-Noise Wide-Band Amplifier Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5501 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5501 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5501 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5501 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5501 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5501 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5501 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SC5501
No.6221–2/6
Continued from preceding page.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
n
i
a
G
r
e
f
s
n
a
r
T
d
r
a
w
r
o
F
|
e
1
2
S
|
2 1
V E
C
I
,
V
5
=
C
z
H
G
1
=
f
,
A
m
0
2
=
0
13
1B
d
|
e
1
2
S
|
2 2
V E
C
I
,
V
2
=
C
z
H
G
1
=
f
,
A
m
3
=
9B
d
e
r
u
g
i
F
e
s
i
o
N
F
NV E
C
I
,
V
5
=
C
z
H
G
1
=
f
,
A
m
7
=0
.
18
.
1B
d
VCE=5V
5
2
4
6
8
10
12
0
1.0
57
57
10
100
23
35
7
2
2
3
Cre -- VCB
7
1.0
23
5
7
10
23
2
57
100
Collector-to-Base Voltage, VCB -- V
3
2
1.0
7
0.1
7
5
3
2
5
7
0.1
23
5
7 1.0
23
2
3
57 10
3
2
1.0
7
0.1
7
5
3
2
7 0.1
23
5
7 1.0
23
2
3
57
10
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
2
10
7
5
3
2
1.0
7
5
3
2
100
7
5
3
2
10
7
5
1.0
23
5
7
7
10
23
5
7 100
2
35
fT -- IC
hFE -- IC
f=1MHz
f=1MHz
IT00637
IT00638
IT00639
IT00640
IT00641
14
VCE=5V
NF -- IC
10
12
8
6
4
2
0
35
7 1.0
23
5
7
7
10
100
22
35
IT00642
VCE=5V
f=1GHz
S21e2 -- IC
f=1GHz
Collector Current, IC – mA
Collector Current, IC –mA
Collector Current, IC – mA
Collector Current, IC –mA


Similar Part No. - 2SC5501

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5501A SANYO-2SC5501A Datasheet
55Kb / 5P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5501A SANYO-2SC5501A Datasheet
470Kb / 8P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
logo
ON Semiconductor
2SC5501A ONSEMI-2SC5501A Datasheet
369Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP4
August, 2013
2SC5501A-4-TR-E ONSEMI-2SC5501A-4-TR-E Datasheet
369Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP4
August, 2013
logo
Sanyo Semicon Device
2SC5501A SANYO-2SC5501A_12 Datasheet
470Kb / 8P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
More results

Similar Description - 2SC5501

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5489 SANYO-2SC5489 Datasheet
31Kb / 3P
   VHF to UHF Low-Noise Wide-Band Amplifier Applications
EC3H02C SANYO-EC3H02C Datasheet
26Kb / 5P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5227A SANYO-2SC5227A_12 Datasheet
454Kb / 8P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5501A SANYO-2SC5501A Datasheet
55Kb / 5P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5488A SANYO-2SC5488A Datasheet
51Kb / 4P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5501A SANYO-2SC5501A_12 Datasheet
470Kb / 8P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
EC3H02B SANYO-EC3H02B Datasheet
41Kb / 5P
   VHF to UHF Low-Noise Wide-Band Amplifier Applications
2SC5503 SANYO-2SC5503 Datasheet
45Kb / 6P
   VHF to UHF Low-Noise Wide-Band Amplifier Applications
2SC5539 SANYO-2SC5539 Datasheet
44Kb / 5P
   VHF to UHF Low-Noise Wide-Band Amplifier Applications
EC3H05B SANYO-EC3H05B Datasheet
25Kb / 5P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com