Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA-QFE52SA-M-Z-T-01 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # CA-QFE52SA-M-Z-T-01
Description  Carrier Adaptor 52 position (0.65mm pitch) QFP Zero Insertion Force socket with test points to 52 position surface mountable QFP emulator foot.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CA-QFE52SA-M-Z-T-01 Datasheet(HTML) 1 Page - Ironwood Electronics.

  CA-QFE52SA-M-Z-T-01 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Date: 11/13/96
CA-QFE52SA-M-Z-T-01 Drawing
Rev: B
Status: Released
File: CA-QFE052SA-M-Z-T-01 Dwg
Modified: 8/11/98
Scale: 2:1
Drawing: Vang Thao
1.750"
2.775"
0.771"
0.24"
Description: Carrier Adaptor
52 position (0.65mm pitch) QFP Zero Insertion Force socket with test points to 52 position surface mountable QFP
emulator foot.
All tolerances: ±0.005" (unless stated otherwise). Materials and specifications are subject to change without notice.
© 1996 IRONWOOD ELECTRONICS, INC.
PO BOX 21151 ST. PAUL, MN 55121
Tele: (651) 452-8100
www.ironwoodelectronics.com
0.100" typ.
1.339"
1.772"
Pins: shell material- Brass Alloy 360 1/2 hard; finish-
10µ" Au over 50µ" Ni (min.). Contact material- BeCu;
finish 10µ" Au over 100µ" Ni (min.)
3
Substrate: 0.0625"±0.007" FR4/G10 or equivalent high
temp material. 1/2 oz. Cu clad. SnPb plating
Test points: material- Phosphor Bronze; plating- Sn
over 50µ" Ni. Gold flash on contact end.
5
1
3
5
1


Similar Part No. - CA-QFE52SA-M-Z-T-01

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CA-QFE52SA-L-Z-01 IRONWOOD-CA-QFE52SA-L-Z-01 Datasheet
17Kb / 1P
   Carrier Adaptor 52 position (0.65mm pitch) QFP Zero Insertion Force socket to 52 position surface mountable QFP emulator foot.
CA-QFE52SA-L-Z-T-01 IRONWOOD-CA-QFE52SA-L-Z-T-01 Datasheet
26Kb / 1P
   Carrier Adaptor (CA) 52 position(0.65mm pitch) QFP Zero Insertion Force socket with test points to leadless surface mount foot.
More results

Similar Description - CA-QFE52SA-M-Z-T-01

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CA-QFE52SB-L-Z-T-01 IRONWOOD-CA-QFE52SB-L-Z-T-01 Datasheet
22Kb / 1P
   Carrier Adaptor 52 position (0.65mm pitch) QFP Zero Insertion Force socket with test points to 52 position surface mountable QFP emulator foot.
CA-QFE52SA-L-Z-01 IRONWOOD-CA-QFE52SA-L-Z-01 Datasheet
17Kb / 1P
   Carrier Adaptor 52 position (0.65mm pitch) QFP Zero Insertion Force socket to 52 position surface mountable QFP emulator foot.
CA-QFE44SB-L-Z-T-01 IRONWOOD-CA-QFE44SB-L-Z-T-01 Datasheet
22Kb / 1P
   QFP CARRIER ADAPTOR 44 position (0.8mm pitch) QFP Zero Insertion Force socket with test points to 44 position surface mountable QFP emulator foot.
CA-QFE52SA-L-Z-T-01 IRONWOOD-CA-QFE52SA-L-Z-T-01 Datasheet
26Kb / 1P
   Carrier Adaptor (CA) 52 position(0.65mm pitch) QFP Zero Insertion Force socket with test points to leadless surface mount foot.
CA-QFE44SA-L-Z-T-01 IRONWOOD-CA-QFE44SA-L-Z-T-01 Datasheet
21Kb / 1P
   Carrier Adaptor 44 position (0.8mm pitch) QFP Zero Insertion Force socket with test points to 44 position surface mountable QFP emulator foot.
CA-QFE64SA-L-Z-T-01 IRONWOOD-CA-QFE64SA-L-Z-T-01 Datasheet
42Kb / 1P
   Carrier Adaptor 64 position (0.8 mm pitch) QFP Zero Insertion Force socket with test points to 64 position surface mountable QFP emulator foot.
CA-QFE64RA-L-Z-T-01 IRONWOOD-CA-QFE64RA-L-Z-T-01 Datasheet
45Kb / 1P
   Carrier Adaptor (CA) 64 position (1.00mm pitch) QFP zero insertion force (ZIF) socket with test points to 64 position surface mountable QFP emulator foot.
CA-QFE52SF-L-Z-T-01 IRONWOOD-CA-QFE52SF-L-Z-T-01 Datasheet
54Kb / 1P
   Carrier Adaptor (CA), QFP 52 position QFP ZIF socket with test points and pluggable intermediate interface to 52 position surface-mount foot(lead-less).
CA-QFE64SD-L-N-T-01 IRONWOOD-CA-QFE64SD-L-N-T-01 Datasheet
48Kb / 1P
   Carrier Adaptor 64 position interface board with test points to 64 position surface mountable QFP emulator foot.
CA-QFE64SA-L-Z-01 IRONWOOD-CA-QFE64SA-L-Z-01 Datasheet
30Kb / 1P
   Carrier Adaptor 64 position (0.8mm pitch) QFP ZIF socket to 64 position surface mountable QFP emulator foot.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com