Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3003-02XTG Datasheet(PDF) 7 Page - Littelfuse

Part # SP3003-02XTG
Description  Low Capacitance ESD Protection Array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3003-02XTG Datasheet(HTML) 7 Page - Littelfuse

  SP3003-02XTG Datasheet HTML 1Page - Littelfuse SP3003-02XTG Datasheet HTML 2Page - Littelfuse SP3003-02XTG Datasheet HTML 3Page - Littelfuse SP3003-02XTG Datasheet HTML 4Page - Littelfuse SP3003-02XTG Datasheet HTML 5Page - Littelfuse SP3003-02XTG Datasheet HTML 6Page - Littelfuse SP3003-02XTG Datasheet HTML 7Page - Littelfuse SP3003-02XTG Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
71
©2010 Littelfuse, Inc.
Revised: August 19, 2010
SPA™ Silicon Protection Array Products
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Low Capacitance ESD Protection Array
SP3003 Lead-Free/Green Series
Embossed Carrier Tape & Reel Specifications - SOT553 and SOT563
Millimetres
Inches
Min
Max
Min
Max
E
1.65
1.85
0.064
0.073
F
3.45
3.55
0.135
0.139
P2
1.95
2.05
0.076
0.081
D
1.40
1.60
0.055
0.063
D1
0.45
0.55
0.017
0.021
P0
3.90
4.10
0.154
0.161
10P0
40.0+/- 0.20
1.574+/-0.008
W
7.70
8.10
0.303
0.318
P
3.90
4.10
0.153
0.161
A0
1.73
1.83
0.068
0.072
B0
1.73
1.83
0.068
0.072
K0
0.64
0.74
0.025
0.029
t
0.22 max
0.009 max
Ordering Information
Part Number
Package
Marking
Min. Order Qty.
SP3003-02JTG
SC70-5
FX2
3000
SP3003-02XTG
SOT553
FX2
5000
SP3003-04ATG
MSOP-10
FX4
4000
SP3003-04JTG
SC70-6
FX4
3000
SP3003-04XTG
SOT563
FX4
5000
Embossed Carrier Tape & Reel Specifications - SC70-5 and SC70-6
Millimetres
Inches
Min
Max
Min
Max
E
1.65
1.85
0.064
0.073
F
3.45
3.55
0.135
0.139
P2
1.95
2.05
0.077
0.081
D
1.40
1.60
0.055
0.063
D1
1.00
1.25
0.039
0.049
P0
3.90
4.10
0.154
0.161
10P0
40.0+/- 0.20
1.574+/-0.008
W
7.70
8.10
0.303
0.318
P
3.90
4.10
0.153
0.161
A0
2.14
2.34
0.084
0.092
B0
2.24
2.44
0.088
0.960
K0
1.12
1.32
0.044
0.052
t
0.27 max
0.010 max


Similar Part No. - SP3003-02XTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3003-02XTG LITTELFUSE-SP3003-02XTG Datasheet
105Kb / 1P
   Silicon Protection Arrays
SP3003-02XTG LITTELFUSE-SP3003-02XTG Datasheet
1Mb / 7P
   SP3003 Series 0.65pF Diode Array
More results

Similar Description - SP3003-02XTG

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CSRS045V0P-HF COMCHIP-CSRS045V0P-HF Datasheet
148Kb / 5P
   Low Capacitance ESD Protection Array
logo
Littelfuse
SP3004 LITTELFUSE-SP3004 Datasheet
221Kb / 6P
   Low Capacitance ESD Protection Array
logo
Infineon Technologies A...
BGF127 INFINEON-BGF127 Datasheet
594Kb / 6P
   Low Capacitance ESD protection array
2009-08-20
logo
Littelfuse
SP3001 LITTELFUSE-SP3001 Datasheet
160Kb / 6P
   Low Capacitance ESD Protection Array
SP3003 LITTELFUSE-SP3003 Datasheet
286Kb / 8P
   Low Capacitance ESD Protection Array
logo
Taiwan Semiconductor Co...
TESDA5V0A TSC-TESDA5V0A_15 Datasheet
263Kb / 5P
   Low Capacitance ESD Protection Array
logo
ON Semiconductor
CM1230 ONSEMI-CM1230_12 Datasheet
249Kb / 8P
   Low-Capacitance ESD Protection Array
January, 2012 ??Rev. 4
logo
Comchip Technology
ACPDVR105V0USP-HF COMCHIP-ACPDVR105V0USP-HF Datasheet
121Kb / 4P
   Low Capacitance ESD Protection Array
ACSRS065V0P COMCHIP-ACSRS065V0P Datasheet
303Kb / 5P
   Low Capacitance ESD Protection Array
CPDVR105V0USP-HF COMCHIP-CPDVR105V0USP-HF Datasheet
373Kb / 4P
   Low Capacitance ESD Protection Array
logo
Littelfuse
SP3001 LITTELFUSE-SP3001_10 Datasheet
385Kb / 6P
   Low Capacitance ESD Protection Array
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com