Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5735 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5735
Description  Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5735 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5735 Datasheet HTML 7Page - Analog Devices AD5735 Datasheet HTML 8Page - Analog Devices AD5735 Datasheet HTML 9Page - Analog Devices AD5735 Datasheet HTML 10Page - Analog Devices AD5735 Datasheet HTML 11Page - Analog Devices AD5735 Datasheet HTML 12Page - Analog Devices AD5735 Datasheet HTML 13Page - Analog Devices AD5735 Datasheet HTML 14Page - Analog Devices AD5735 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Preliminary Technical Data
AD5755/AD5735
Rev. PrG | Page 11 of 34
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted. Transient currents of up to
100 mA do not cause SCR latch-up.
Table 5.
Parameter
Rating
AVDD to AGND, DGND
−0.3 V to +33 V
AVSS to AGND, DGND
+0.3 V to −28 V
AVDD to AVSS
−0.3 V to +60 V
AVcc to AGND
−0.3 V to +7 V
DVDD to DGND
−0.3 V to +7 V
Digital Inputs to DGND
−0.3 V to DVDD + 0.3 V or
+7 V (whichever is less)
Digital Outputs to DGND
−0.3 V to DVDD + 0.3 V
REFIN/REFOUT to AGND
−0.3 V to AVDD + 0.3 V or +7
V (whichever is less)
VOUT A,B,C,D to AGND
AVSS to VBOOST or 33V if using
the DC-DC circuitry.
−VSENSEA,B,C,D / +VSENSEA,B,C,D to AGND
AVSS to VBOOST or 33V if using
the DC-DC circuitry.
COMPLVA,B,C,D to AGND
0.3 V to +5 V
IOUT A,B,C,D to AGND
AVSS to VBOOST or 33V if using
the DC-DC circuitry.
RSETA,B,C,D to AGND
−0.3 V to AVDD + 0.3 V or +7
V (whichever is less)
SWA,B,C,D / VBOOSTA,B,C,D to AGND
−0.3 to +33 V
COMPDCDC_A,B,C,D to AGND
−0.3 V to +5 V
AGND, GNDSWA,B,C,D to DGND
−0.3 V to +0.3 V
Operating Temperature Range (TA)
Industrial1
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ max)
125°C
64-Lead LFCSP
θJA Thermal Impedance2
20°C/W
Power Dissipation
(TJmax – TA)/θJA
Lead Temperature
JEDEC Industry Standard
Soldering
J-STD-020
1 Power dissipated on chip must be derated to keep the junction temperature
below 125°C
2 Based on a JEDEC 4 layer test board
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - AD5735

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5735 AD-AD5735 Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
AD5735 AD-AD5735 Datasheet
1Mb / 44P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
AD5735ACPZ AD-AD5735ACPZ Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
AD5735ACPZ-REEL7 AD-AD5735ACPZ-REEL7 Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
AD5735 AD-AD5735_12 Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
More results

Similar Description - AD5735

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5755-1 AD-AD5755-1 Datasheet
939Kb / 34P
   Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD5757 AD-AD5757 Datasheet
909Kb / 31P
   Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD5757 AD-AD5757_11 Datasheet
1Mb / 44P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
REV. A
AD5755 AD-AD5755_11 Datasheet
2Mb / 48P
   Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
REV. 0
AD5755-1 AD-AD5755-1_11 Datasheet
1Mb / 48P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA and Voltage Output DAC,Dynamic Power Control
REV. A
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5370 AD-AD5370_15 Datasheet
652Kb / 29P
   40-Channel,16-Bit, Serial Input, Voltage Output DAC
REV. 0
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com