Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5735 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5735
Description  Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5735 Datasheet(HTML) 3 Page - Analog Devices

  AD5735 Datasheet HTML 1Page - Analog Devices AD5735 Datasheet HTML 2Page - Analog Devices AD5735 Datasheet HTML 3Page - Analog Devices AD5735 Datasheet HTML 4Page - Analog Devices AD5735 Datasheet HTML 5Page - Analog Devices AD5735 Datasheet HTML 6Page - Analog Devices AD5735 Datasheet HTML 7Page - Analog Devices AD5735 Datasheet HTML 8Page - Analog Devices AD5735 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Preliminary Technical Data
AD5755/AD5735
Rev. PrG | Page 3 of 34
SPECIFICATIONS
AVDD = 15V, AVSS = -15V, VBOOSTA,B,C,D = +10.8 V to +33 V, DVDD = AVCC = 2.7 V to 5.5 V, DCDC disabled, AGND = DGND =
GNDSWA,B,C,D = 0 V, REFIN= +5, VOUT : RL = 1kΩ, CL = 220pF, IOUT : RL = 300Ω, all specifications TMIN to TMAX unless otherwise noted.
Table 2.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
VOLTAGE OUTPUT
Output Voltage Ranges
0
5
V
0
10
V
AVDD needs to have min TBD V headroom on output.
- 5
+ 5
V
-10
+ 10
V
AVDD/AVSS need to have min TBD V headroom on
output.
0
6
V
0
12
V
AVDD needs to have min TBD V headroom on output.
-6
+6
V
-12
+2
V
AVDD/AVSS need to have min TBD V headroom on
output.
ACCURACY
Resolution
16
Bits
AD5755
12
Bits
AD5735
Total Unadjusted Error (TUE)
B Version
−0.04
+0.04
% FSR
−0.02
TBD
+0.02
% FSR
TA = 25°C
A Version
−0.25
+0.25
% FSR
−0.075
TBD
+0.075
% FSR
TA = 25°C
TUE TC2
±3
ppm FSR/°C
typ
Relative Accuracy (INL)
−0.006
+0.006
% FSR
AD5755
−0.025
+0.025
% FSR
AD5735
Differential Nonlinearity (DNL)
−1
+1
LSB
Guaranteed monotonic
Bipolar Zero Error
−TBD
+TBD
%FSR
−0.008
TBD
+0.008
%FSR
TA = 25°C
Bipolar Zero TC2
±3
ppm FSR/°C
Zero-Scale Error
−TBD
+TBD
%FSR
−0.016
TBD
+0.016
%FSR
TA = 25°C
Zero-Scale TC2
±3
ppm FSR/°C
Gain Error
−TBD
+TBD
% FSR
−TBD
TBD
+TBD
% FSR
TA = 25°C
Gain TC2
−TBD
TBD
+TBD
ppm FSR/°C
Full-Scale Error
−TBD
+TBD
% FSR
TA = 25°C
−TBD
TBD
+TBD
% FSR
TA = 25°C
Full-Scale TC2
−TBD
TBD
+TBD
ppm FSR/°C
OUTPUT CHARACTERISTICS2
Headroom
1
TBD
V
Output Voltage Drift vs. Time
±TB
D
ppm FSR
Drift after 500 hours, TJ = 150°C (this is included in the
TUE specifications)
±TB
D
ppm FSR
Drift after 1000 hours, TJ = 150°C (this is included in
the TUE specifications)
Short-Circuit Current
15/8
mA
Programmable by user, defaults to 15ma Typ level.
Load
1
kΩ
For specified performance
Capacitive Load Stability


Similar Part No. - AD5735

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5735 AD-AD5735 Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
AD5735 AD-AD5735 Datasheet
1Mb / 44P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
AD5735ACPZ AD-AD5735ACPZ Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
AD5735ACPZ-REEL7 AD-AD5735ACPZ-REEL7 Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
AD5735 AD-AD5735_12 Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
More results

Similar Description - AD5735

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5755-1 AD-AD5755-1 Datasheet
939Kb / 34P
   Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD5757 AD-AD5757 Datasheet
909Kb / 31P
   Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD5757 AD-AD5757_11 Datasheet
1Mb / 44P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
REV. A
AD5755 AD-AD5755_11 Datasheet
2Mb / 48P
   Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
REV. 0
AD5755-1 AD-AD5755-1_11 Datasheet
1Mb / 48P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA and Voltage Output DAC,Dynamic Power Control
REV. A
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5370 AD-AD5370_15 Datasheet
652Kb / 29P
   40-Channel,16-Bit, Serial Input, Voltage Output DAC
REV. 0
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com