Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG5412 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG5412
Description  High Voltage Latch-Up Proof, Quad SPST Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5412 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG5412 Datasheet HTML 4Page - Analog Devices ADG5412 Datasheet HTML 5Page - Analog Devices ADG5412 Datasheet HTML 6Page - Analog Devices ADG5412 Datasheet HTML 7Page - Analog Devices ADG5412 Datasheet HTML 8Page - Analog Devices ADG5412 Datasheet HTML 9Page - Analog Devices ADG5412 Datasheet HTML 10Page - Analog Devices ADG5412 Datasheet HTML 11Page - Analog Devices ADG5412 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADG5412/ADG5413
Rev. 0 | Page 8 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 6.
Parameter
Rating
VDD to VSS
48 V
VDD to GND
−0.3 V to +48 V
VSS to GND
+0.3 V to −48 V
Analog Inputs1
VSS − 0.3 V to VDD + 0.3 V or
30 mA, whichever occurs first
Digital Inputs1
VSS − 0.3 V to VDD + 0.3 V or
30 mA, whichever occurs first
Peak Current, Sx or Dx Pins
278 mA (pulsed at 1 ms, 10%
duty cycle maximum)
Continuous Current, Sx or Dx2
Data + 15%
Temperature Range
Operating
−40°C to +125°C
Storage
−65°C to +150°C
Junction Temperature
150°C
Thermal Impedance, θJA
16-Lead TSSOP (4-Layer
Board)
112.6°C/W
16-Lead LFCSP (4-Layer
Board)
30.4°C/W
Reflow Soldering Peak
Temperature, Pb Free
260(+0/−5)°C
1 Overvoltages at the INx, Sx, and Dx pins are clamped by internal diodes.
Limit current to the maximum ratings given.
2 See Table 5.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Only one absolute maximum rating can be applied at any
one time.
ESD CAUTION


Similar Part No. - ADG5412

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5412 AD-ADG5412 Datasheet
340Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. A
ADG5412BCPZ-REEL7 AD-ADG5412BCPZ-REEL7 Datasheet
340Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. A
ADG5412BF AD-ADG5412BF Datasheet
583Kb / 28P
   Bidirectional Fault Protection and Detection, 10 ohm RON, Quad SPST Switches
ADG5412BF AD-ADG5412BF Datasheet
587Kb / 31P
   짹60 V Fault Protection and Detection, 11 廓 RON, Dual SPST Switch
ADG5412BFBCPZ-RL7 AD-ADG5412BFBCPZ-RL7 Datasheet
583Kb / 28P
   Bidirectional Fault Protection and Detection, 10 ohm RON, Quad SPST Switches
More results

Similar Description - ADG5412

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5412 AD-ADG5412_11 Datasheet
340Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. A
ADG5421 AD-ADG5421 Datasheet
386Kb / 20P
   High Voltage Latch-Up Proof, Dual SPST Switches
REV. 0
ADG5212 AD-ADG5212 Datasheet
339Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches 0.07 pC charge injection
REV. 0
ADG5433WBRUZ AD-ADG5433WBRUZ Datasheet
425Kb / 24P
   High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
REV. C
ADG5433 AD-ADG5433 Datasheet
378Kb / 24P
   High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
REV. B
ADG5401 AD-ADG5401 Datasheet
375Kb / 17P
   High Voltage Latch-Up Proof, Single SPST Switch
ADG5436 AD-ADG5436_11 Datasheet
394Kb / 20P
   High Voltage Latch-Up Proof, Dual SPDT Switches
REV. A
ADG5433W AD-ADG5433W Datasheet
385Kb / 20P
   High Voltage, Latch-Up Proof, Triple SPDT Switches
ADG5436 AD-ADG5436 Datasheet
306Kb / 20P
   High Voltage Latch-Up Proof, Dual SPDT Switches
REV. 0
ADG5233 AD-ADG5233 Datasheet
360Kb / 24P
   High Voltage Latch-Up Proof
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com