Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16133 Datasheet(PDF) 8 Page - Analog Devices

Part # ADIS16133
Description  짹1200째/sec Precision Angular Rate Sensor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16133 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADIS16133 Datasheet HTML 4Page - Analog Devices ADIS16133 Datasheet HTML 5Page - Analog Devices ADIS16133 Datasheet HTML 6Page - Analog Devices ADIS16133 Datasheet HTML 7Page - Analog Devices ADIS16133 Datasheet HTML 8Page - Analog Devices ADIS16133 Datasheet HTML 9Page - Analog Devices ADIS16133 Datasheet HTML 10Page - Analog Devices ADIS16133 Datasheet HTML 11Page - Analog Devices ADIS16133 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADIS16133
Rev. 0 | Page 8 of 20
BASIC OPERATION
The ADIS16133 is an autonomous system that requires no user
initialization. As soon as it has a valid power supply, it initializes
and starts sampling, processing, and loading sensor data into
the output registers. DIO1 pulses high after each sample cycle
concludes. The SPI interface enables simple integration with
many embedded processor platforms, as shown in Figure 10
(electrical connection diagram) and listed in Table 6 (processor
pin names and functions).
SYSTEM
PROCESSOR
SPI MASTER
ADIS16133
SCLK
CS
DIN
DOUT
SCLK
SS
MOSI
MISO
5V
IRQ
DIO1
VDD
I/O LINES ARE COMPATIBLE WITH
3.3V OR 5V LOGIC LEVELS
10
6
3
5
4
7
11
12
13
14
15
Figure 10. Electrical Connection Diagram
Table 6. Generic Master Processor Pin Names and Functions
Pin Name
Function
SS
Slave select
IRQ
Interrupt request
MOSI
Master output, slave input
MISO
Master input, slave output
SCLK
Serial clock
The ADIS16133 SPI interface supports full duplex serial com-
munication (simultaneous transmit and receive) and uses the
sequences shown in Figure 13 for DIN/DOUT bit coding. Table 7
provides a list of the most common settings that require attention
to initialize a processor serial port for the ADIS16133 SPI interface.
Table 7. Generic Master Processor SPI Settings
Processor Setting
Description
Master
ADIS16133 operates as a slave
SCLK Rate ≤ 2 MHz
Maximum serial clock rate
SPI Mode 3
CPOL = 1 (polarity), CPHA = 1 (phase)
MSB-First Mode
Bit sequence
16-Bit Mode
Shift register/data length
READING SENSOR DATA
A single register read requires two 16-bit SPI cycles. The first
cycle requests the contents of a register using the bit assignments
in Figure 13. The register contents follow on DOUT during the
second sequence. Figure 11 includes three single register reads
in succession. In this example, the process begins with DIN =
0x0600 to request the contents of the GYRO_OUT register,
followed by 0x0400 to request the contents of the GYRO_OUT2
register, and then 0x0200 to request the contents of the TEMP_OUT
register. Full duplex operation enables processors to use the
same 16-bit SPI cycle to read data from DOUT while requesting
the next set of data on DIN. Figure 12 provides an example of
the four SPI signals when reading GYRO_OUT in a repeating
pattern. Note that DOUT starts to represent GYRO_OUT during
the second 16-bit SPI cycle.
DIN
DOUT
0x0600
0x0400
0x0200
GYRO_OUT
GYRO_OUT2
TEMP_OUT
Figure 11. SPI Read Example
SCLK
DIN
DOUT
CS
DIN = 0000 0110 0000 0000 = 0x0600
DOUT = 1111 1100 0000 0001 = 0xFC18 = –1000 LSBs
≥ –50°/sec
Figure 12. SPI Read Example, Second 16-Bit Sequence
R/W
R/W
A6
A5
A4
A3
A2
A1
A0
DC7
DC6
DC5
DC4
DC3
DC2
DC1
DC0
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
CS
SCLK
DIN
DOUT
A6
A5
D13
D14
D15
NOTES
1. DOUT BITS ARE PRODUCED ONLY WHEN THE PREVIOUS 16-BIT DIN SEQUENCE STARTS WITH R/W = 0.
2. WHEN CS IS HIGH, DOUT IS IN A THREE-STATE, HIGH IMPEDANCE MODE, WHICH ALLOWS MULTIFUNCTIONAL USE OF THE LINE
FOR OTHER DEVICES.
Figure 13. SPI Communication Bit Sequence


Similar Part No. - ADIS16133

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16133BMLZ AD-ADIS16133BMLZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
ADIS16133 AD-ADIS16133_15 Datasheet
504Kb / 20P
   Precision Angular Rate Sensor
REV. D
More results

Similar Description - ADIS16133

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16137 AD-ADIS16137 Datasheet
452Kb / 20P
   짹1000째/Sec Precision Angular Rate Sensor
ADIS16136 AD-ADIS16136 Datasheet
446Kb / 20P
   짹450째/Sec Precision Angular Rate Sensor
REV. A
ADIS16135 AD-ADIS16135 Datasheet
430Kb / 20P
   Precision Angular Rate Sensor
REV. 0
ADIS16133 AD-ADIS16133_15 Datasheet
504Kb / 20P
   Precision Angular Rate Sensor
REV. D
ADIS16130 AD-ADIS16130 Datasheet
373Kb / 16P
   Digital Output, High-Precision Angular Rate Sensor
REV. 0
logo
List of Unclassifed Man...
SDG1000 ETC2-SDG1000 Datasheet
223Kb / 2P
   MEMS Angular Rate Sensor
logo
Analog Devices
ADIS16120 AD-ADIS16120_15 Datasheet
390Kb / 12P
   Low Noise, Angular Rate Sensor
REV. B
logo
List of Unclassifed Man...
MLX90609 ETC2-MLX90609 Datasheet
611Kb / 22P
   Angular Rate Sensor (Standard version)
logo
Analog Devices
ADIS16120 AD-ADIS16120 Datasheet
386Kb / 12P
   Low Noise, Angular Rate Sensor
REV. A
logo
Melexis Microelectronic...
MLX90609 MELEXIS-MLX90609 Datasheet
540Kb / 22P
   Angular Rate Sensor (Standard version)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com