Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2119ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP2119ACPZ-R7
Description  2 A/1.25 A, 1.2 MHz, Synchronous, Step-Down DC-to-DC Regulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2119ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP2119ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADP2119/ADP2120
Rev. 0 | Page 8 of 24
100
0
10
20
30
40
50
60
70
80
90
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
OUTPUT CURRENT (A)
VOUT = 1.0V
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
INDUCTOR SUMIDA
CDRH5D18BHPNP-1R5M
Figure 10. Efficiency (ADP2120, VIN = 5 V, FPWM) vs. Output Current
900
850
800
750
700
650
600
550
500
450
400
2.3
5.5
5.1
4.7
4.3
3.9
3.5
3.1
2.7
VIN (V)
TJ = +125°C
TJ = +25°C
TJ = –40°C
Figure 11. Quiescent Current vs. VIN (Switching)
275
250
225
200
175
150
125
100
75
50
2.3
5.5
5.1
4.7
4.3
3.9
3.5
3.1
2.7
VIN (V)
TJ = +125°C
TJ = +25°C
TJ = –40°C
Figure 12. PFET Resistor vs. VIN (Pin-to-Pin Measurements)
100
0
10
20
30
40
50
60
70
80
90
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
OUTPUT CURRENT (A)
VOUT = 1.0V
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
INDUCTOR SUMIDA
CDRH5D18BHPNP-1R5M
Figure 13. Efficiency (ADP2120, VIN = 5 V, PFM) vs. Output Current
605
604
603
602
601
600
599
598
597
596
595
594
–40
120
100
80
60
40
20
0
–20
TEMPERATURE (°C)
Figure 14. Feedback Voltage vs. Temperature (VIN = 3.3 V)
120
110
100
90
80
70
60
50
40
30
2.3
5.5
5.1
4.7
4.3
3.9
3.5
3.1
2.7
VIN (V)
TJ = +125°C
TJ = +25°C
TJ = –40°C
Figure 15. NFET Resistor vs. VIN (Pin-to-Pin Measurements)


Similar Part No. - ADP2119ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2114 AD-ADP2114 Datasheet
2Mb / 40P
   Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
REV. 0
ADP2114-2PH-EVALZ AD-ADP2114-2PH-EVALZ Datasheet
2Mb / 40P
   Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
REV. 0
ADP2114-EVALZ AD-ADP2114-EVALZ Datasheet
2Mb / 40P
   Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
REV. 0
ADP2114ACPZ-R7 AD-ADP2114ACPZ-R7 Datasheet
2Mb / 40P
   Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
REV. 0
ADP2116 AD-ADP2116 Datasheet
2Mb / 36P
   Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
More results

Similar Description - ADP2119ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Analog Devices
ADP2118 AD-ADP2118 Datasheet
1Mb / 24P
   3 A, 1.2 MHz/600 kHz High Efficiency Synchronous Step-Down DC-to-DC Converter
REV. 0
logo
Texas Instruments
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040_15 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040 Datasheet
372Kb / 21P
[Old version datasheet]   1.2 A/1.25 MHZ, HIGH EFFICIENCY STEP DOWN CONVERTER
TPS62040 TI1-TPS62040_16 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
LM3281 TI1-LM3281 Datasheet
1Mb / 26P
[Old version datasheet]   3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter
logo
Analog Devices
ADP2114 AD-ADP2114 Datasheet
2Mb / 40P
   Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
REV. 0
logo
Panasonic Semiconductor
NN30320A PANASONIC-NN30320A Datasheet
1Mb / 33P
   3 A Synchronous DC-DC Step down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com