Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF592 Datasheet(PDF) 11 Page - Analog Devices

Part # ADSP-BF592
Description  Blackfin Embedded Processor
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF592 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADSP-BF592 Datasheet HTML 7Page - Analog Devices ADSP-BF592 Datasheet HTML 8Page - Analog Devices ADSP-BF592 Datasheet HTML 9Page - Analog Devices ADSP-BF592 Datasheet HTML 10Page - Analog Devices ADSP-BF592 Datasheet HTML 11Page - Analog Devices ADSP-BF592 Datasheet HTML 12Page - Analog Devices ADSP-BF592 Datasheet HTML 13Page - Analog Devices ADSP-BF592 Datasheet HTML 14Page - Analog Devices ADSP-BF592 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
ADSP-BF592
Preliminary Technical Data
Rev. PrC
|
Page 11 of 46
|
August 2010
For more information about PLL controls, see the “Dynamic
Power Management” chapter in the ADSP-BF59x Blackfin Pro-
cessor Hardware Reference.
Sleep Operating Mode—High Dynamic Power Savings
The sleep mode reduces dynamic power dissipation by disabling
the clock to the processor core (CCLK). The PLL and system
clock (SCLK), however, continue to operate in this mode. Typi-
cally, an external event wakes up the processor. When in the
sleep mode, asserting a wakeup enabled in the SIC_IWR0 regis-
ters causes the processor to sense the value of the BYPASS bit in
the PLL control register (PLL_CTL). If BYPASS is disabled, the
processor transitions to the full on mode. If BYPASS is enabled,
the processor transitions to the active mode.
System DMA access to L1 memory is not supported in
sleep mode.
Deep Sleep Operating Mode—Maximum Dynamic Power
Savings
The deep sleep mode maximizes dynamic power savings by dis-
abling the clocks to the processor core (CCLK) and to all
synchronous peripherals (SCLK). Asynchronous peripherals
may still be running but cannot access internal resources or
external memory. This powered-down mode can only be exited
by assertion of the reset interrupt (RESET) or by an asynchro-
nous interrupt generated by a GPIO pin. Assertion of RESET
while in deep sleep mode causes the processor to transition to
the full on mode. Assertion of a GPIO pin configured for
wakeup (in the VR_CTL register) causes the processor to transi-
tion to active mode, and execution resumes from where the
program counter was when deep sleep mode was entered.
Note that when a GPIO pin is used to trigger wake from deep
sleep, the programmed wake level must linger for at least 10ns
to guarantee detection.
Hibernate State—Maximum Static Power Savings
The hibernate state maximizes static power savings by disabling
clocks to the processor core (CCLK) and to all of the peripherals
(SCLK) as well as signaling an external voltage regulator that
VDDINT can be shut off. Any critical information stored inter-
nally (for example, memory contents, register contents, and
other information) must be written to a non-volatile storage
device prior to removing power if the processor state is to be
preserved. Writing b#0 to the HIBERNATE bit causes
EXT_WAKE to transition low, which can be used to signal an
external voltage regulator to shut down.
Since VDDEXT can still be supplied in this mode, all of the exter-
nal pins three-state, unless otherwise specified. This allows
other devices that may be connected to the processor to still
have power applied without drawing unwanted current.
The processor can be woken up by asserting the RESET pin or
by a general-purpose flag wake up event. All hibernate wakeup
events initiate the hardware reset sequence. Individual sources
are enabled by the VR_CTL register. The EXT_WAKE signal
indicates the occurrence of a wakeup event.
As long as VDDEXT is applied, the VR_CTL register maintains its
state during hibernation. All other internal registers and memo-
ries, however, lose their content in the hibernate state.
Power Savings
As shown in Table 5, the processor supports two different
power domains, which maximizes flexibility while maintaining
compliance with industry standards and conventions. By isolat-
ing the internal logic of the processor into its own power
domain, separate from other I/O, the processor can take advan-
tage of dynamic power management without affecting the other
I/O devices. There are no sequencing requirements for the
various power domains, but all domains must be powered
according to the appropriate Specifications table for processor
operating conditions; even if the feature/peripheral is not used.
The dynamic power management feature of the processor
allows both the processor’s input voltage (VDDINT) and clock fre-
quency (fCCLK) to be dynamically controlled.
The power dissipated by a processor is largely a function of its
clock frequency and the square of the operating voltage. For
example, reducing the clock frequency by 25% results in a 25%
reduction in dynamic power dissipation, while reducing the
voltage by 25% reduces dynamic power dissipation by more
than 40%. Further, these power savings are additive, in that if
the clock frequency and supply voltage are both reduced, the
power savings can be dramatic, as shown in the following
equations.
where the variables in the equations are:
fCCLKNOM is the nominal core clock frequency
Table 4. Power Settings
Mode/State PLL
PLL
Bypassed
Core
Clock
(CCLK)
System
Clock
(SCLK)
Core
Power
Full On
Enabled
No
Enabled Enabled On
Active
Enabled/
Disabled
Yes
Enabled Enabled On
Sleep
Enabled
Disabled Enabled On
Deep Sleep
Disabled —
Disabled Disabled On
Hibernate
Disabled —
Disabled Disabled Off
Table 5. Power Domains
Power Domain
VDD Range
All internal logic and memories
VDDINT
All other I/O
VDDEXT
Power Savings Factor
fCCLKRED
fCCLKNOM
--------------------
VDDINTRED
VDDINTNOM
------------------------


2
×
TRED
TNOM
------------
×
=
% Power Savings
1
Power Savings Factor
() 100%
×
=


Similar Part No. - ADSP-BF592

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF592BCPZ AD-ADSP-BF592BCPZ Datasheet
1Mb / 44P
   Blackfin Embedded Processor
REV. B
ADSP-BF592BCPZ-2 AD-ADSP-BF592BCPZ-2 Datasheet
1Mb / 44P
   Blackfin Embedded Processor
REV. B
ADSP-BF592KCPZ AD-ADSP-BF592KCPZ Datasheet
1Mb / 44P
   Blackfin Embedded Processor
REV. B
ADSP-BF592KCPZ-2 AD-ADSP-BF592KCPZ-2 Datasheet
1Mb / 44P
   Blackfin Embedded Processor
REV. B
More results

Similar Description - ADSP-BF592

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com