Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUC7124 Datasheet(PDF) 10 Page - Analog Devices

Part # ADUC7124
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, Large Memory, ARM7TDMI MCU with Enhanced IRQ Handler
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7124 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADUC7124 Datasheet HTML 6Page - Analog Devices ADUC7124 Datasheet HTML 7Page - Analog Devices ADUC7124 Datasheet HTML 8Page - Analog Devices ADUC7124 Datasheet HTML 9Page - Analog Devices ADUC7124 Datasheet HTML 10Page - Analog Devices ADUC7124 Datasheet HTML 11Page - Analog Devices ADUC7124 Datasheet HTML 12Page - Analog Devices ADUC7124 Datasheet HTML 13Page - Analog Devices ADUC7124 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 96 page
background image
ADuC7124
Rev. 0 | Page 10 of 96
SCLOCK
(POLARITY = 0)
SCLOCK
(POLARITY = 1)
tSH
tSL
tSR
tSF
MOSI
MSB
BIT 6 TO BIT 1
LSB
MISO
MSB IN
BIT 6 TO BIT 1
LSB IN
tDR
tDF
tDAV
tDOSU
tDSU
tDHD
Figure 4. SPI Master Mode Timing (Phase Mode = 0)
Table 6. SPI Slave Mode Timing (Phase Mode = 1)
Parameter
Description
Min
Typ
Max
Unit
t
CS
CS
200
to SCLOCK edge
ns
t
SL
SCLOCK low pulse width
(SPIDIV + 1) × t
HCLK
ns
t
SH
SCLOCK high pulse width
(SPIDIV + 1) × t
HCLK
ns
t
DAV
Data output valid after SCLOCK edge
25
ns
t
DSU
Data input setup time before SCLOCK edge1
1 × t
UCLK
ns
t
DHD
Data input hold time after SCLOCK edge1
2 × t
UCLK
ns
t
DF
Data output fall time
5
12.5
ns
t
DR
Data output rise time
5
12.5
ns
t
SR
SCLOCK rise time
5
12.5
ns
t
SF
SCLOCK fall time
5
12.5
ns
t
SFS
CS
0
high after SCLOCK edge
ns
1 t
UCLK = 23.9 ns. It corresponds to the 41.78 MHz internal clock from the PLL before the clock divider.
SCLOCK
(POLARITY = 0)
CS
SCLOCK
(POLARITY = 1)
tSH
tSL
tSR
tSF
tSFS
MISO
MSB
BIT 6 TO BIT 1
LSB
MOSI
MSB IN
BIT 6 TO BIT 1
LSB IN
tDHD
tDSU
tDAV
tDR
tDF
tCS
Figure 5. SPI Slave Mode Timing (Phase Mode = 1)


Similar Part No. - ADUC7124

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuC7124BCPZ126 AD-ADuC7124BCPZ126 Datasheet
1Mb / 110P
   Precision Analog Microcontroller, 12-Bit Analog I/O, Large Memory, ARM7TDMI MCU with Enhanced IRQ Handler
ADuC7124BCPZ126-RL AD-ADuC7124BCPZ126-RL Datasheet
1Mb / 110P
   Precision Analog Microcontroller, 12-Bit Analog I/O, Large Memory, ARM7TDMI MCU with Enhanced IRQ Handler
ADUC7124 AD-ADUC7124_14 Datasheet
1Mb / 110P
   Precision Analog Microcontroller, 12-Bit Analog I/O, Large Memory, ARM7TDMI MCU with Enhanced IRQ Handler
ADUC7124_7126_ANOMALY AD-ADUC7124_7126_ANOMALY Datasheet
101Kb / 5P
   This anomaly list describes the known bugs
More results

Similar Description - ADUC7124

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7124 AD-ADUC7124_14 Datasheet
1Mb / 110P
   Precision Analog Microcontroller, 12-Bit Analog I/O, Large Memory, ARM7TDMI MCU with Enhanced IRQ Handler
ADUC7023BCPZ62I AD-ADUC7023BCPZ62I Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
Rev. E
ADUC7023 AD-ADUC7023 Datasheet
1Mb / 98P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
Rev. H
ADUC7019 AD-ADUC7019 Datasheet
987Kb / 92P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
REV. A
ADUC7024BSTZ62 AD-ADUC7024BSTZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7121 AD-ADUC7121 Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
REV. 0
ADUC7022 AD-ADUC7022_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7019 AD-ADUC7019_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7021 AD-ADUC7021_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7026 AD-ADUC7026_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com