Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS28E02P+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS28E02P+
Description  1-Wire SHA-1 Authenticated 1Kb EEPROM with 1.8V Operation
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS28E02P+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS28E02P+ Datasheet HTML 1Page - Maxim Integrated Products DS28E02P+ Datasheet HTML 2Page - Maxim Integrated Products DS28E02P+ Datasheet HTML 3Page - Maxim Integrated Products DS28E02P+ Datasheet HTML 4Page - Maxim Integrated Products DS28E02P+ Datasheet HTML 5Page - Maxim Integrated Products DS28E02P+ Datasheet HTML 6Page - Maxim Integrated Products DS28E02P+ Datasheet HTML 7Page - Maxim Integrated Products DS28E02P+ Datasheet HTML 8Page - Maxim Integrated Products DS28E02P+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
1-Wire SHA-1 Authenticated 1Kb
EEPROM with 1.8V Operation
2
_______________________________________________________________________________________
ABRIDGED DATA SHEET
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(TA = -20°C to +85°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IO Voltage Range to GND .......................................-0.5V to +4V
IO Sink Current ...................................................................20mA
Operating Temperature Range ...........................-20°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-55°C to +125°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IO PIN: GENERAL DATA
1-Wire Pullup Voltage
VPUP
(Note 2)
1.75
3.65
V
1-Wire Pullup Resistance
RPUP
(Notes 2, 3)
300
750
Input Capacitance
CIO
(Notes 4, 5)
1500
pF
Input Load Current
IL
IO pin at VPUP
0.05
5
µA
High-to-Low Switching Threshold
VTL
(Notes 5, 6, 7)
0.4
VPUP
0.89
V
Input Low Voltage
VIL
(Notes 2, 8)
0.30
V
Low-to-High Switching Threshold
VTH
(Notes 5, 6, 9)
0.74
VPUP
0.49
V
Switching Hysteresis
VHY
(Notes 5, 6, 10)
0.26
1.02
V
Output Low Voltage
VOL
At 4mA current load (Note 11)
0.4
V
Standard speed, RPUP = 750
20
Recovery Time (Notes 2, 12)
tREC
Overdrive speed
20
µs
Standard speed
80
Time Slot Duration (Notes 2, 13)
tSLOT
Overdrive speed
28
µs
IO PIN: 1-Wire RESET, PRESENCE-DETECT CYCLE
Standard speed
480
640
Reset Low Time (Note 2)
tRSTL
Overdrive speed
50
80
µs
Standard speed
480
Reset High Time (Note 14)
tRSTH
Overdrive speed
48
µs
Standard speed
60
72
Presence-Detect Sample Time
(Notes 2, 15)
tMSP
Overdrive speed
7
10
µs
IO PIN: 1-Wire WRITE
Standard speed
60
120
Write-Zero Low Time (Notes 2, 16)
tW0L
Overdrive speed
8
15.5
µs
Standard speed
1
15
Write-One Low Time (Notes 2, 16)
tW1L
Overdrive speed
1
2
µs
IO PIN: 1-Wire READ
Standard speed
5
15 -
Read Low Time (Notes 2, 17)
tRL
Overdrive speed
1
2 -
µs
Standard speed
tRL +
15
Read Sample Time (Notes 2, 17)
tMSR
Overdrive speed
tRL +
2
µs
EEPROM
IO voltage < 3.65V
3.5
IO voltage < 2.95V
2.5
Programming Current
(Notes 5, 18)
IPROG
IO voltage = 1.75V
1.0
mA


Similar Part No. - DS28E02P+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E02P++ MAXIM-DS28E02P+ Datasheet
191Kb / 21P
   1-Wire SHA-1 Authenticated 1Kb EEPROM with 1.8V Operation
Rev 1; 3/12
DS28E02P+R MAXIM-DS28E02P+R Datasheet
191Kb / 21P
   1-Wire SHA-1 Authenticated 1Kb EEPROM with 1.8V Operation
Rev 1; 3/12
DS28E02P+T MAXIM-DS28E02P+T Datasheet
191Kb / 21P
   1-Wire SHA-1 Authenticated 1Kb EEPROM with 1.8V Operation
Rev 1; 3/12
DS28E02P+TR MAXIM-DS28E02P+TR Datasheet
191Kb / 21P
   1-Wire SHA-1 Authenticated 1Kb EEPROM with 1.8V Operation
Rev 1; 3/12
More results

Similar Description - DS28E02P+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E02 MAXIM-DS28E02 Datasheet
191Kb / 21P
   1-Wire SHA-1 Authenticated 1Kb EEPROM with 1.8V Operation
Rev 1; 3/12
DS2432 MAXIM-DS2432 Datasheet
165Kb / 17P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
060608
DS2432 MAXIM-DS2432_12 Datasheet
432Kb / 17P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 3/12
DS28E01G-100U MAXIM-DS28E01G-100U Datasheet
293Kb / 21P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
DS28E01-100 MAXIM-DS28E01-100_12 Datasheet
293Kb / 21P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
DS28E01-100 MAXIM-DS28E01-100 Datasheet
164Kb / 20P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 7; 3/12
logo
Dallas Semiconductor
DS1961S DALLAS-DS1961S Datasheet
360Kb / 36P
   1kb Protected EEPROM iButton With SHA-1 Engine
logo
Maxim Integrated Produc...
DS28CN01_0911 MAXIM-DS28CN01_0911 Datasheet
139Kb / 10P
   1Kb I2C/SMBus EEPROM with SHA-1 Engine
Rev 2; 11/09
DS1961S MAXIM-DS1961S Datasheet
364Kb / 36P
   1kb Protected EEPROM iButton With SHA-1 Engine
092302
DS28CN01 MAXIM-DS28CN01_09 Datasheet
116Kb / 10P
   1Kb I2C/SMBus EEPROM with SHA-1 Engine
Rev 1; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com