Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2665 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2665
Description  VHF/UHF Low-Noise Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2665 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2665 Datasheet HTML 1Page - Maxim Integrated Products MAX2665 Datasheet HTML 2Page - Maxim Integrated Products MAX2665 Datasheet HTML 3Page - Maxim Integrated Products MAX2665 Datasheet HTML 4Page - Maxim Integrated Products MAX2665 Datasheet HTML 5Page - Maxim Integrated Products MAX2665 Datasheet HTML 6Page - Maxim Integrated Products MAX2665 Datasheet HTML 7Page - Maxim Integrated Products MAX2665 Datasheet HTML 8Page - Maxim Integrated Products MAX2665 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
VHF/UHF Low-Noise Amplifiers
2
AC ELECTRICAL CHARACTERISTICS
(MAX2664 EV kit. VCC = 2.4V to 3.5V, TA = -40NC to +85NC, UHF fRFIN = 670MHz. Typical values are at VCC = 2.7V and TA = +25NC,
unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
(MAX2664 and MAX2665 EV kits. VCC = 2.4V to 3.5V, TA = -40NC to +85NC, no RF signals are applied, RFIN/RFOUT are open circuit.
Typical values are at VCC = 2.7V and TA = 25NC, unless otherwise noted.) (Note 1)
ABSOLUTE MAXIMUM RATINGS
CAUTION! ESD SENSITIVE DEVICE
VCC to GND…………………………......................-0.3V to +3.6V
Other Pins to GND………. ...... -0.3V to (Operating VCC + 0.3V)
Maximum RF Input Power ............................................. +10dBm
Short-Circuit Duration: RFIN, RFOUT/CTRL.......................... 10s
Continuous Power Dissipation (TA = +70NC)
WLP (derates 9.7mW/NC above +70NC)......................776mW
Operating Temperature Range.......................... -40NC to +85NC
Junction Temperature .....................................................+150NC
Storage Temperature Range............................ -65NC to +160NC
Soldering Temperature (reflow) ......................................+260NC
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
2.4
2.7
3.5
V
Supply Current
Active mode
3.3
mA
Bypass mode, logic-low = 0V
1
F
A
Digital Input Logic-High
0.7 x
VCC
V
Digital Input Logic-Low
0.3 x
VCC
V
Digital Input Current
-10
+10
F
A
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
MAX2664
Power Gain
Normal mode
11.8
14.8
18
dB
Bypass mode
-8
-6
-3
Noise Figure
Normal mode
1.2
dB
Bypass mode
6
Third-Order Input Intercept Point
(IIP3)
Normal mode (Note 2)
-10
dBm
Bypass mode (Note 3)
+26
Input 1dB Compression Point
Normal mode
-5
dBm
Bypass mode
+7


Similar Part No. - MAX2665

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX266 MAXIM-MAX266 Datasheet
795Kb / 20P
   Pin and Resistor Programmed Universal Active Filters
19-0953; Rev 0; 12/88
MAX2660 MAXIM-MAX2660 Datasheet
234Kb / 16P
   400MHz to 2.5GHz Upconverter Mixers
19-1382; Rev 1; 9/99
MAX2660 MAXIM-MAX2660 Datasheet
98Kb / 6P
   Easy Evaluation of All Product Functions Evaluation Kits
Rev 1; 9/99
MAX2660EUT-T MAXIM-MAX2660EUT-T Datasheet
234Kb / 16P
   400MHz to 2.5GHz Upconverter Mixers
19-1382; Rev 1; 9/99
MAX2660EVKIT MAXIM-MAX2660EVKIT Datasheet
98Kb / 6P
   Easy Evaluation of All Product Functions Evaluation Kits
Rev 1; 9/99
More results

Similar Description - MAX2665

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5484 ONSEMI-2N5484 Datasheet
278Kb / 8P
   JFET VHF/UHF Amplifiers
1997
J308 ONSEMI-J308_06 Datasheet
190Kb / 6P
   JFET VHF/UHF Amplifiers
August, 2006 ??Rev. 2
2N5486 ONSEMI-2N5486 Datasheet
174Kb / 8P
   JFET VHF/UHF Amplifiers
May, 2001 ??Rev. 0
J308 ONSEMI-J308 Datasheet
160Kb / 8P
   JFET VHF/UHF Amplifiers
1997
logo
Toshiba Semiconductor
MT3S106FS TOSHIBA-MT3S106FS Datasheet
144Kb / 5P
   VHF-UHF Low Noise Amplifier Application
2SC2499 TOSHIBA-2SC2499 Datasheet
210Kb / 4P
   VHF-UHF Low Noise Amplifier Applications
logo
Advanced XTAL Products
AXE40 AXTAL-AXE40 Datasheet
99Kb / 3P
   Low Phase Noise VHF/UHF SPXO
logo
NEC
2SC2869 NEC-2SC2869 Datasheet
31Kb / 1P
   Low Noise Amplifier of VHF & UHF band
logo
Toshiba Semiconductor
MT6L77FS TOSHIBA-MT6L77FS Datasheet
106Kb / 3P
   VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS
MT6L71FS TOSHIBA-MT6L71FS Datasheet
106Kb / 3P
   VHF~UHF Band Low-Noise Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com