Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9613AXT+T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9613AXT+T
Description  Low-Power, High-Efficiency, Single/Dual, Rail-to-Rail I/O Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9613AXT+T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9613AXT+T Datasheet HTML 3Page - Maxim Integrated Products MAX9613AXT+T Datasheet HTML 4Page - Maxim Integrated Products MAX9613AXT+T Datasheet HTML 5Page - Maxim Integrated Products MAX9613AXT+T Datasheet HTML 6Page - Maxim Integrated Products MAX9613AXT+T Datasheet HTML 7Page - Maxim Integrated Products MAX9613AXT+T Datasheet HTML 8Page - Maxim Integrated Products MAX9613AXT+T Datasheet HTML 9Page - Maxim Integrated Products MAX9613AXT+T Datasheet HTML 10Page - Maxim Integrated Products MAX9613AXT+T Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
_______________________________________________________________________________________ 7
Low-Power, High-Efficiency,
Single/Dual, Rail-to-Rail I/O Op Amps
Pin Description
Pin Configuration
Typical Operating Characteristics (continued)
(VCC = 3.3V, VIN+ = VIN- = 0V, VCM = VCC/2, RL = 10kI to VCC/2, values are at TA = +25NC, unless otherwise noted.)
RECOVERY FROM SATURATION
OUTPUT SATURATED TO VCC
MAX9613 toc25
VOUT
1V/div
VIN
1V/div
GND
GND
10µs/div
AV = 10V/V
OUTPUT IMPEDANCE vs. FREQUENCY
FREQUENCY (kHz)
1000
100
10
1
0.1
5
10
15
20
25
0
0
10,000
6 SC70
TOP VIEW
NOT TO SCALE
MAX9613
IN-
1
2
GND
IN+
3
OUT
6
5
VCC
SHDN
4
+
8 SC70
MAX9615
INA+
INA-
OUTA
INB-
INB+
VCC
OUTB
8
7
6
5
1
2
3
GND 4
+
PIN
NAME
FUNCTION
MAX9613
MAX9615
1
IN+
Positive Input
3
INA+
Positive Input A
5
INB+
Positive Input B
2
4
GND
Ground
3
IN-
Negative Input
2
INA-
Negative Input A
6
INB-
Negative Input B
4
OUT
Output
1
OUTA
Output A
7
OUTB
Output B
5
SHDN
Active-Low Shutdown
6
8
VCC
Positive Power Supply. Bypass with a 0.1FF capacitor to ground.


Similar Part No. - MAX9613AXT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9613 MAXIM-MAX9613 Datasheet
849Kb / 6P
   Fully Assembled and Tested
Rev 0; 3/10
MAX9613EVKIT MAXIM-MAX9613EVKIT Datasheet
849Kb / 6P
   Fully Assembled and Tested
Rev 0; 3/10
MAX9613EVKIT++ MAXIM-MAX9613EVKIT+ Datasheet
849Kb / 6P
   Fully Assembled and Tested
Rev 0; 3/10
More results

Similar Description - MAX9613AXT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
   Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
logo
Unisonic Technologies
LV2622 UTC-LV2622_15 Datasheet
215Kb / 8P
   LOW VOLTAGE RAIL-TO-RAIL I/O CMOS DUAL OP AMPS
LV2622 UTC-LV2622_17 Datasheet
214Kb / 8P
   LOW VOLTAGE RAIL-TO-RAIL I/O CMOS DUAL OP AMPS
logo
Maxim Integrated Produc...
MAX4322 MAXIM-MAX4322 Datasheet
226Kb / 12P
   Single/Dual/Quad, Low-Cost, SOT23, Low-Power, Rail-to-Rail I/O Op Amps
Rev 2a; 12/99
MAX9614 MAXIM-MAX9614 Datasheet
2Mb / 12P
   Low-Power Single/Dual, Rail-to-Rail Op Amps
Rev 0; 8/10
MAX4122 MAXIM-MAX4122 Datasheet
285Kb / 16P
   Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps
19-1087; Rev 1; 8/97
MAX4130 MAXIM-MAX4130_V01 Datasheet
256Kb / 16P
   Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
2014
MAX4330 MAXIM-MAX4330 Datasheet
176Kb / 16P
   Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 2/98
MAX4124EUK-T MAXIM-MAX4124EUK-T Datasheet
287Kb / 16P
   Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps
Rev 1; 8/97
MAX4130 MAXIM-MAX4130 Datasheet
194Kb / 16P
   Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
19-1089; Rev 2; 8/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com