Electronic Components Datasheet Search |
|
MAX11210 Datasheet(PDF) 6 Page - Maxim Integrated Products |
|
MAX11210 Datasheet(HTML) 6 Page - Maxim Integrated Products |
6 / 27 page 6 ______________________________________________________________________________________ 24-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with GPIO Typical Operating Characteristics (continued) (VAVDD = +3.6V, VDVDD = +1.8V, VREFP - VREFN = 2.5V; internal clock; TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25NC.) CMRR vs. FREQUENCY FREQUENCY (Hz) 10,000 1000 100 10 -120 -100 -80 -60 -40 -20 0 -140 1 100,000 10SPS 120SPS PSRR vs. FREQUENCY (DATA RATE 10SPS) FREQUENCY (Hz) 10,000 1000 100 10 -120 -100 -80 -60 -40 -20 0 -140 1 100,000 DVDD AVDD PSRR vs. FREQUENCY (DATA RATE 120SPS) FREQUENCY (Hz) 10,000 1000 100 10 -120 -100 -80 -60 -40 -20 0 -140 1 100,000 DVDD AVDD TUE vs. INPUT VOLTAGE INPUT VOLTAGE (V) 2.0 1.5 0.5 1.0 -1.5 -1.0 -0.5 0 -2.0 -8 -6 -4 -2 0 2 4 6 8 10 -10 -2.5 2.5 TA = +85°C TA = -45°C TA = +25°C VIN(CM) = 1.8V INTEGRAL NONLINEARITY vs. INPUT VOLTAGE INPUT VOLTAGE (V) 2.0 1.5 0.5 1.0 -1.5 -1.0 -0.5 0 -2.0 -8 -6 -4 -2 0 2 4 6 8 10 -10 -2.5 2.5 TA = +85°C TA = -45°C TA = +25°C VIN(CM) = 1.8V LONG-TERM ADC READINGS TIME (MINUTES) 2.5 2.0 1.5 1.0 0.5 -4 -3 -2 -1 0 1 2 3 4 5 -5 0 3.0 SHORTED INPUTS RMS NOISE = 570nV TA = +25°C NOISE vs. INPUT VOLTAGE INPUT VOLTAGE (V) 2.0 1.5 0.5 1.0 -1.5 -1.0 -0.5 0 -2.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0 -2.5 2.5 INTERNAL OSCILLATOR FREQUENCY vs. AVDD VOLTAGE AVDD VOLTAGE (V) 3.45 3.15 3.30 3.00 2.85 1.7 1.6 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 1.5 2.70 3.60 LINEF = 1 LINEF = 0 INTERNAL OSCILLATOR FREQUENCY vs. TEMPERATURE TEMPERATURE (°C) 75 55 15 35 -5 -25 1.7 1.6 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 1.5 -45 95 VAVDD = 3.0V LINEF = 1 LINEF = 0 |
Similar Part No. - MAX11210 |
|
Similar Description - MAX11210 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |