Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15053EWL+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX15053EWL+
Description  High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15053EWL+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX15053EWL+ Datasheet HTML 3Page - Maxim Integrated Products MAX15053EWL+ Datasheet HTML 4Page - Maxim Integrated Products MAX15053EWL+ Datasheet HTML 5Page - Maxim Integrated Products MAX15053EWL+ Datasheet HTML 6Page - Maxim Integrated Products MAX15053EWL+ Datasheet HTML 7Page - Maxim Integrated Products MAX15053EWL+ Datasheet HTML 8Page - Maxim Integrated Products MAX15053EWL+ Datasheet HTML 9Page - Maxim Integrated Products MAX15053EWL+ Datasheet HTML 10Page - Maxim Integrated Products MAX15053EWL+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
High-Efficiency, 2A, Current-Mode
Synchronous, Step-Down Switching Regulator
_______________________________________________________________________________________ 7
Typical Operating Characteristics (continued)
(VIN = 5V, VOUT = 1.8V, ILOAD = 2A, Circuit of Figure 5, TA = +25NC, unless otherwise noted.)
STARTING INTO A PREBIASED OUTPUT
(IOUT = 2A)
MAX15053 toc19
ENABLE
5V/div
VOUT
1V/div
PGOOD
5V/div
ILX
1A/div
200
µs/div
PWM MODE
STARTING INTO A PREBIASED OUTPUT
HIGHER THAN SET OUTPUT
MAX15053 toc21
VOUT
500mV/div
SS/REFIN
500mV/div
IL
1A/div
400
µs/div
1.8V
10I LOAD AT OUT
STARTING INTO A PREBIASED OUTPUT
MAX15053 toc20b
ENABLE
5V/div
VOUT
1V/div
PGOOD
5V/div
ILX
1A/div
200
µs/div
STARTING INTO A PREBIASED OUTPUT
(NO LOAD)
MAX15053 toc20a
ENABLE
5V/div
VOUT
1V/div
PGOOD
5V/div
ILX
1A/div
200
µs/div
PWM MODE
SOFT-START WAVEFORMS
(EXTERNAL REFIN) (SKIP MODE)
MAX15053 toc18b
SS/REFIN
500mV/div
VOUT
1V/div
PGOOD
5V/div
ILX
1A/div
200
µs/div
NO LOAD
SOFT-START WAVEFORMS
(EXTERNAL REFIN) (PWM MODE)
MAX15053 toc18a
SS/REFIN
500mV/div
VOUT
1V/div
PGOOD
5V/div
ILX
1A/div
200
µs/div
NO LOAD


Similar Part No. - MAX15053EWL+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15053EWL++ MAXIM-MAX15053EWL+ Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 2; 7/11
MAX15053EWL++ MAXIM-MAX15053EWL+ Datasheet
1Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
2015
More results

Similar Description - MAX15053EWL+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15053_1107 MAXIM-MAX15053_1107 Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 2; 7/11
MAX15053 MAXIM-MAX15053_V01 Datasheet
1Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
2015
MAX15053 MAXIM-MAX15053_11 Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 1; 3/11
MAX15108 MAXIM-MAX15108 Datasheet
2Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 0; 6/11
MAX15108A MAXIM-MAX15108A Datasheet
1Mb / 16P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 1; 5/16
MAX15058 MAXIM-MAX15058_11 Datasheet
2Mb / 21P
   High-Efficiency, 3A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 2; 7/11
MAX15108 MAXIM-MAX15108_V01 Datasheet
1Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
2020
MAX15109 MAXIM-MAX15109 Datasheet
2Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 0; 6/11
MAX15058 MAXIM-MAX15058 Datasheet
2Mb / 21P
   High-Efficiency, 3A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 0; 12/10
logo
Analog Devices
MAX15106A AD-MAX15106A Datasheet
861Kb / 16P
   High-Efficiency, 6A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 3 6/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com