Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16833B Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX16833B
Description  High-Voltage HB LED Drivers with Integrated High-Side Current Sense
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16833B Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX16833B Datasheet HTML 2Page - Maxim Integrated Products MAX16833B Datasheet HTML 3Page - Maxim Integrated Products MAX16833B Datasheet HTML 4Page - Maxim Integrated Products MAX16833B Datasheet HTML 5Page - Maxim Integrated Products MAX16833B Datasheet HTML 6Page - Maxim Integrated Products MAX16833B Datasheet HTML 7Page - Maxim Integrated Products MAX16833B Datasheet HTML 8Page - Maxim Integrated Products MAX16833B Datasheet HTML 9Page - Maxim Integrated Products MAX16833B Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6 ______________________________________________________________________________________
High-Voltage HB LED Drivers with
Integrated High-Side Current Sense
Typical Operating Characteristics (continued)
(VIN = +12V, CVIN = CVCC = 1FF, CLFRAMP/CREF = 0.1FF, TA = +25NC, unless otherwise noted.)
TEMPERATURE (°C)
110
85
-15
10
35
60
1.2
1.4
1.6
1.8
2.0
2.2
2.4
1.0
-40
125
DIMOUT RISE TIME vs. TEMPERATURE
CDIMOUT = 6.8nF
TEMPERATURE (°C)
110
85
60
35
10
-15
2.0
2.5
3.0
3.5
4.0
1.5
-40
125
DIMOUT FALL TIME vs. TEMPERATURE
CDIMOUT = 6.8nF
VSENSE vs. TEMPERATURE
TEMPERATURE (°C)
110
85
35
60
10
-15
196
197
198
199
200
201
202
203
204
205
195
-40
125
VSENSE vs. VICTRL
VICTRL (V)
1.20
1.00
0.60 0.80
0.40
0.20
20
40
60
80
100
120
140
160
180
200
220
240
0
0
1.40
OSCILLATOR FREQUENCY
vs. 1/RRT CONDUCTANCE
1/RRT (kI-1)
0.121
0.092
0.063
0.034
100
200
300
400
500
600
700
800
900
1000
1100
0
0.005
0.150
OSCILLATOR FREQUENCY
vs. TEMPERATURE
TEMPERATURE (°C)
110
85
35
60
10
-15
292
294
296
298
300
302
304
306
308
310
290
-40
125
RRT = 24.9kI


Similar Part No. - MAX16833B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16833B MAXIM-MAX16833B Datasheet
1Mb / 8P
   MAX16833 Evaluation Kit
Rev 1; 10/12
MAX16833BAUE++ MAXIM-MAX16833BAUE+ Datasheet
923Kb / 25P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
2017
MAX16833BAUE/V++ MAXIM-MAX16833BAUE/V+ Datasheet
923Kb / 25P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
2017
More results

Similar Description - MAX16833B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16833 MAXIM-MAX16833_V01 Datasheet
923Kb / 25P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
2017
MAX16833 MAXIM-MAX16833_11 Datasheet
1Mb / 22P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
Rev 3; 7/11
MAX16822A MAXIM-MAX16822A_10 Datasheet
188Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 3; 1/10
MAX16832A MAXIM-MAX16832A_10 Datasheet
238Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 3; 2/10
MAX16832A MAXIM-MAX16832A_15 Datasheet
265Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 7; 2/15
MAX16832A MAXIM-MAX16832A_12 Datasheet
259Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 5; 3/12
MAX16822A MAXIM-MAX16822A Datasheet
226Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 2; 5/09
MAX16832CASA-T MAXIM-MAX16832CASA-T Datasheet
253Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 6; 7/12
MAX16822 MAXIM-MAX16822 Datasheet
222Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 4; 2/15
MAX16832A MAXIM-MAX16832A Datasheet
142Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 2; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com