Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16833AUE+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX16833AUE+
Description  High-Voltage HB LED Drivers with Integrated High-Side Current Sense
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16833AUE+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX16833AUE+ Datasheet HTML 1Page - Maxim Integrated Products MAX16833AUE+ Datasheet HTML 2Page - Maxim Integrated Products MAX16833AUE+ Datasheet HTML 3Page - Maxim Integrated Products MAX16833AUE+ Datasheet HTML 4Page - Maxim Integrated Products MAX16833AUE+ Datasheet HTML 5Page - Maxim Integrated Products MAX16833AUE+ Datasheet HTML 6Page - Maxim Integrated Products MAX16833AUE+ Datasheet HTML 7Page - Maxim Integrated Products MAX16833AUE+ Datasheet HTML 8Page - Maxim Integrated Products MAX16833AUE+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
_______________________________________________________________________________________ 5
High-Voltage HB LED Drivers with
Integrated High-Side Current Sense
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 12V, RRT = 12.4kI, CIN = CVCC = 1µF, CLFRAMP/CREF = 0.1µF, NDRV = COMP = DIMOUT = PWMDIM = FLT = unconnected,
VOVP = VCS = VPGND = VSGND = 0V, VISENSE+ = VISENSE- = 45V, VICTRL = 1.40V, TA = TJ = -40NC to +125NC, unless otherwise
noted. Typical values are at TA = +25NC.) (Note 2)
Note 2: All devices are 100% tested at TA = +25NC. Limits over temperature are guaranteed by design.
Typical Operating Characteristics
(VIN = +12V, CVIN = CVCC = 1FF, CLFRAMP/CREF = 0.1FF, TA = +25NC, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OPEN-DRAIN FAULT (FLT)
Output Voltage Low
VOL-FLT
VIN = 4.75V, VOVP = 2V, and ISINK = 5mA
40
200
mV
Output Leakage Current
VFLT = 5V
1
F
A
THERMAL SHUTDOWN
Thermal-Shutdown Temperature
Temperature rising
+160
N
C
Thermal-Shutdown Hysteresis
10
N
C
IN RISING/FALLING UVLO THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
110
85
60
35
10
-15
4.3
4.4
4.5
4.6
4.7
4.8
4.2
-40
125
VIN RISING
VIN FALLING
QUIESCENT CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
110
85
60
35
10
-15
1
2
3
4
0
-40
125
VPWMDIM = 0V
QUIESCENT CURRENT vs. VIN
VIN (V)
10
0.5
1.0
1.5
2.0
2.5
0
1
100
VIN ~ 4.6V
VPWMDIM = 0V
VCC vs. IVCC
IVCC (mA)
45
40
35
30
25
20
15
10
5
6.80
6.85
6.90
6.95
7.00
6.75
0
50
VCC vs. TEMPERATURE
TEMPERATURE (°C)
110
85
60
35
10
-15
6.80
6.85
6.90
6.95
7.00
7.05
7.10
6.75
-40
125
TEMPERATURE (°C)
110
85
60
35
10
-15
-8.2
-7.7
-7.2
-6.7
-6.2
-8.7
-40
125
DIMOUT (WITH RESPECT TO ISENSE+)
vs. TEMPERATURE


Similar Part No. - MAX16833AUE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16833AUE++ MAXIM-MAX16833AUE+ Datasheet
1Mb / 22P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
Rev 3; 7/11
MAX16833AUE++ MAXIM-MAX16833AUE+ Datasheet
923Kb / 25P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
2017
More results

Similar Description - MAX16833AUE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16833 MAXIM-MAX16833_V01 Datasheet
923Kb / 25P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
2017
MAX16833 MAXIM-MAX16833_11 Datasheet
1Mb / 22P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
Rev 3; 7/11
MAX16822A MAXIM-MAX16822A_10 Datasheet
188Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 3; 1/10
MAX16832A MAXIM-MAX16832A_10 Datasheet
238Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 3; 2/10
MAX16832A MAXIM-MAX16832A_15 Datasheet
265Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 7; 2/15
MAX16832A MAXIM-MAX16832A_12 Datasheet
259Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 5; 3/12
MAX16822A MAXIM-MAX16822A Datasheet
226Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 2; 5/09
MAX16832CASA-T MAXIM-MAX16832CASA-T Datasheet
253Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 6; 7/12
MAX16822 MAXIM-MAX16822 Datasheet
222Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 4; 2/15
MAX16832A MAXIM-MAX16832A Datasheet
142Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 2; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com