Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX34440 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX34440
Description  PMBus 6-Channel Power-Supply Manager
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34440 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX34440 Datasheet HTML 1Page - Maxim Integrated Products MAX34440 Datasheet HTML 2Page - Maxim Integrated Products MAX34440 Datasheet HTML 3Page - Maxim Integrated Products MAX34440 Datasheet HTML 4Page - Maxim Integrated Products MAX34440 Datasheet HTML 5Page - Maxim Integrated Products MAX34440 Datasheet HTML 6Page - Maxim Integrated Products MAX34440 Datasheet HTML 7Page - Maxim Integrated Products MAX34440 Datasheet HTML 8Page - Maxim Integrated Products MAX34440 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PMBus 6-Channel Power-Supply Manager
19-5527; Rev 0; 9/10
Ordering Information
General Description
The MAX34440 is a complex system monitor that can
manage up to six power supplies. The power-supply
manager monitors the power-supply output voltage and
constantly checks for user-programmable overvoltage
and undervoltage thresholds. It can also margin the
power-supply output voltage up or down to a user-
programmable level. The margining is performed in a
closed-loop arrangement whereby the device automati-
cally adjusts a pulse-width-modulated (PWM) output and
then measures the resultant output voltage. The power-
supply manager can also sequence the supplies in any
order at both power-up and power-down. With the addi-
tion of an external current-sense amplifier, the device
can also monitor currents.
Applications
Network Switches/Routers
Base Stations
Servers
Smart Grid Network Systems
Industrial Controls
Features
S
6 Channels of Power-Supply Management
Voltage Measurement/Monitoring
Differential 12-Bit 1% Accurate ADC
Min/Max Threshold Excursion Detection
Supports Current Monitoring with External
Current-Sense Amplifier
Automatic Closed-Loop Margining
Programmable Up and Down Sequencing
Power-Good Output
S
Supports Up to Eight Temperature Sensors
Two Remote Diode Temperature Sensors
Five Local Temperature Sensors
One Internal Temperature Sensor
Fault Detection on All Temp Sensors
S
PMBus™-Compliant Command Interface
S
I2C/SMBus™-Compatible Serial Bus with Bus
Timeout Function
S
On-Board Nonvolatile Fault Logging and Default
Configuration Setting
S
No External Clocking Required
S
+3.3V Supply Voltage
PMBus is a trademark of SMIF, Inc.
SMBus is a trademark of Intel Corp.
+Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.
*EP = Exposed pad.
PART
TEMP RANGE
PIN-PACKAGE
MAX34440ETL+
-40NC to +85NC
40 TQFN-EP*
MAX34440ETL+T
-40NC to +85NC
40 TQFN-EP*
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, go to: www.maxim-ic.com/errata.


Similar Part No. - MAX34440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440 Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
705Kb / 43P
   PMBus 6-Channel Power-Supply Manager
2015
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
705Kb / 43P
   PMBus 6-Channel Power-Supply Manager
2015
More results

Similar Description - MAX34440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440_V01 Datasheet
705Kb / 43P
   PMBus 6-Channel Power-Supply Manager
2015
MAX34440 MAXIM-MAX34440_12 Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
logo
Linear Technology
LTC2974CUP-PBF LINER-LTC2974CUP-PBF Datasheet
1Mb / 98P
   4-Channel PMBus Power System Manager
logo
Maxim Integrated Produc...
MAX34441 MAXIM-MAX34441 Datasheet
2Mb / 53P
   PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
Rev 0; 8/10
MAX34441 MAXIM-MAX34441_V01 Datasheet
1Mb / 53P
   PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
2012
logo
Linear Technology
LTC2979 LINER-LTC2979 Datasheet
243Kb / 20P
   16-Channel PMBus Low-Voltage Power System Manager
LTC2972 LINER-LTC2972 Datasheet
2Mb / 112P
   2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
LTC2978A LINER-LTC2978A Datasheet
891Kb / 80P
   8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
logo
Analog Devices
LTC2977 AD-LTC2977 Datasheet
1Mb / 92P
   8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
Rev. F
logo
Linear Technology
LTC2977 LINER-LTC2977 Datasheet
927Kb / 92P
   8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com