Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX31782ETL+T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX31782ETL+T
Description  System Management Microcontroller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31782ETL+T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX31782ETL+T Datasheet HTML 1Page - Maxim Integrated Products MAX31782ETL+T Datasheet HTML 2Page - Maxim Integrated Products MAX31782ETL+T Datasheet HTML 3Page - Maxim Integrated Products MAX31782ETL+T Datasheet HTML 4Page - Maxim Integrated Products MAX31782ETL+T Datasheet HTML 5Page - Maxim Integrated Products MAX31782ETL+T Datasheet HTML 6Page - Maxim Integrated Products MAX31782ETL+T Datasheet HTML 7Page - Maxim Integrated Products MAX31782ETL+T Datasheet HTML 8Page - Maxim Integrated Products MAX31782ETL+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
System Management Microcontroller
4
DC ELECTRICAL CHARACTERISTICS (continued)
(VDD = 2.7V to 5.5V, TA = -40NC to +85NC, unless otherwise noted. Typical values are at VDD = 3.3V, TA = +25NC, unless otherwise
noted.)
ELECTRICAL CHARACTERISTICS: I2C-COMPATIBLE INTERFACE
(VDD = 2.7V to 5.5V, TA = -40NC to +85NC, unless otherwise noted.) (Figure 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Flash Erase Time
tME
Mass erase
20
40
ms
tPE
Page erase
20
40
Flash Programming Time per
Word
tPROG
20
40
F
s
Flash Endurance
NFLASH
TA = +50NC
20,000
Write
Cycles
Data Retention
TA = +50NC
100
Years
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCL Clock Frequency
fSCL
Timeout not enabled (Note 7)
10
400
kHz
Bus Free Time Between a STOP
and START Condition
tBUF
1.3
F
s
Hold Time (Repeated)
START Condition
tHD:STA
(Note 8)
0.6
F
s
Low Period of SCL Clock
tLOW
1.3
F
s
High Period of SCL Clock
tHIGH
0.6
F
s
Setup Time for a (Repeated)
START Condition
tSU:STA
0.6
F
s
Data Hold Time (Note 9)
tHD:DAT
Receive
0
ns
Transmit
300
Data Setup Time
tSU:DAT
100
ns
Rise Time of Both SDA and
SCL Signals
tR
(Note 10)
20 +
0.1CB
300
ns
Fall Time of Both SDA and
SCL Signals
tF
(Note 10)
20 +
0.1CB
300
ns
Setup Time for STOP
Condition
tSU:STO
0.6
F
s
Spike Pulse Width That Can Be
Suppressed by Input Filter
tSP
(Note 11)
0
50
ns
SCL, SDA Capacitive Loading
CB
400
pF
SMBus Timeout
25
30
35
ms


Similar Part No. - MAX31782ETL+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31782ETL+T MAXIM-MAX31782ETL+T Datasheet
1Mb / 20P
   System Management Microcontroller
Rev 2; 1/12
More results

Similar Description - MAX31782ETL+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31782 MAXIM-MAX31782_12 Datasheet
1Mb / 20P
   System Management Microcontroller
Rev 2; 1/12
MAX31782 MAXIM-MAX31782_11 Datasheet
1Mb / 20P
   System Management Microcontroller
Rev 1; 11/11
logo
Level One
CMS LVL1-CMS Datasheet
1Mb / 2P
   Central Management System
logo
Exar Corporation
XRP7725 EXAR-XRP7725 Datasheet
3Mb / 34P
   Power Management System
logo
STMicroelectronics
AN2202 STMICROELECTRONICS-AN2202 Datasheet
128Kb / 12P
   STR73x microcontroller power management
AN2100 STMICROELECTRONICS-AN2100 Datasheet
254Kb / 23P
   STR71x microcontroller power management
logo
Analog Devices
ADP3402 AD-ADP3402 Datasheet
277Kb / 12P
   GSM Power Management System
REV. 0
logo
Silicon Standard Corp.
SS8000G SSC-SS8000G Datasheet
797Kb / 14P
   GSM Power-Management System
logo
STMicroelectronics
L9961 STMICROELECTRONICS-L9961 Datasheet
2Mb / 63P
   Battery management system solution
October 2022 Rev 1
logo
Analog Devices
ADP3402 AD-ADP3402_15 Datasheet
281Kb / 12P
   GSM Power Management System
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com