Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX34441ETL+T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX34441ETL+T
Description  PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34441ETL+T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX34441ETL+T Datasheet HTML 1Page - Maxim Integrated Products MAX34441ETL+T Datasheet HTML 2Page - Maxim Integrated Products MAX34441ETL+T Datasheet HTML 3Page - Maxim Integrated Products MAX34441ETL+T Datasheet HTML 4Page - Maxim Integrated Products MAX34441ETL+T Datasheet HTML 5Page - Maxim Integrated Products MAX34441ETL+T Datasheet HTML 6Page - Maxim Integrated Products MAX34441ETL+T Datasheet HTML 7Page - Maxim Integrated Products MAX34441ETL+T Datasheet HTML 8Page - Maxim Integrated Products MAX34441ETL+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PMBus 5-Channel Power-Supply Manager
and Intelligent Fan Controller
19-5488; Rev 0; 8/10
+Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.
*EP = Exposed pad.
Ordering Information
General Description
The MAX34441 is a complex system monitor that can man-
age up to five power supplies and a fan. The power-supply
manager monitors the power-supply output voltage and
constantly checks for user-programmable overvoltage and
undervoltage thresholds. It can also margin the power-
supply output voltage up or down to a user-programma-
ble level. The margining is performed in a closed-loop
arrangement whereby the device automatically adjusts
a pulse-width-modulated (PWM) output and then mea-
sures the resultant output voltage. The power-supply
manager can also sequence the supplies in any order
at both power-up and power-down. With the addition of
an external current-sense amplifier, the device can also
monitor currents.
The device also contains closed-loop fan-speed control.
Based on user-programmable settings for fan-control
PWM duty cycles or RPM speeds at particular tempera-
ture breakpoints, the device automatically adjusts the fan
speed in a manner to reduce audible noise and power
consumption.
Applications
Network Switches/Routers
Base Stations
Servers
Smart Grid Network Systems
Industrial Controls
Features
S
5 Channels of Power-Supply Management
Voltage Measurement/Monitoring
Differential 12-Bit 1% Accurate ADC
Min/Max Threshold Excursion Detection
Supports Current Monitoring with External
Current-Sense Amplifier
Automatic Closed-Loop Margining
Programmable Up and Down Sequencing
Power-Good Output
S
1 Channel of Fan Control
Supports 3-Wire and 4-Wire Fans
Automatic Closed-Loop Fan-Speed Control
Support for Dual Tachometer Fans
Fan-Fault Detection
S
Supports Up to Six Temperature Sensors
External Thermal Diode Interface with
Automatic Series Resistance Cancellation
One Internal Temperature Sensor
Support for Up to Four Additional I2C Digital
Temp Sensor ICs
Fault Detection on All Temp Sensors
S
PMBus™-Compliant Command Interface
S
I2C/SMBus™-Compatible Serial Bus with Bus
Timeout Function
S
On-Board Nonvolatile Fault Logging and Default
Configuration Setting
S
No External Clocking Required
S
+3.3V Supply Voltage
PMBus is a trademark of SMIF, Inc.
SMBus is a trademark of Intel Corp.
PART
TEMP RANGE
PIN-PACKAGE
MAX34441ETL+
-40NC to +85NC
40 TQFN-EP*
MAX34441ETL+T
-40NC to +85NC
40 TQFN-EP*
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, go to: www.maxim-ic.com/errata.


Similar Part No. - MAX34441ETL+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34441ETL+T MAXIM-MAX34441ETL+T Datasheet
1Mb / 53P
   PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
2012
More results

Similar Description - MAX34441ETL+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34441 MAXIM-MAX34441_V01 Datasheet
1Mb / 53P
   PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
2012
MAX34440 MAXIM-MAX34440 Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 0; 9/10
MAX34440 MAXIM-MAX34440_12 Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440 MAXIM-MAX34440_V01 Datasheet
705Kb / 43P
   PMBus 6-Channel Power-Supply Manager
2015
logo
Linear Technology
LTC2974CUP-PBF LINER-LTC2974CUP-PBF Datasheet
1Mb / 98P
   4-Channel PMBus Power System Manager
logo
Maxim Integrated Produc...
MAX31785 MAXIM-MAX31785 Datasheet
1Mb / 48P
   6-Channel Intelligent Fan Controller
Rev 0; 12/10
MAX31785 MAXIM-MAX31785_11 Datasheet
1Mb / 48P
   6-Channel Intelligent Fan Controller
Rev 1; 11/11
MAX31785 MAXIM-MAX31785_V01 Datasheet
1Mb / 48P
   6-Channel Intelligent Fan Controller
2012
logo
Linear Technology
LTC2978 LINER-LTC2978 Datasheet
2Mb / 64P
   Octal PMBus Power Supply Monitor and Controller with EEPROM
logo
Texas Instruments
UCD90320U TI1-UCD90320U Datasheet
1Mb / 57P
[Old version datasheet]   32-Rail PMBus Power Sequencer and System Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com