Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX34441ETL+T Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX34441ETL+T
Description  PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34441ETL+T Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX34441ETL+T Datasheet HTML 6Page - Maxim Integrated Products MAX34441ETL+T Datasheet HTML 7Page - Maxim Integrated Products MAX34441ETL+T Datasheet HTML 8Page - Maxim Integrated Products MAX34441ETL+T Datasheet HTML 9Page - Maxim Integrated Products MAX34441ETL+T Datasheet HTML 10Page - Maxim Integrated Products MAX34441ETL+T Datasheet HTML 11Page - Maxim Integrated Products MAX34441ETL+T Datasheet HTML 12Page - Maxim Integrated Products MAX34441ETL+T Datasheet HTML 13Page - Maxim Integrated Products MAX34441ETL+T Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
PMBus 5-Channel Power-Supply Manager
and Intelligent Fan Controller
10
Pin Description
Pin Configuration
PIN
NAME
FUNCTION
1
RS-4
Ground Reference for ADC4 Voltage Measurement
2, 21, 36
VSS
Digital-Supply Return Node (Ground)
3
RS+4
Power-Supply ADC Voltage-Sense Input, Measurement Relative to RS-4
4
RS-3
Ground Reference for ADC3 Voltage Measurement
5
RS+3
Power-Supply ADC Voltage-Sense Input, Measurement Relative to RS-3
6
RS+0
Power-Supply ADC Voltage-Sense Input, Measurement Relative to RS-0
7
RS-0
Ground Reference for ADC0 Voltage Measurement
8
RS+1
Power-Supply ADC Voltage-Sense Input, Measurement Relative to RS-1
9
VDD
Supply Voltage. Bypass VDD to VSS with a 0.1FF capacitor.
10
RS-1
Ground Reference for ADC1 Voltage Measurement
11
RS+2
Power-Supply ADC Voltage-Sense Input, Measurement Relative to RS-2
12
RS-2
Ground Reference for ADC2 Voltage Measurement
13
RST
Reset Active-Low Input
14
MSDA
Master I2C Data Input/Output. Open-drain output.
15
MSCL
Master I2C Clock Output. Open-drain output.
16
PWM5
Fan PWM Output #5. CMOS push-pull output. Low when the fan is disabled. A 100% duty cycle
implies this pin is continuously high.
17
TACH5
Fan Tachometer Input
18
PWM4
PWM Margin Output #4. High impedance when the margining is disabled. A 100% duty cycle implies
this pin is continuously high.
19
PSEN4
Power-Supply Enable Output #4. Programmable through MFR_MODE for either active high or active
low and either open drain or CMOS push-pull.
TOP VIEW
35
36
34
33
12
11
13
14
1
2
4
5
6
7
27
28
29
30
26
24 23 22
CONTROL
VSS
PWM4
TACH5
PWM5
MSCL
3
25
37
A1/PG/TACHSEL
MSDA
38
39
40
RS-5
RS+5
RS-2
RS+2
EP
A0/MUXSEL
32
15
PSEN4
SCL
31
16
17
18
19
20 PWM3
8
9
10
21
SDA
FAULT
ALERT
RST
+
TQFN
(6mm × 6mm × 0.75mm)
MAX34441


Similar Part No. - MAX34441ETL+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34441ETL+T MAXIM-MAX34441ETL+T Datasheet
1Mb / 53P
   PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
2012
More results

Similar Description - MAX34441ETL+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34441 MAXIM-MAX34441_V01 Datasheet
1Mb / 53P
   PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
2012
MAX34440 MAXIM-MAX34440 Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 0; 9/10
MAX34440 MAXIM-MAX34440_12 Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440 MAXIM-MAX34440_V01 Datasheet
705Kb / 43P
   PMBus 6-Channel Power-Supply Manager
2015
logo
Linear Technology
LTC2974CUP-PBF LINER-LTC2974CUP-PBF Datasheet
1Mb / 98P
   4-Channel PMBus Power System Manager
logo
Maxim Integrated Produc...
MAX31785 MAXIM-MAX31785 Datasheet
1Mb / 48P
   6-Channel Intelligent Fan Controller
Rev 0; 12/10
MAX31785 MAXIM-MAX31785_11 Datasheet
1Mb / 48P
   6-Channel Intelligent Fan Controller
Rev 1; 11/11
MAX31785 MAXIM-MAX31785_V01 Datasheet
1Mb / 48P
   6-Channel Intelligent Fan Controller
2012
logo
Linear Technology
LTC2978 LINER-LTC2978 Datasheet
2Mb / 64P
   Octal PMBus Power Supply Monitor and Controller with EEPROM
logo
Texas Instruments
UCD90320U TI1-UCD90320U Datasheet
1Mb / 57P
[Old version datasheet]   32-Rail PMBus Power Sequencer and System Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com