Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX98300ETA+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX98300ETA+
Description  Mono 2.6W Class D Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX98300ETA+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX98300ETA+ Datasheet HTML 4Page - Maxim Integrated Products MAX98300ETA+ Datasheet HTML 5Page - Maxim Integrated Products MAX98300ETA+ Datasheet HTML 6Page - Maxim Integrated Products MAX98300ETA+ Datasheet HTML 7Page - Maxim Integrated Products MAX98300ETA+ Datasheet HTML 8Page - Maxim Integrated Products MAX98300ETA+ Datasheet HTML 9Page - Maxim Integrated Products MAX98300ETA+ Datasheet HTML 10Page - Maxim Integrated Products MAX98300ETA+ Datasheet HTML 11Page - Maxim Integrated Products MAX98300ETA+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8 ______________________________________________________________________________________
Mono 2.6W Class D Amplifier
Detailed Description
The MAX98300 features industry-leading quiescent cur-
rent, low-power shutdown mode, comprehensive click-
and-pop suppression, and excellent RF immunity.
The device offers Class AB audio performance with
Class D efficiency in a minimal board-space solution.
The Class D amplifier features spread-spectrum modula-
tion, edge-rate, and overshoot control circuitry that offers
significant improvements to switch-mode amplifier radi-
ated emissions.
The MAX98300 amplifier features click-and-pop sup-
pression that reduces audible transients on startup and
shutdown. The amplifier includes thermal overload and
short-circuit protection.
Class D Speaker Amplifier
The MAX98300 filterless Class D amplifier offers much
higher efficiency than Class AB amplifiers. The high
efficiency of a Class D amplifier is due to the switching
operation of the output stage transistors. Any power loss
associated with the Class D output stage is mostly due to
the I2R loss of the MOSFET on-resistance and quiescent
current overhead.
Ultra-Low EMI Filterless Output Stage
Traditional Class D amplifiers require the use of external
LC filters, or shielding, to meet EN55022B electromag-
netic-interference (EMI) regulation standards. Maxim’s
patented active emissions-limiting edge-rate control
circuitry and spread-spectrum modulation reduces EMI
emissions, while maintaining up to 89% efficiency.
Maxim’s patented spread-spectrum modulation mode
flattens wideband spectral components, while propri-
etary techniques ensure that the cycle-to-cycle variation
of the switching period does not degrade audio repro-
duction or efficiency. The MAX98300’s spread-spectrum
modulator randomly varies the switching frequency by
Q
10kHz around the center frequency (300kHz). Above
10MHz, the wideband spectrum looks like noise for EMI
purposes (Figure 1).
Speaker Current Limit
If the output current of the speaker amplifier exceeds the
current limit (2A typ), the MAX98300 disables the out-
puts for approximately 130Fs. At the end of 130Fs, the
outputs are re-enabled. If the fault condition still exists,
the MAX98300 continues to disable and re-enable the
outputs until the fault condition is removed.
Selectable Gain
The MAX98300 offers five programmable gain selections
through a single gain input (GAIN).
Figure 1. EMI with 60cm of Speaker Cable and No Output Filtering
Table 1. Gain Control Configuration
FREQUENCY (MHz)
900
800
700
600
500
400
300
200
100
0
10
20
30
40
50
-10
30
1000
EN55022B LIMIT
GAIN PIN
MAXIMUM GAIN (dB)
Connect to PVDD
12
Connect to PVDD through
100kI
±5%
9
Not connected
6
Connect to PGND through
100kI
±5%
3
Connect to PGND
0


Similar Part No. - MAX98300ETA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98300EVKIT+TDFN MAXIM-MAX98300EVKIT+TDFN Datasheet
1Mb / 7P
   MAX98300 Evaluation Kit (TDFN)
19-5461; Rev 0; 7/10
MAX98300EVKIT+WLP MAXIM-MAX98300EVKIT+WLP Datasheet
2Mb / 7P
   MAX98300 Evaluation Kit (WLP)
19-5272; Rev 0; 5/10
MAX98300EVKITTDFN MAXIM-MAX98300EVKITTDFN Datasheet
1Mb / 7P
   MAX98300 Evaluation Kit (TDFN)
19-5461; Rev 0; 7/10
MAX98300EVKITWLP MAXIM-MAX98300EVKITWLP Datasheet
2Mb / 7P
   MAX98300 Evaluation Kit (WLP)
19-5272; Rev 0; 5/10
More results

Similar Description - MAX98300ETA+

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A2327 AITSEMI-A2327 Datasheet
901Kb / 12P
   AUDIO AMPLIFIER 2.6W MONO FILTER-FREE CLASS-D
REV2.2
logo
Realtek Semiconductor C...
ALC5621 REALTEK-ALC5621_09 Datasheet
1Mb / 76P
   I2S AUDIO CODEC 2.6W CLASS-AB/D MONO SPEAKER AMPLIFIER HEADPHONE AMPLIFIER
ALC5622 REALTEK-ALC5622 Datasheet
1Mb / 73P
   I2S AUDIO CODEC 2.6W CLASS-AB/D MONO SPEAKER AMPLIFIER HEADPHONE AMPLIFIER
logo
National Semiconductor ...
LM48312 NSC-LM48312 Datasheet
943Kb / 20P
   2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
logo
Texas Instruments
LM48310 TI1-LM48310_14 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
logo
National Semiconductor ...
LM48310 NSC-LM48310 Datasheet
477Kb / 20P
   Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48311 NSC-LM48311 Datasheet
485Kb / 16P
   Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
logo
Texas Instruments
LM48310SD TI-LM48310SD Datasheet
1,013Kb / 22P
[Old version datasheet]   LM48310 Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
logo
STMicroelectronics
TDA7481 STMICROELECTRONICS-TDA7481 Datasheet
143Kb / 6P
   10W MONO CLASS-D AMPLIFIER
TDA7482 STMICROELECTRONICS-TDA7482 Datasheet
112Kb / 6P
   25W MONO CLASS-D AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com