Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX98400A Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX98400A
Description  Stereo, High-Power, Class D Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX98400A Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX98400A Datasheet HTML 2Page - Maxim Integrated Products MAX98400A Datasheet HTML 3Page - Maxim Integrated Products MAX98400A Datasheet HTML 4Page - Maxim Integrated Products MAX98400A Datasheet HTML 5Page - Maxim Integrated Products MAX98400A Datasheet HTML 6Page - Maxim Integrated Products MAX98400A Datasheet HTML 7Page - Maxim Integrated Products MAX98400A Datasheet HTML 8Page - Maxim Integrated Products MAX98400A Datasheet HTML 9Page - Maxim Integrated Products MAX98400A Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Stereo, High-Power, Class D Amplifiers
6
Note 2: 100% production tested at TA = +25NC. Specifications over temperature limits are guaranteed by design.
Note 3: The MAX98400A stereo mode is specified with an 8I resistive load in series with a 68FH inductive load connected across
BTL outputs. The MAX98400A mono mode is specified with a 4I resistive load in series with 33FH inductive load. The
MAX98400B is specified with an 8I resistive load in series with a 68FH inductive load connected across BTL outputs.
Note 4: Amplifier inputs AC-coupled to GND.
Note 5: Mode transitions controlled by SHDN.
Note 6: Relative to equivalent full-scale undistorted output. Full scale (FS) = VPVDD x 0.95.
Note 7: Relative to equivalent full-scale undistorted output. Full scale (FS) = VPVDD.
ELECTRICAL ChARACTERISTICS (continued)
(VPVDD = 18V, CIN = 1FF, VSHDN = 5V, LIM_TH = VS, TEMPLOCK = unconnected; G1 = GND, G2 = open (gain = 20.1dB), CREL
= 1FF, C1 = C2 = 1FF, RL = J, AC measurement bandwidth 20Hz to 20kHz, differential input signal, TA = TMIN to TMAX, unless
otherwise noted. Typical values are at TA = +25NC.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VGA Distortion
Compression = 0 to -12dB
3.5
%
LIM_TH Input-Voltage Low
(PVDD Tracking)
0.15
V
LIM_TH Input-Voltage High
(Limiter Off)
VS
- 1
V
Channel-to-Channel Attenuation
Tracking
Q
1
dB
ThERMAL FOLDBACK
Internal Templock Resistor
120
205
310
kI
Trigger Temperature
+130
N
C
Hard Thermal Protection
+165
N
C
LOGIC INPUT (G1, G2)
Sink Current
TA = +25NC, VG1, VG2 = 0V
+2.5
+5
+8
F
A
Source Current
TA = +25NC, VG1, VG2 = VS
-8
-5
-2.5
F
A
Input High Threshold
0.8 x
VS
V
Input Low Threshold
0.3 x
VS
V
Input Three-State Window
0.45 x
VS
0.5 x
VS
0.55 x
VS
V
LOGIC INPUT (SHDN, MONO (MAX98400A Only))
Input Leakage Current
IIN
TA = +25NC
Q
10
F
A
Input High Threshold
VINH
2
V
Input Low Threshold
VINL
0.4
V
Input-Voltage Hysteresis
100
mV


Similar Part No. - MAX98400A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98400A MAXIM-MAX98400A Datasheet
1,001Kb / 12P
   MAX98400A Evaluation Kit
19-5477; Rev 0; 8/10
MAX98400AEVKIT MAXIM-MAX98400AEVKIT Datasheet
1,001Kb / 12P
   MAX98400A Evaluation Kit
19-5477; Rev 0; 8/10
MAX98400AEVKIT++ MAXIM-MAX98400AEVKIT+ Datasheet
1,001Kb / 12P
   MAX98400A Evaluation Kit
19-5477; Rev 0; 8/10
More results

Similar Description - MAX98400A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9752 MAXIM-MAX9752 Datasheet
593Kb / 29P
   2.2W, Low-EMI, Stereo, Class D Power Amplifiers with DirectDrive Headphone Amplifiers
19-3666; Rev 0; 9/05
MAX4295 MAXIM-MAX4295 Datasheet
719Kb / 18P
   Mono/Stereo 2W Switch-Mode (Class-D) Audio Power Amplifiers
Rev 1; 2/01
MAX9736AETJ MAXIM-MAX9736AETJ Datasheet
668Kb / 25P
   Mono/Stereo High-Power Class D Amplifier
Rev 3; 9/09
MAX9736 MAXIM-MAX9736_V01 Datasheet
1Mb / 25P
   Mono/Stereo High-Power Class D Amplifier
19-3108; Rev 4; 11/19
MAX9736 MAXIM-MAX9736 Datasheet
568Kb / 22P
   Mono/Stereo High-Power Class D Amplifier
Rev 1; 10/08
logo
Anpec Electronics Corop...
APA2615 ANPEC-APA2615 Datasheet
660Kb / 28P
   Mono/Stereo High-Power Class-D Amplifier
logo
Maxim Integrated Produc...
MAX9713 MAXIM-MAX9713 Datasheet
508Kb / 18P
   6W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers
Rev 2; 9/04
logo
Microsemi Corporation
LX1722 MICROSEMI-LX1722 Datasheet
367Kb / 14P
   Class-D Stereo Power Amplifier Controller
LX1721 MICROSEMI-LX1721_04 Datasheet
383Kb / 14P
   Class-D Stereo Power Amplifier Controller
logo
Maxim Integrated Produc...
MAX9703 MAXIM-MAX9703_V01 Datasheet
1Mb / 24P
   10W Stereo/15W Mono, Filterless, Spread-Spectrum, Class D Amplifiers
19-3160; Rev 8; 5/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com