Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXQ7670A Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAXQ7670A
Description  Microcontroller with 12-Bit ADC, PGA, 64KB Flash, and CAN Interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ7670A Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAXQ7670A Datasheet HTML 1Page - Maxim Integrated Products MAXQ7670A Datasheet HTML 2Page - Maxim Integrated Products MAXQ7670A Datasheet HTML 3Page - Maxim Integrated Products MAXQ7670A Datasheet HTML 4Page - Maxim Integrated Products MAXQ7670A Datasheet HTML 5Page - Maxim Integrated Products MAXQ7670A Datasheet HTML 6Page - Maxim Integrated Products MAXQ7670A Datasheet HTML 7Page - Maxim Integrated Products MAXQ7670A Datasheet HTML 8Page - Maxim Integrated Products MAXQ7670A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
ELECTRICAL CHARACTERISTICS (continued)
(VDVDDIO = +5.0V, VAVDD = +3.3V, VDVDD = +2.5V, VREFADC = +3.3V, system clock = 16MHz. TA = TMIN to TMAX, unless otherwise
noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Current Capability
LRAPD = 0
50
mA
Output Short-Circuit Current
LRAPD = 0, AVDD shorted to AGND
100
mA
Maximum AVDD Bypass
Capacitor to AGND
LRAPD = 0
0.47
µF
+2.5V (DVDD) LINEAR REGULATOR
DVDD Output Voltage
REGEN2 = GNDIO
2.38
2.5
2.62
V
No-Load Quiescent Current
REGEN2 = GNDIO, all internal digital
peripherals disabled
15
µA
Output Current Capability
REGEN2 = GNDIO
50
mA
Output Short-Circuit Current
REGEN2 = GNDIO, DVDD shorted to
DGND
100
mA
Maximum DVDD Bypass
Capacitor to DGND
REGEN2 = GNDIO
0.47
µF
SUPPLY-VOLTAGE SUPERVISORS AND BROWNOUT DETECTION
DVDD Reset Threshold
Asserts
RESET if VDVDD is below this
threshold
2.1
2.25
V
DVDD Interrupt Threshold
Generates an interrupt if VDVDD falls
below this threshold
2.25
2.38
V
Minimum DVDD Interrupt and
Reset Threshold Difference
0.14
V
AVDD Interrupt Threshold
Generates an interrupt if VAVDD falls
below this threshold
3.0
3.15
V
DVDDIO Interrupt Threshold
Generates an interrupt if VDVDDIO
falls below this threshold
4.5
4.75
V
DVDD
1
2.75
AVDD
1
3.6
Operational Range
DVDDIO
1
5.25
V
Supervisor Hysteresis
±0.7
%
CAN INTERFACE
CAN Baud Rate
fCANCLK = 8MHz
1
Mbps
CANCLK Mean Frequency
Error
8MHz or 16MHz, 50ppm external
crystal
60
ppm
CANCLK Total Frequency Error
8MHz or 16MHz, 50ppm external
crystal; measured over a 12ms
interval; mean plus peak cycle jitter
< 0.5
%
Microcontroller with 12-Bit ADC,
PGA, 64KB Flash, and CAN Interface
_______________________________________________________________________________________
5


Similar Part No. - MAXQ7670A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ7670ATL++ MAXIM-MAXQ7670ATL+ Datasheet
393Kb / 37P
   Microcontroller with 10-Bit ADC, PGA, 64KB Flash, and CAN Interface
Rev 0; 11/08
MAXQ7670ATL/V++ MAXIM-MAXQ7670ATL/V+ Datasheet
440Kb / 38P
   Microcontroller with 10-Bit ADC, PGA, 64KB Flash, and CAN Interface
Rev 1; 7/09
More results

Similar Description - MAXQ7670A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ7670 MAXIM-MAXQ7670 Datasheet
393Kb / 37P
   Microcontroller with 10-Bit ADC, PGA, 64KB Flash, and CAN Interface
Rev 0; 11/08
MAXQ7670 MAXIM-MAXQ7670_09 Datasheet
440Kb / 38P
   Microcontroller with 10-Bit ADC, PGA, 64KB Flash, and CAN Interface
Rev 1; 7/09
logo
ATMEL Corporation
AT89C51AC3 ATMEL-AT89C51AC3_05 Datasheet
1Mb / 143P
   Enhanced 8-bit Microcontroller with 64KB Flash Memory
AT89C51AC3 ATMEL-AT89C51AC3_08 Datasheet
1Mb / 140P
   Enhanced 8-bit Microcontroller with 64KB Flash Memory
AT89C51AC3 ATMEL-AT89C51AC3 Datasheet
1Mb / 141P
   Enhanced 8-bit Microcontroller with 64KB Flash Memory
AT89LP51ED2-20JU ATMEL-AT89LP51ED2-20JU Datasheet
809Kb / 26P
   8-bit Flash Microcontroller with 64KB Program Memory
logo
NXP Semiconductors
LPC2290 PHILIPS-LPC2290_15 Datasheet
210Kb / 41P
   16/32-bit ARM microcontroller with CAN, 10-bit ADC and external memory interface
Rev. 03-16 November 2006
LPC2290 NXP-LPC2290 Datasheet
210Kb / 41P
   16/32-bit ARM microcontroller with CAN, 10-bit ADC and external memory interface
Rev. 03-16 November 2006
logo
ATMEL Corporation
T89C51IC2 ATMEL-T89C51IC2 Datasheet
171Kb / 10P
   8-bit Microcontroller with Flash and I2C Interface
T89C51CC02 ATMEL-T89C51CC02_06 Datasheet
1Mb / 156P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com