Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXQ7670AATL+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAXQ7670AATL+
Description  Microcontroller with 12-Bit ADC, PGA, 64KB Flash, and CAN Interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ7670AATL+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAXQ7670AATL+ Datasheet HTML 2Page - Maxim Integrated Products MAXQ7670AATL+ Datasheet HTML 3Page - Maxim Integrated Products MAXQ7670AATL+ Datasheet HTML 4Page - Maxim Integrated Products MAXQ7670AATL+ Datasheet HTML 5Page - Maxim Integrated Products MAXQ7670AATL+ Datasheet HTML 6Page - Maxim Integrated Products MAXQ7670AATL+ Datasheet HTML 7Page - Maxim Integrated Products MAXQ7670AATL+ Datasheet HTML 8Page - Maxim Integrated Products MAXQ7670AATL+ Datasheet HTML 9Page - Maxim Integrated Products MAXQ7670AATL+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
Microcontroller with 12-Bit ADC,
PGA, 64KB Flash, and CAN Interface
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDVDDIO = +5.0V, VAVDD = +3.3V, VDVDD = +2.5V, VREFADC = +3.3V, system clock = 16MHz. TA = TMIN to TMAX, unless otherwise
noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
HIGH-FREQUENCY CRYSTAL OSCILLATOR
Using external crystal
8 or 16
16
Clock Frequency
External input (Note 10)
0.166
16.67
MHz
Stability
Excluding crystal drift
25
ppm
Startup Time
fSYSCLK cycles
65,535
Cycles
XIN Input Low Voltage
Driven with external clock source
0.3 x
VDVDD
V
XIN Input High Voltage
Driven with external clock source
0.7 x
VDVDD
V
INTERNAL FIXED-FREQUENCY OSCILLATOR
Frequency
fIFFCLK
TA = TMIN to TMAX
13.8
15
16.35
MHz
Tolerance
TA = +25°C
±0.4
%
Temperature Drift
TA = TMIN to TMAX
5%
Power-Supply Rejection
TA = +25°C, DVDD = 2.25V to 2.75V
±1.5
%
RESET (
RESET)
RESET Internal Pullup
Resistance
Pulled up to DVDDIO
55
k
RESET Output Low Voltage
RESET asserted, no external load
0.4
V
RESET Output High Voltage
RESET deasserted, no external load
0.9 x
VDVDDIO
V
RESET Input Low Voltage
Driven with external clock source
0.3 x
VDVDD
V
RESET Input High Voltage
Driven with external clock source
0.7 x
VDVDDIO
V
DIGITAL INPUTS (P0._, CANRXD, MISO, MOSI,
SS, SCLK, TCK, TDI, TMS)
Input Low Voltage
0.8
V
Input High Voltage
2.1
V
Input Hysteresis
500
mV
Input Leakage Current
VIN = GNDIO or VDVDDIO,
pullup disabled
-10
±0.01
+10
µA
Input Pullup Resistance
55
k
Input Pulldown Resistance
55
k
Input Capacitance
15
pF
DIGITAL OUTPUTS (P0._, CANTXD, MOSI, SCLK,
SS, TDO)
Output Low Voltage
ISINK = 0.5mA
0.4
V
Output High Voltage
ISOURCE = 0.5mA
VDVDDIO
- 0.5
V


Similar Part No. - MAXQ7670AATL+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ7670ATL++ MAXIM-MAXQ7670ATL+ Datasheet
393Kb / 37P
   Microcontroller with 10-Bit ADC, PGA, 64KB Flash, and CAN Interface
Rev 0; 11/08
MAXQ7670ATL/V++ MAXIM-MAXQ7670ATL/V+ Datasheet
440Kb / 38P
   Microcontroller with 10-Bit ADC, PGA, 64KB Flash, and CAN Interface
Rev 1; 7/09
More results

Similar Description - MAXQ7670AATL+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ7670 MAXIM-MAXQ7670 Datasheet
393Kb / 37P
   Microcontroller with 10-Bit ADC, PGA, 64KB Flash, and CAN Interface
Rev 0; 11/08
MAXQ7670 MAXIM-MAXQ7670_09 Datasheet
440Kb / 38P
   Microcontroller with 10-Bit ADC, PGA, 64KB Flash, and CAN Interface
Rev 1; 7/09
logo
ATMEL Corporation
AT89C51AC3 ATMEL-AT89C51AC3_05 Datasheet
1Mb / 143P
   Enhanced 8-bit Microcontroller with 64KB Flash Memory
AT89C51AC3 ATMEL-AT89C51AC3_08 Datasheet
1Mb / 140P
   Enhanced 8-bit Microcontroller with 64KB Flash Memory
AT89C51AC3 ATMEL-AT89C51AC3 Datasheet
1Mb / 141P
   Enhanced 8-bit Microcontroller with 64KB Flash Memory
AT89LP51ED2-20JU ATMEL-AT89LP51ED2-20JU Datasheet
809Kb / 26P
   8-bit Flash Microcontroller with 64KB Program Memory
logo
NXP Semiconductors
LPC2290 PHILIPS-LPC2290_15 Datasheet
210Kb / 41P
   16/32-bit ARM microcontroller with CAN, 10-bit ADC and external memory interface
Rev. 03-16 November 2006
LPC2290 NXP-LPC2290 Datasheet
210Kb / 41P
   16/32-bit ARM microcontroller with CAN, 10-bit ADC and external memory interface
Rev. 03-16 November 2006
logo
ATMEL Corporation
T89C51IC2 ATMEL-T89C51IC2 Datasheet
171Kb / 10P
   8-bit Microcontroller with Flash and I2C Interface
T89C51CC02 ATMEL-T89C51CC02_06 Datasheet
1Mb / 156P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com