Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KYL-200L Datasheet(PDF) 9 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part # KYL-200L
Description  Low PowerWireless Transceiver Data Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Direct Link  http://www.rf-data.com
Logo KYL - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

KYL-200L Datasheet(HTML) 9 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Back Button KYL-200L_1 Datasheet HTML 3Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-200L_1 Datasheet HTML 4Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-200L_1 Datasheet HTML 5Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-200L_1 Datasheet HTML 6Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-200L_1 Datasheet HTML 7Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-200L_1 Datasheet HTML 8Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-200L_1 Datasheet HTML 9Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-200L_1 Datasheet HTML 10Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-200L_1 Datasheet HTML 11Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Shenzhen KYL Communication Equipment Co., Ltd
Fax: +86-755-83408785
sales02@rf-data.com
www.rf-data.com
9
information while using KYL-200L modules.
d. Large-number data transmission
In theory, when the interface data rate is faster than the RF data rate, KYL-200L
transceivers can sent unlimited-long data package, but long packages more than
120B are not recommended. The length of each package should be between
60~100B. We also recommend our users to use Automatic Error Request
Equipment (ARQ) to prevent wrong information.
Reasons:
What if the actual transmission BER (Bit Error Rate) is 10-4, 1 packet with 1KB
data which is about 10-thousand bits, is sent, theoretically, at least 1 bit will be
received wrongly, then the 1KB information will never be received correctly.
But if we package the data into 10 packets with 100B for each, when all 10
packets are sent, there will be only 1 packet wrong according to this probability.
After that, resend this wrong packet using ARQ mode. So by resending one more
packet and the efficiency rate is reduced 10%, all data will be absolutely received
correctly.
10. Antenna configuration:
Many appropriative antennas for low power RF modules are selected to meet
different users’ antenna configurations. Please ask our Sales for more information
about the antenna’s dimension and performance.
a. Helical SMA antennas
KYL-ANT-433-10-SMA: 100mm helical SMA antennas with high gain and low
cost, reach a long distance.
KYL-ANT-433-3-SMA: 28mm SMA helical antenna with magnetic core, small
size, beautiful appearance (like the mobile phone antenna)
KYL-ANT-433-10-ZSMA: 100mm SMA helical antenna with folding joint, easy
for adjusting the direction and fixing.


Similar Part No. - KYL-200L_1

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-200L-12 KYL-KYL-200L-12 Datasheet
487Kb / 15P
   KYL-200L Low PowerWireless Transceiver DataModule
KYL-200L-192 KYL-KYL-200L-192 Datasheet
487Kb / 15P
   KYL-200L Low PowerWireless Transceiver DataModule
More results

Similar Description - KYL-200L_1

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-300L KYL-KYL-300L Datasheet
472Kb / 14P
   KYL-300L Low PowerWireless Transceiver DataModule
KYL-200L KYL-KYL-200L Datasheet
487Kb / 15P
   KYL-200L Low PowerWireless Transceiver DataModule
KYL-300I KYL-KYL-300I Datasheet
520Kb / 15P
   KYL-300I Low PowerWireless Transceiver DataModule
KYL-200U KYL-KYL-200U_1 Datasheet
229Kb / 15P
   Micro PowerWireless Transceiver DataModule
KYL-200U KYL-KYL-200U Datasheet
478Kb / 15P
   KYL-200UMicro PowerWireless Transceiver DataModule
KYL-300L KYL-KYL-300L_1 Datasheet
231Kb / 15P
   Low Power Wireless Transceiver Data Module
KYL-300I KYL-KYL-300I_1 Datasheet
157Kb / 11P
   Low Power Wireless Transceiver Data Module
logo
Radiometrix Ltd
BIM-UHF RADIOMETRIX-BIM-UHF Datasheet
690Kb / 17P
   Low Power UHF Data Transceiver Module
logo
SHENZHEN KYL COMMUNICAT...
KYL-500S KYL-KYL-500S Datasheet
311Kb / 9P
   SmartWireless Transceiver Data Module
logo
List of Unclassifed Man...
TRM-315-LT ETC2-TRM-315-LT Datasheet
823Kb / 13P
   LT SERIES TRANSCEIVER MODULE DATA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com