Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KYL-200U Datasheet(PDF) 3 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part # KYL-200U
Description  Micro PowerWireless Transceiver DataModule
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Direct Link  http://www.rf-data.com
Logo KYL - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

KYL-200U Datasheet(HTML) 3 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

  KYL-200U_1 Datasheet HTML 1Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-200U_1 Datasheet HTML 2Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-200U_1 Datasheet HTML 3Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-200U_1 Datasheet HTML 4Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-200U_1 Datasheet HTML 5Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-200U_1 Datasheet HTML 6Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-200U_1 Datasheet HTML 7Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-200U_1 Datasheet HTML 8Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-200U_1 Datasheet HTML 9Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Shenzhen KYL Communication Equipment Co., Ltd
3
Before using our products, please read the user manual carefully.
Any questions, please contact me at the above mentioned methods.
I: About KYL-200U
KYL-200U is a kind of micro power wireless transceiver data module. With small
size, low power consumption as well as good stability and reliability, it is widely used
as wireless data transceiver in long-ranges. Narrowband low power UHF wireless data
transmitters and receivers with channel spacing as low as 25 KHz.
II: Features of KYL-200U
1. Low power transmission: 10mW (default), 50~100mW (optional).
2. Carrier frequency: 433MHz (default), 400-470MHz, 868MHz, 915MHz
(optional)
3. High anti- interference and Low BER (Bit Error Rate)
Based on GFSK modulation, high-efficiency forward error correction channel
encoding technology is used to ensure the data’s resistance against both transient
interference and random interference. The actual BER can be achieved to 10
-5~ 10-6
when the channel BER is 10-2.
4. Long Transmission Distance
Within the visible range, when the height of antenna is higher than 2m and the BER
is 10-3, the reliable transmission distance is 1000m @1200bps and 600m@9600bps
respectively.
5. Transparent data transmission
Transparent data interface used in transceivers is to satisfy many standard and
nonstandard user protocols. Any false data generated in air can be filtrated
automatically (What has been received is exactly what has been transmitted).
6. Multi-channels
We provide 8 channels, expandable for 16, 32 channels according to the
requirements of users.
7. 2 ports with three connection methods
KYL-200U transceivers provide 2 ports with three connections: a UART interface
of TTL level, a non-standard RS-232 port and a non-standard RS-485 port.
8. Big data buffer area
With optional interface baud rates: 1200/4800/9600/19200bps and 8N1/8E1/8O1
data format (decide by user), the transceiver can transmit unlimited data frames
with flexible user program.
Note: the RF data rate is settled down before delivery; please specify our sales your
requirements when placing your orders.
9. Intelligent data control system and no other extra programs required


Similar Part No. - KYL-200U_1

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-200U-12 KYL-KYL-200U-12 Datasheet
478Kb / 15P
   KYL-200UMicro PowerWireless Transceiver DataModule
KYL-200U-192 KYL-KYL-200U-192 Datasheet
478Kb / 15P
   KYL-200UMicro PowerWireless Transceiver DataModule
More results

Similar Description - KYL-200U_1

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-200U KYL-KYL-200U Datasheet
478Kb / 15P
   KYL-200UMicro PowerWireless Transceiver DataModule
KYL-200L KYL-KYL-200L Datasheet
487Kb / 15P
   KYL-200L Low PowerWireless Transceiver DataModule
KYL-300L KYL-KYL-300L Datasheet
472Kb / 14P
   KYL-300L Low PowerWireless Transceiver DataModule
KYL-300I KYL-KYL-300I Datasheet
520Kb / 15P
   KYL-300I Low PowerWireless Transceiver DataModule
KYL-200L KYL-KYL-200L_1 Datasheet
111Kb / 11P
   Low PowerWireless Transceiver Data Module
KYL-210 KYL-KYL-210_1 Datasheet
297Kb / 9P
   High speed Rate RF Transceiver DataModule
KYL-210 KYL-KYL-210 Datasheet
463Kb / 14P
   KYL-210 High speed Rate RF Transceiver DataModule
logo
List of Unclassifed Man...
DM6210 ETC-DM6210 Datasheet
1Mb / 91P
   dataModule medium speed analog input module
logo
Zarlink Semiconductor I...
MT8889C ZARLINK-MT8889C Datasheet
494Kb / 31P
   Integrated DTMF Transceiver with Adaptive Micro Interface
MT8888C ZARLINK-MT8888C Datasheet
684Kb / 25P
   Integrated DTMF Transceiver with Intel Micro Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com