Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KYL-200U-24 Datasheet(PDF) 10 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part # KYL-200U-24
Description  Micro PowerWireless Transceiver DataModule
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Direct Link  http://www.rf-data.com
Logo KYL - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

KYL-200U-24 Datasheet(HTML) 10 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Back Button KYL-200U-24 Datasheet HTML 6Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-200U-24 Datasheet HTML 7Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-200U-24 Datasheet HTML 8Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-200U-24 Datasheet HTML 9Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-200U-24 Datasheet HTML 10Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-200U-24 Datasheet HTML 11Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-200U-24 Datasheet HTML 12Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-200U-24 Datasheet HTML 13Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-200U-24 Datasheet HTML 14Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Shenzhen KYL Communication Equipment Co., Ltd
10
5. Installation dimension:
6. The Function-indicator light
a. The LED indicator light will turn red for 0.5S once switch on.
b. The LED indicator light will turn green continually while receiving data from
air.
c. The LED indicator light will turn red continually when transmitting data into air
after receiving from COM.
d. If the module keeps sleep function, LED indicator light is always dark.
7. Supported protocol and Transmit capability
KYL-200U standard transceivers offer transparent protocol to support various
applications and protocols of users. If the user needs to decrease his cost or ease the
workload of terminal CPU, we can add other specific functions based on the
transparent protocol, such as addressing, data acquisition, command interpretation,
etc.
8. Sleep function instruction:
In order to reduce consumption, KYL-200U transceivers support Sleep function. In
sleep mode, the current consumption is less than 20uA.
a. How to use the Sleep function:
The Pin8 ‘SLP’ in JP1 is the signal of sleep control. At high power level,
transceiver stays in working mode. At low power level (<0.5V), transceiver stays
in sleep mode. The SLP signal can convert transceiver from working to sleep
mode in 1ms after falling edge. If the Sleep signal arrives when the transceiver is
transmitting data, the module will move to sleep mode after finishing
transmission. From sleep mode to working, it takes the transceiver 1ms after
rising edge.
To disable the opened sleep function of KYL-200U, the SLP (SLEEP) pin
should be definitely connected with 0 or ground.


Similar Part No. - KYL-200U-24

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-200U-24 KYL-KYL-200U-24 Datasheet
478Kb / 15P
   KYL-200UMicro PowerWireless Transceiver DataModule
More results

Similar Description - KYL-200U-24

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-200U KYL-KYL-200U Datasheet
478Kb / 15P
   KYL-200UMicro PowerWireless Transceiver DataModule
KYL-200L KYL-KYL-200L Datasheet
487Kb / 15P
   KYL-200L Low PowerWireless Transceiver DataModule
KYL-300L KYL-KYL-300L Datasheet
472Kb / 14P
   KYL-300L Low PowerWireless Transceiver DataModule
KYL-300I KYL-KYL-300I Datasheet
520Kb / 15P
   KYL-300I Low PowerWireless Transceiver DataModule
KYL-200L KYL-KYL-200L_1 Datasheet
111Kb / 11P
   Low PowerWireless Transceiver Data Module
KYL-210 KYL-KYL-210_1 Datasheet
297Kb / 9P
   High speed Rate RF Transceiver DataModule
KYL-210 KYL-KYL-210 Datasheet
463Kb / 14P
   KYL-210 High speed Rate RF Transceiver DataModule
logo
List of Unclassifed Man...
DM6210 ETC-DM6210 Datasheet
1Mb / 91P
   dataModule medium speed analog input module
logo
Zarlink Semiconductor I...
MT8889C ZARLINK-MT8889C Datasheet
494Kb / 31P
   Integrated DTMF Transceiver with Adaptive Micro Interface
MT8888C ZARLINK-MT8888C Datasheet
684Kb / 25P
   Integrated DTMF Transceiver with Intel Micro Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com