Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KYL-300M-24 Datasheet(PDF) 4 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part # KYL-300M-24
Description  RF Data Radio Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Direct Link  http://www.rf-data.com
Logo KYL - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

KYL-300M-24 Datasheet(HTML) 4 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

  KYL-300M-24 Datasheet HTML 1Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300M-24 Datasheet HTML 2Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300M-24 Datasheet HTML 3Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300M-24 Datasheet HTML 4Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300M-24 Datasheet HTML 5Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300M-24 Datasheet HTML 6Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300M-24 Datasheet HTML 7Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300M-24 Datasheet HTML 8Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300M-24 Datasheet HTML 9Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Shenzhen KYL Communication Equipment Co., Ltd
Fax: +86-755-83408785
sales02@rf-data.com
www.rf-data.com
4
1. Power supply
The factory default setting is +5V (7.5V-12V will inform when placing the
order).By using better ripple factor, KYL-300M transceivers can also share power
supply with other equipment. If possible, a voltage-stabilizing chip with 5V voltage
is more recommended as the only power supply than Switch power supply. But if
only switch power supply available, the jam by switch pulse to the transceivers
should be avoided. In addition, the reliable grounding must be used if there is other
device in the system equipment. In case of failing to connect with the ground, it can
form its own grounding but must be absolutely separated from the municipal
electric supply.
2. Connection Definition with terminal
KYL-300M transceivers supply one 9-pin connector (JP1), their definitions and
connection methods with terminals are shown in Table 1.
Table 1: JP1 Pin Definitions and connection methods
Pin No. Signal Name Function
Level
Connection
with terminal
Remarks
1
GND
Grounding of power supply
Ground
2
Vcc
Power supply DC
5V
3
RxD/TTL
Serial data input to the transceiver
TTL
TxD
4
TxD/TTL
Transmitted
data
out
of
the
transceiver
TTL
RxD
5
SGND
Signal
6
A (TXD)
A of RS-485(TxD of RS-232)
A(RxD)
7
B (RXD)
B of RS-485(RxD of RS-232)
B(TxD)
8
SLEEP
Sleep control (input)
TTL
Sleep signal
High
level
sleep
9
RESET
Reset signal(input)
TTL
Negative
pulse reset
3. The connection schematic diagram between computer and our
RF module


Similar Part No. - KYL-300M-24

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-300M-24 KYL-KYL-300M-24 Datasheet
472Kb / 14P
   KYL-300MRF Data RadioModule
More results

Similar Description - KYL-300M-24

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-300H KYL-KYL-300H_1 Datasheet
163Kb / 9P
   High Speed Data Radio Module
logo
List of Unclassifed Man...
CDP-02 ETC2-CDP-02 Datasheet
2Mb / 16P
   UHF FM-NARROW BAND SYNTHESIZED RADIO DATA MODULE
FMR-05D ETC2-FMR-05D Datasheet
23Kb / 3P
   Radio data receiver
logo
Wurth Elektronik GmbH &...
2606031121000 WURTH-2606031121000 Datasheet
451Kb / 6P
   WIRL-PRO2 Radio module 2.4 GHz with RF pad
001.012
logo
Toshiba Semiconductor
S-AV33A TOSHIBA-S-AV33A Datasheet
185Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32W COMMERCIAL VHF RADIO APPLICATIONS
S-AV40 TOSHIBA-S-AV40 Datasheet
180Kb / 6P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 30W COMMERCIAL VHF RADIO APPLICATIONS
logo
List of Unclassifed Man...
PTM230 ETC2-PTM230 Datasheet
118Kb / 1P
   Radio transmitter module
W7020 ETC1-W7020 Datasheet
324Kb / 36P
   Bluetooth Radio Module
logo
NXP Semiconductors
BGB110 PHILIPS-BGB110 Datasheet
141Kb / 17P
   Bluetooth radio module
2000 Oct 03
logo
Laird Tech Smart Techno...
AC4490-1X1 LSTD-AC4490-1X1 Datasheet
605Kb / 2P
   900MHz Radio Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com