Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KYL-300L-96 Datasheet(PDF) 7 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part # KYL-300L-96
Description  Low Power Wireless Transceiver Data Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Direct Link  http://www.rf-data.com
Logo KYL - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

KYL-300L-96 Datasheet(HTML) 7 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Back Button KYL-300L-96 Datasheet HTML 3Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300L-96 Datasheet HTML 4Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300L-96 Datasheet HTML 5Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300L-96 Datasheet HTML 6Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300L-96 Datasheet HTML 7Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300L-96 Datasheet HTML 8Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300L-96 Datasheet HTML 9Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300L-96 Datasheet HTML 10Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300L-96 Datasheet HTML 11Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Shenzhen KYL Communication Equipment Co., Ltd
Fax: +86-755-83408785
www.rf-data.com
7
. Click “open port” then will open a small window as the following picture, clients
will write the parameters in this column.
. Click “read paras”.
“Read correct” show your connection between KYL module and PC is correct.


Similar Part No. - KYL-300L-96

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-300L-96 KYL-KYL-300L-96 Datasheet
472Kb / 14P
   KYL-300L Low PowerWireless Transceiver DataModule
More results

Similar Description - KYL-300L-96

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-300I KYL-KYL-300I_1 Datasheet
157Kb / 11P
   Low Power Wireless Transceiver Data Module
logo
List of Unclassifed Man...
TRW-960S ETC2-TRW-960S Datasheet
272Kb / 4P
   Wireless Low Power Transceiver RF Module
TRW-925A ETC2-TRW-925A Datasheet
545Kb / 5P
   Wireless Low Power Transceiver RF Module
TRW-V4B-D ETC2-TRW-V4B-D Datasheet
738Kb / 8P
   Wireless Low Power Transceiver RF Module
logo
SHENZHEN KYL COMMUNICAT...
KYL-200I KYL-KYL-200I Datasheet
174Kb / 1P
   Wireless Data Transceiver
logo
Radiometrix Ltd
BIM-UHF RADIOMETRIX-BIM-UHF Datasheet
690Kb / 17P
   Low Power UHF Data Transceiver Module
logo
List of Unclassifed Man...
TRW-909HI ETC2-TRW-909HI Datasheet
569Kb / 10P
   Wireless High Power Transceiver RF Module
TRW-900C ETC2-TRW-900C Datasheet
520Kb / 24P
   Wireless Low Cost 900MHz RF Transceiver Module
logo
SHENZHEN KYL COMMUNICAT...
KYL-200L KYL-KYL-200L_1 Datasheet
111Kb / 11P
   Low PowerWireless Transceiver Data Module
logo
List of Unclassifed Man...
TRW-811S ETC2-TRW-811S Datasheet
669Kb / 24P
   Wireless Low Cost 900MHz RF Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com