Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KYL-500L-48 Datasheet(PDF) 3 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part # KYL-500L-48
Description  Special RF module for Wireless POS Terminal
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Direct Link  http://www.rf-data.com
Logo KYL - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

KYL-500L-48 Datasheet(HTML) 3 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

  KYL-500L-48 Datasheet HTML 1Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-500L-48 Datasheet HTML 2Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-500L-48 Datasheet HTML 3Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-500L-48 Datasheet HTML 4Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-500L-48 Datasheet HTML 5Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-500L-48 Datasheet HTML 6Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-500L-48 Datasheet HTML 7Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-500L-48 Datasheet HTML 8Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-500L-48 Datasheet HTML 9Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Shenzhen KYL Communication Equipment Co., Ltd
Fax: +86-755-83408785
sales02@rf-data.com
www.rf-data.com
3
1uA.
10. High reliability, small size and excellent performance
High sensitivity, small size is suitable for the order-dish system. With Long
transmission distance, strong penetrability, it is preferable for handheld
terminal.
III. Applications of KYL-500L
* Automatic Meter Reading (AMR)
* Wireless Dish-ordering system;
* Wireless POS, PDA, wireless smart terminals;
* Lower power consumption System;
* Wireless alarm and security systems
* Building automation, security, wireless monitor and control of room
equipment, Access Control System;
* Wireless data transmission, automatic data collection system;
* Radio modem can be used for Sports training & competition;
* Electronic bus station and intelligent traffic;
* Wireless electronic display screen and queuing machine;
* Wireless telemetry, charging for parking, parking lot;
* Automobile inspection and four-wheel orientation;
* Wireless sensor, Industrial wireless remote control and air condition remote
control;
* LED display in thruway and public place
* Point to multi-point wireless network, wireless on-the-spot bus and automatic
data collection system;
IV. How to Use KYL-500L
KYL-500L can provide RS-232, RS-485 and TTL level interface port for direct
connection with PC, RS485 devices, monolithic processors. The schematic
diagram is shown below:
1.
Power supply
The factory setting is DC 3.6V. Using better ripple factor, KYL-500L transceivers


Similar Part No. - KYL-500L-48

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-500L-48 KYL-KYL-500L-48 Datasheet
470Kb / 14P
   KYL-500L Special RF module for Wireless Order-dish System
More results

Similar Description - KYL-500L-48

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-500L KYL-KYL-500L Datasheet
470Kb / 14P
   KYL-500L Special RF module for Wireless Order-dish System
logo
List of Unclassifed Man...
TRW-V4B-V ETC2-TRW-V4B-V Datasheet
524Kb / 6P
   Wireless Voice Transceiver RF Module
TRW-909HI ETC2-TRW-909HI Datasheet
569Kb / 10P
   Wireless High Power Transceiver RF Module
TRW-960S ETC2-TRW-960S Datasheet
272Kb / 4P
   Wireless Low Power Transceiver RF Module
WD01 ETC-WD01 Datasheet
87Kb / 7P
   Wireless Controller Module with RF Transceiver
TRW-24HP ETC2-TRW-24HP Datasheet
1Mb / 19P
   Wireless 2.4Ghz 500mW Transceiver RF Module
TRW-925A ETC2-TRW-925A Datasheet
545Kb / 5P
   Wireless Low Power Transceiver RF Module
TRW-V4B-D ETC2-TRW-V4B-D Datasheet
738Kb / 8P
   Wireless Low Power Transceiver RF Module
logo
Oscilent Corporation
803-RF935.5M-B OSCILENT-803-RF935.5M-B Datasheet
149Kb / 2P
   RF SAW Filter for Wireless
logo
Suntsu Electronics, Inc...
SCNRF SUNTSU-SCNRF Datasheet
919Kb / 3P
   RF Connectors For Wireless Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com