Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KYL-500L-48 Datasheet(PDF) 6 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part # KYL-500L-48
Description  Special RF module for Wireless POS Terminal
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Direct Link  http://www.rf-data.com
Logo KYL - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

KYL-500L-48 Datasheet(HTML) 6 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Back Button KYL-500L-48 Datasheet HTML 2Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-500L-48 Datasheet HTML 3Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-500L-48 Datasheet HTML 4Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-500L-48 Datasheet HTML 5Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-500L-48 Datasheet HTML 6Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-500L-48 Datasheet HTML 7Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-500L-48 Datasheet HTML 8Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-500L-48 Datasheet HTML 9Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-500L-48 Datasheet HTML 10Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Shenzhen KYL Communication Equipment Co., Ltd
Fax: +86-755-83408785
sales02@rf-data.com
www.rf-data.com
6
6. The Function-indicator light
a. The LED indicator light will turn red for 0.5S once switched on.
b. The LED indicator light will turn green continually while receiving data from
air.
c. The LED indicator light will turn red continuously when transmitting data into
air after receiving data from COM.
d. If the module moves to sleep mode, LED indicator light is always dark.
7. Supported protocol and Transmit capability
KYL-500L standard transceivers offer transparent protocol to support various
applications and protocols. If the user needs to decrease his cost or ease the
workload of terminal CPU, we can add other specific functions based on the
transparent protocol, such as addressing, data acquisition, command interpretation,
etc.
8. Sleep function instruction:
In order to reduce more consumption, KYL-500L transceivers support Sleep
function. In sleep mode, the current consumption is less than 1uA.
a. How to use the Sleep function:
The Pin8 ‘SLP’ in JP1 is the signal of sleep control. At high power level,
transceiver stays in working mode. At low power level (<0.5V), transceiver stays
in sleep mode. The SLP signal can convert transceiver from working to sleep
mode in 1ms after falling edge. If the Sleep signal arrives when the transceiver is
transmitting data, the module will enter sleep mode after finishing transmission.
From sleep mode to working, it takes the transceiver 1ms after rising edge.
To disable the opened sleep function of KYL-500L, the SLP (SLEEP) pin should
be definitely connected with 0 or ground.
b. Attentions about the use of sleep function:
When the sleep function enabled, any supply glitches, such as switch dithering,
fire striking or quick switching on and off may cause the transceiver moving to
wrong sleep mode.
Users can avoid this error by making a compulsive restoration once the CPU


Similar Part No. - KYL-500L-48

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-500L-48 KYL-KYL-500L-48 Datasheet
470Kb / 14P
   KYL-500L Special RF module for Wireless Order-dish System
More results

Similar Description - KYL-500L-48

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-500L KYL-KYL-500L Datasheet
470Kb / 14P
   KYL-500L Special RF module for Wireless Order-dish System
logo
List of Unclassifed Man...
TRW-V4B-V ETC2-TRW-V4B-V Datasheet
524Kb / 6P
   Wireless Voice Transceiver RF Module
TRW-909HI ETC2-TRW-909HI Datasheet
569Kb / 10P
   Wireless High Power Transceiver RF Module
TRW-960S ETC2-TRW-960S Datasheet
272Kb / 4P
   Wireless Low Power Transceiver RF Module
WD01 ETC-WD01 Datasheet
87Kb / 7P
   Wireless Controller Module with RF Transceiver
TRW-24HP ETC2-TRW-24HP Datasheet
1Mb / 19P
   Wireless 2.4Ghz 500mW Transceiver RF Module
TRW-925A ETC2-TRW-925A Datasheet
545Kb / 5P
   Wireless Low Power Transceiver RF Module
TRW-V4B-D ETC2-TRW-V4B-D Datasheet
738Kb / 8P
   Wireless Low Power Transceiver RF Module
logo
Oscilent Corporation
803-RF935.5M-B OSCILENT-803-RF935.5M-B Datasheet
149Kb / 2P
   RF SAW Filter for Wireless
logo
Suntsu Electronics, Inc...
SCNRF SUNTSU-SCNRF Datasheet
919Kb / 3P
   RF Connectors For Wireless Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com