Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KYL-500L-96 Datasheet(PDF) 7 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part # KYL-500L-96
Description  Special RF module for Wireless POS Terminal
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Direct Link  http://www.rf-data.com
Logo KYL - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

KYL-500L-96 Datasheet(HTML) 7 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Back Button KYL-500L-96 Datasheet HTML 2Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-500L-96 Datasheet HTML 3Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-500L-96 Datasheet HTML 4Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-500L-96 Datasheet HTML 5Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-500L-96 Datasheet HTML 6Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-500L-96 Datasheet HTML 7Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-500L-96 Datasheet HTML 8Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-500L-96 Datasheet HTML 9Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-500L-96 Datasheet HTML 10Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Shenzhen KYL Communication Equipment Co., Ltd
Fax: +86-755-83408785
sales02@rf-data.com
www.rf-data.com
7
delays 100ms after switching on
Sleep Timing Diagram:
9. Attentions about data transmission
a. The delay time (tc) of conversion between transmitting and receiving is less
than 1ms.
Timing diagram:
b. The delay time of transceivers between the first bit sent by TxD to the first
bit received by RxD.
As data processing happens on user’s data by KYL-500L transceiver using FEC
(Forward Error Correction) or other correction algorithm, when RxD of
KYL-500L transceiver ‘A’ receives the data, then transmits it, the other one
transceiver ‘B’ will have a delay (ts) to receive and transmit by TxD. Different
RF data rate causes different delay time. Please see the specific delay time
below:
RF Date Rate
(bps)
Delay
Ts(mS)
RF Date Rate
(bps)
Delay
Ts(mS)
1200
90
9600
16


Similar Part No. - KYL-500L-96

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-500L-96 KYL-KYL-500L-96 Datasheet
470Kb / 14P
   KYL-500L Special RF module for Wireless Order-dish System
More results

Similar Description - KYL-500L-96

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-500L KYL-KYL-500L Datasheet
470Kb / 14P
   KYL-500L Special RF module for Wireless Order-dish System
logo
List of Unclassifed Man...
TRW-V4B-V ETC2-TRW-V4B-V Datasheet
524Kb / 6P
   Wireless Voice Transceiver RF Module
TRW-909HI ETC2-TRW-909HI Datasheet
569Kb / 10P
   Wireless High Power Transceiver RF Module
TRW-960S ETC2-TRW-960S Datasheet
272Kb / 4P
   Wireless Low Power Transceiver RF Module
WD01 ETC-WD01 Datasheet
87Kb / 7P
   Wireless Controller Module with RF Transceiver
TRW-24HP ETC2-TRW-24HP Datasheet
1Mb / 19P
   Wireless 2.4Ghz 500mW Transceiver RF Module
TRW-925A ETC2-TRW-925A Datasheet
545Kb / 5P
   Wireless Low Power Transceiver RF Module
TRW-V4B-D ETC2-TRW-V4B-D Datasheet
738Kb / 8P
   Wireless Low Power Transceiver RF Module
logo
Oscilent Corporation
803-RF935.5M-B OSCILENT-803-RF935.5M-B Datasheet
149Kb / 2P
   RF SAW Filter for Wireless
logo
Suntsu Electronics, Inc...
SCNRF SUNTSU-SCNRF Datasheet
919Kb / 3P
   RF Connectors For Wireless Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com