Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPS Datasheet(PDF) 5 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part # GPS
Description  Tracker
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Direct Link  http://www.rf-data.com
Logo KYL - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

GPS Datasheet(HTML) 5 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

  GPS Datasheet HTML 1Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPS Datasheet HTML 2Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPS Datasheet HTML 3Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPS Datasheet HTML 4Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPS Datasheet HTML 5Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPS Datasheet HTML 6Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPS Datasheet HTML 7Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPS Datasheet HTML 8Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPS Datasheet HTML 9Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Shenzhen KYL Communication Equipment Co., Ltd
www.rf-data.com
Fax: 86-755-83408785
sales02@rf-data.com
5
3 Insert SIM card into the holder, put down the foil right and fasten it.
5.2 Battery and Charger
Please use the original battery and charger provided by the manufacturer. This
device adopts built-in Li-ion battery, and full battery will support around 60 hours.
Do charge the battery up 8 -12 hours for your first use. After first use, the battery
can be charged fully in 3-5 hours.
Cautions:
a. For its Li-ion battery, which contains harmful chemicals and may burst, please
keep it off fire and don’t bump, puncture it violently.
b. Please charge the battery in time to keep it working normally.
5.3 Startup
● Put the SIM card and battery in its place. When the device is on, you can see
the red indicator is on for about one minute. If you press the red button for a
while, you will switch it off.
● The red button near “SOS” button is the “on/off” button.
● For first use, please initialize the device and restore it to default setting. (go to
5.4 for instruction.)
● There are three indicators on the device.
1. The blue indicator (on the left) shows the status of GPS. When it blinks


Similar Part No. - GPS

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
GPS HARRIS-GPS Datasheet
265Kb / 2P
   GPS Speaker Microphone
logo
Advantech Co., Ltd.
GPS-100 ADVANTECH-GPS-100 Datasheet
321Kb / 1P
   Embedded GPS Module with Patch Antenna
GPS-101 ADVANTECH-GPS-101 Datasheet
321Kb / 1P
   Embedded GPS Module with Patch Antenna
GPS-102 ADVANTECH-GPS-102 Datasheet
314Kb / 1P
   GPS Module with Dead Reckoning Sensor
GPS-106 ADVANTECH-GPS-106 Datasheet
314Kb / 1P
   GPS Module with Dead Reckoning Sensor
More results

Similar Description - GPS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3925HFP-C ROHM-BD3925HFP-C Datasheet
136Kb / 5P
   Voltage Tracker
BD3925FP-C ROHM-BD3925FP-C Datasheet
346Kb / 10P
   Voltage Tracker
logo
SHENZHEN KYL COMMUNICAT...
KYL-GPS KYL-KYL-GPS Datasheet
615Kb / 10P
   Vehicle Tracker
logo
Infineon Technologies A...
TLE4251 INFINEON-TLE4251 Datasheet
110Kb / 12P
   Low Drop Voltage Tracker
Rev. 2.4 2001-05-07
logo
Analog Devices
HMC1120LP4E AD-HMC1120LP4E Datasheet
6Mb / 28P
   RMS POWER DETECTOR ENVELOPE TRACKER
logo
Rohm
BD42530XXX-C ROHM-BD42530XXX-C Datasheet
1Mb / 30P
   250 mA Output Voltage Tracker
08.Nov.2021 Rev.004
logo
Infineon Technologies A...
TLS115B0 INFINEON-TLS115B0 Datasheet
994Kb / 25P
   High Precision Voltage Tracker
Rev. 1.00 2016-10-13
TLS105B0 INFINEON-TLS105B0 Datasheet
1Mb / 22P
   High Precision Voltage Tracker
Rev. 1.0 2018-01-22
TLS115D0 INFINEON-TLS115D0 Datasheet
1Mb / 26P
   High Precision Voltage Tracker
Rev. 1.00 2016-10-13
TLS102B0 INFINEON-TLS102B0 Datasheet
1Mb / 22P
   High Precision Voltage Tracker
Rev. 1.0 2018-01-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com