Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5645 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # 2SC5645
Description  UHF to S Band Low-Noise Amplifier and OSC Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5645 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  2SC5645 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5645 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5645 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5645 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5645 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5645 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SC5645
No.6588-5/6
VCE=3V, IC=5mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.839
--31.1
11.349
155.2
0.040
70.9
0.916
--22.0
400
0.723
--56.3
9.627
135.7
0.070
61.0
0.787
--38.3
600
0.610
--77.4
8.210
119.8
0.087
51.7
0.661
--50.6
800
0.535
--91.6
6.749
109.4
0.101
48.1
0.583
--58.0
1000
0.468
--106.1
5.728
101.1
0.107
47.9
0.507
--64.8
1200
0.435
--114.5
4.939
94.3
0.117
45.9
0.469
--68.7
1400
0.418
--122.7
4.335
88.5
0.127
45.9
0.429
--72.7
1600
0.394
--130.6
3.867
83.3
0.134
46.4
0.399
--75.7
1800
0.376
--138.2
3.497
78.6
0.141
46.4
0.390
--78.5
2000
0.364
--145.6
3.179
74.5
0.149
47.2
0.373
--80.8
2200
0.358
--150.0
2.907
70.0
0.158
47.8
0.377
--82.1
2400
0.354
--154.6
2.674
66.6
0.165
47.4
0.378
--85.6
2600
0.349
--157.2
2.513
62.5
0.172
47.9
0.356
--84.6
2800
0.342
--160.6
2.357
59.6
0.185
50.0
0.373
--81.1
3000
0.343
--163.4
2.253
56.6
0.196
49.0
0.435
--85.5
VCE=3V, IC=10mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.743
--42.4
16.570
147.1
0.038
66.4
0.850
--29.2
400
0.599
--72.5
12.565
125.5
0.060
57.3
0.657
--48.1
600
0.492
--95.5
9.637
111.5
0.071
53.1
0.526
--58.7
800
0.433
--111.2
7.714
102.1
0.082
51.5
0.447
--65.4
1000
0.396
--123.7
6.393
94.8
0.092
52.8
0.395
--70.6
1200
0.370
--133.7
5.443
89.1
0.101
52.2
0.359
--74.2
1400
0.359
--142.1
4.722
84.3
0.110
52.9
0.335
--76.6
1600
0.349
--149.7
4.192
79.5
0.122
54.0
0.319
--78.9
1800
0.343
--154.2
3.770
75.4
0.131
54.6
0.313
--81.4
2000
0.343
--159.3
3.434
71.4
0.142
54.5
0.309
--82.7
2200
0.337
--164.0
3.140
67.5
0.151
55.3
0.311
--84.0
2400
0.337
--168.2
2.910
64.4
0.163
54.4
0.315
--88.0
2600
0.332
--171.4
2.696
60.8
0.173
55.2
0.295
--86.2
2800
0.328
--173.4
2.516
58.1
0.186
55.3
0.313
--81.2
3000
0.330
--176.3
2.401
55.4
0.197
53.9
0.376
--86.3
VCE=3V, IC=20mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.622
--56.3
20.099
139.6
0.033
62.8
0.767
--35.4
400
0.482
--92.2
13.906
117.8
0.048
55.9
0.554
--53.5
600
0.414
--115.1
10.166
105.0
0.061
55.5
0.431
--62.3
800
0.378
--130.3
7.947
96.7
0.072
56.2
0.361
--67.1
1000
0.360
--141.1
6.534
90.5
0.082
57.9
0.323
--71.0
1200
0.348
--149.9
5.513
85.3
0.093
58.4
0.297
--73.7
1400
0.348
--156.3
4.777
80.7
0.103
59.5
0.284
--76.1
1600
0.343
--161.7
4.214
76.6
0.115
60.1
0.278
--77.8
1800
0.342
--166.9
3.800
72.6
0.127
59.9
0.274
--80.3
2000
0.341
--170.7
3.435
69.0
0.138
60.3
0.277
--81.6
2200
0.342
--174.6
3.140
65.5
0.149
59.8
0.282
--82.7
2400
0.343
--177.5
2.898
62.3
0.162
59.2
0.287
--86.8
2600
0.339
--179.8
2.700
58.9
0.171
59.3
0.270
--84.6
2800
0.337
178.0
2.512
56.3
0.186
58.6
0.293
--79.2
3000
0.339
175.6
2.399
53.8
0.200
57.7
0.355
--85.1


Similar Part No. - 2SC5645

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5646 SANYO-2SC5646 Datasheet
31Kb / 6P
   UHF to S Band Low-Noise Amplifier andOSC Applications
2SC5646A SANYO-2SC5646A Datasheet
61Kb / 7P
   UHF to S-Band Low-Noise Amplifier, OSC Applications
2SC5646A SANYO-2SC5646A Datasheet
444Kb / 9P
   UHF to S-Band Low-Noise Amplifier, OSC Applications
logo
ON Semiconductor
2SC5646A ONSEMI-2SC5646A Datasheet
437Kb / 9P
   RF Transistor 4V, 30mA, fT=12.5GHz, NPN Single SSFP
August, 2013
2SC5646A-TL-H ONSEMI-2SC5646A-TL-H Datasheet
437Kb / 9P
   RF Transistor 4V, 30mA, fT=12.5GHz, NPN Single SSFP
August, 2013
More results

Similar Description - 2SC5645

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EC4H07CA SANYO-EC4H07CA Datasheet
64Kb / 7P
   UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5782 SANYO-2SC5782 Datasheet
42Kb / 7P
   UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5540 SANYO-2SC5540 Datasheet
30Kb / 3P
   UHF to S Band Low-Noise Amplifier and OSC Applications
EC3H07BA SANYO-EC3H07BA Datasheet
99Kb / 7P
   UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5647 SANYO-2SC5647 Datasheet
36Kb / 7P
   UHF to S Band Low-Noise Amplifier and OSC Applications
EC3H07B SANYO-EC3H07B Datasheet
33Kb / 6P
   UHF to S Band Low-Noise Amplifier and OSC Applications
EC3H06B SANYO-EC3H06B Datasheet
44Kb / 5P
   UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5646A SANYO-2SC5646A_12 Datasheet
444Kb / 9P
   UHF to S-Band Low-Noise Amplifier, OSC Applications
2SC5245A SANYO-2SC5245A_12 Datasheet
458Kb / 8P
   UHF to S-Band Low-Noise Amplifier OSC Applications
2SC5245A SANYO-2SC5245A Datasheet
63Kb / 6P
   UHF to S-Band Low-Noise Amplifier OSC Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com